Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MPSW45 Datasheet(PDF) 1 Page - Motorola, Inc

Part No. MPSW45
Description  One Watt Darlington Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MPSW45 Datasheet(HTML) 1 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
One Watt Darlington Transistors
NPN Silicon
MAXIMUM RATINGS
Rating
Symbol
MPSW45
MPSW45A
Unit
Collector – Emitter Voltage
VCES
40
50
Vdc
Collector – Base Voltage
VCBO
50
60
Vdc
Emitter – Base Voltage
VEBO
12
12
Vdc
Collector Current — Continuous
IC
1.0
1.0
Adc
Total Device Dissipation @ TA = 25°C
Derate above 25
°C
PD
1.0
8.0
Watts
mW/
°C
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
2.5
20
Watts
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient
RqJA
125
°C/W
Thermal Resistance, Junction to Case
RqJC
50
°C/W
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector – Emitter Breakdown Voltage
(IC = 100 µAdc, VBE = 0)
MPSW45
MPSW45A
V(BR)CES
40
50
Vdc
Collector – Base Breakdown Voltage
(IC = 100 mAdc, IE = 0)
MPSW45
MPSW45A
V(BR)CBO
50
60
Vdc
Emitter – Base Breakdown Voltage
(IE = 10 mAdc, IC = 0)
V(BR)EBO
12
Vdc
Collector Cutoff Current
(VCB = 30 Vdc, IE = 0)
MPSW45
(VCB = 40 Vdc, IE = 0)
MPSW45A
ICBO
100
100
nAdc
Emitter Cutoff Current
(VEB = 10 Vdc, IC = 0)
IEBO
100
nAdc
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by MPSW45/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MPSW45
MPSW45A
CASE 29–05, STYLE 1
TO–92 (TO–226AE)
1
2
3
*
*Motorola Preferred Device
© Motorola, Inc. 1996
COLLECTOR 3
BASE
2
EMITTER 1


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn