Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-TS101SAB2-100 Datasheet(PDF) 21 Page - Analog Devices

Part # ADSP-TS101SAB2-100
Description  TigerSHARC Embedded Processor
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-TS101SAB2-100 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADSP-TS101SAB2-100 Datasheet HTML 17Page - Analog Devices ADSP-TS101SAB2-100 Datasheet HTML 18Page - Analog Devices ADSP-TS101SAB2-100 Datasheet HTML 19Page - Analog Devices ADSP-TS101SAB2-100 Datasheet HTML 20Page - Analog Devices ADSP-TS101SAB2-100 Datasheet HTML 21Page - Analog Devices ADSP-TS101SAB2-100 Datasheet HTML 22Page - Analog Devices ADSP-TS101SAB2-100 Datasheet HTML 23Page - Analog Devices ADSP-TS101SAB2-100 Datasheet HTML 24Page - Analog Devices ADSP-TS101SAB2-100 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
ADSP-TS101S
Rev. C
|
Page 21 of 48
|
May 2009
ABSOLUTE MAXIMUM RATINGS
Stresses greater than those listed in Table 19 may cause perma-
nent damage to the device. These are stress ratings only;
functional operation of the device at these or any other condi-
tions greater than those indicated in the operational sections of
this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device
reliability.
ESD CAUTION
PACKAGE INFORMATION
The information presented in Figure 7 provide details about the
package branding for the ADSP-TS101S processors. For a com-
plete listing of product availability, see Ordering Guide on
Page 45.
TIMING SPECIFICATIONS
With the exception of link port, IRQ3–0, DMAR3–0, TMR0E,
FLAG3–0 (input), and TRST pins, all ac timing for the ADSP-
TS101S is relative to a reference clock edge. Because input
setup/hold, output valid/hold, and output enable/disable times
are relative to a clock edge, the timing data for the ADSP-
TS101S has few calculated (formula-based) values. For informa-
tion on ac timing, see General AC Timing. For information on
link port transfer timing, see Link Ports Data Transfer and
Token Switch Timing on Page 29.
General AC Timing
Timing is measured on signals when they cross the 1.5 V level as
described in Figure 16 on Page 28. All delays (in nanoseconds)
are measured between the point that the first signal reaches
1.5 V and the point that the second signal reaches 1.5 V.
The ac asynchronous timing data for the IRQ3–0, DMAR3–0,
TMR0E, FLAG3–0 (input), and TRST pins appears in Table 21.
The general ac timing data appears in Table 21, Table 29, and
Table 30. All ac specifications are measured with the load speci-
fied in Figure 8, and with the output drive strength set to
strength 4. Output valid and hold are based on standard capaci-
tive loads: 30 pF on all pins. The delay and hold specifications
given should be derated by a drive strength related factor for
loads other than the nominal value of 30 pF.
In order to calculate the output valid and hold times for differ-
ent load conditions and/or output drive strengths, refer to
Figure 32 on Page 34 through Figure 39 on Page 36 (Rise and
Fall Time vs. Load Capacitance) and Figure 40 on Page 36 (Out-
put Valid vs. Load Capacitance and Drive Strength).
Table 17. Absolute Maximum Ratings
Parameter
Rating
Internal (Core) Supply Voltage (VDDINT)
–0.3 V to +1.40 V
Analog (PLL) Supply Voltage (VDD_A)
–0.3 V to +1.40 V
External (I/O) Supply Voltage (VDDEXT)
–0.3 V to +4.6 V
Input Voltage
–0.5 V to V
DD
_IO + 0.5 V
Output Voltage Swing
–0.5 V to V
DD
_IO + 0.5 V
Storage Temperature Range
–65
C to +150C
Figure 7. Typical Package Brand
ESD (electrostatic discharge) sensitive device.
Charged devices and circuit boards can discharge
without detection. Although this product features
patented or proprietary protection circuitry, damage
may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to
avoid performance degradation or loss of functionality.
LLLLLLLLL-L 2.0
tppZ-ccc
T
ADSP-TS101S
a
yyww country_of_origin
vvvvv
Table 18. Package Brand Information
Brand Key
Field Description
t
Temperature Range
pp
Package Type
Z
Lead Free Option (optional)
ccc
See Ordering Guide
LLLLLLLLL-L
Silicon Lot Number
R.R
Silicon Revision
yyww
Date Code
vvvvvv
Assembly Lot Code
Figure 8. Equivalent Device Loading for AC Measurements
(Includes All Fixtures)
1.5V
TO
OUTPUT
PIN
30pF
50


Similar Part No. - ADSP-TS101SAB2-100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-TS101SAB2-100 AD-ADSP-TS101SAB2-100 Datasheet
827Kb / 44P
   Embedded Processor
REV. A
More results

Similar Description - ADSP-TS101SAB2-100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-TS101SAB1Z100 AD-ADSP-TS101SAB1Z100 Datasheet
685Kb / 48P
   TigerSHARC Embedded Processor
REV. C
ADSP-TS203S AD-ADSP-TS203S Datasheet
609Kb / 40P
   TigerSHARC Embedded Processor
Rev. PrB
ADSP-2101BS-100 AD-ADSP-2101BS-100 Datasheet
667Kb / 48P
   TigerSHARC Embedded Processor
REV. B
ADSP-TS101S AD-ADSP-TS101S_15 Datasheet
685Kb / 48P
   TigerSHARC Embedded Processor
Rev. C
ADSP-TS202S AD-ADSP-TS202S Datasheet
615Kb / 40P
   TigerSHARC Embedded Processor
Rev. PrB
ADSP-TS202S AD-ADSP-TS202S_06 Datasheet
1Mb / 48P
   TigerSHARC Embedded Processor
REV. C
ADSP-TS201S AD-ADSP-TS201S_06 Datasheet
1Mb / 48P
   TigerSHARC-R Embedded Processor
Rev. C
ADSP-TS201S AD-ADSP-TS201S Datasheet
547Kb / 40P
   TigerSHARC-R Embedded Processor
Rev. PrH
ADSP-BF542 AD-ADSP-BF542 Datasheet
1Mb / 64P
   Embedded Processor
Rev. PrG
logo
Applied Micro Circuits ...
405EXR AMCC-405EXR Datasheet
176Kb / 2P
   Embedded Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com