Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-TS101SAB2-000 Datasheet(PDF) 43 Page - Analog Devices

Part # ADSP-TS101SAB2-000
Description  TigerSHARC Embedded Processor
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-TS101SAB2-000 Datasheet(HTML) 43 Page - Analog Devices

Back Button ADSP-TS101SAB2-000 Datasheet HTML 39Page - Analog Devices ADSP-TS101SAB2-000 Datasheet HTML 40Page - Analog Devices ADSP-TS101SAB2-000 Datasheet HTML 41Page - Analog Devices ADSP-TS101SAB2-000 Datasheet HTML 42Page - Analog Devices ADSP-TS101SAB2-000 Datasheet HTML 43Page - Analog Devices ADSP-TS101SAB2-000 Datasheet HTML 44Page - Analog Devices ADSP-TS101SAB2-000 Datasheet HTML 45Page - Analog Devices ADSP-TS101SAB2-000 Datasheet HTML 46Page - Analog Devices ADSP-TS101SAB2-000 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
ADSP-TS101S
Rev. C
|
Page 43 of 48
|
May 2009
OUTLINE DIMENSIONS
The ADSP-TS101S is available in a 19 mm × 19 mm, 484-ball
PBGA package with 22 rows of balls (B-484); the DSP also is
available in a 27 mm × 27 mm, 625-ball PBGA package with
25 rows of balls (B-625).
Figure 43. 484-Ball PBGA (B-484)
1
3
5
7
9
11
15
13
17
19
21
2
4
6
8
10
12
14
16
20 18
22
R
P
N
M
L
K
J
H
G
F
E
D
C
B
A
Y
AA
AB
W
V
U
T
0.80
BSC
SQ
BALL
PITCH
1.10
BSC
19.10
19.00 SQ
18.90
16.80
BSC
SQ
19.10
19.00
18.90
19.10
19.00
18.90
17.05
16.95
16.85
TOP VIEW
2.50 MAX
DETAIL A
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. THE ACTUAL POSITION OF THE BALL GRID IS WITHIN 0.25 mm OF ITS IDEAL
POSITION RELATIVE TO THE PACKAGE EDGES.
3. CENTER DIMENSIONS ARE NOMINAL.
SEATING PLANE
1.30 MAX
0.20 MAX
DETAIL A
0.55
0.50
0.45
BALL DIAMETER
0.65
0.55
0.45
0.40 MIN
17.05
16.95
16.85
BOTTOM VIEW
1.10
BSC


Similar Part No. - ADSP-TS101SAB2-000

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-TS101SAB2-000 AD-ADSP-TS101SAB2-000 Datasheet
827Kb / 44P
   Embedded Processor
REV. A
More results

Similar Description - ADSP-TS101SAB2-000

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-TS101SAB1Z100 AD-ADSP-TS101SAB1Z100 Datasheet
685Kb / 48P
   TigerSHARC Embedded Processor
REV. C
ADSP-TS203S AD-ADSP-TS203S Datasheet
609Kb / 40P
   TigerSHARC Embedded Processor
Rev. PrB
ADSP-2101BS-100 AD-ADSP-2101BS-100 Datasheet
667Kb / 48P
   TigerSHARC Embedded Processor
REV. B
ADSP-TS101S AD-ADSP-TS101S_15 Datasheet
685Kb / 48P
   TigerSHARC Embedded Processor
Rev. C
ADSP-TS202S AD-ADSP-TS202S Datasheet
615Kb / 40P
   TigerSHARC Embedded Processor
Rev. PrB
ADSP-TS202S AD-ADSP-TS202S_06 Datasheet
1Mb / 48P
   TigerSHARC Embedded Processor
REV. C
ADSP-TS201S AD-ADSP-TS201S_06 Datasheet
1Mb / 48P
   TigerSHARC-R Embedded Processor
Rev. C
ADSP-TS201S AD-ADSP-TS201S Datasheet
547Kb / 40P
   TigerSHARC-R Embedded Processor
Rev. PrH
ADSP-BF542 AD-ADSP-BF542 Datasheet
1Mb / 64P
   Embedded Processor
Rev. PrG
logo
Applied Micro Circuits ...
405EXR AMCC-405EXR Datasheet
176Kb / 2P
   Embedded Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com