Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADR360 Datasheet(PDF) 9 Page - Analog Devices

Part # ADR360
Description  Low Power, Low Noise Voltage References with Sink/Source Capability
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR360 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADR360_10 Datasheet HTML 5Page - Analog Devices ADR360_10 Datasheet HTML 6Page - Analog Devices ADR360_10 Datasheet HTML 7Page - Analog Devices ADR360_10 Datasheet HTML 8Page - Analog Devices ADR360_10 Datasheet HTML 9Page - Analog Devices ADR360_10 Datasheet HTML 10Page - Analog Devices ADR360_10 Datasheet HTML 11Page - Analog Devices ADR360_10 Datasheet HTML 12Page - Analog Devices ADR360_10 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADR360/ADR361/ADR363/ADR364/ADR365/ADR366
Rev. D | Page 9 of 20
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 8.
Parameter
Rating
Supply Voltage
18 V
Output Short-Circuit Duration to GND
VIN < 15 V
Indefinite
VIN > 15 V
10 sec
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +125°C
Junction Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 60 sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θ
JA
is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 9. Thermal Resistance
Package Type
θJA
θJC
Unit
5-Lead TSOT (UJ)
230
146
°C/W
ESD CAUTION


Similar Part No. - ADR360_10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR360A AD-ADR360A Datasheet
671Kb / 20P
   Low Power, Low Noise Voltage References with Sink/Source Capability
REV. A
ADR360AUJZ-REEL7 AD-ADR360AUJZ-REEL7 Datasheet
671Kb / 20P
   Low Power, Low Noise Voltage References with Sink/Source Capability
REV. A
ADR360B AD-ADR360B Datasheet
671Kb / 20P
   Low Power, Low Noise Voltage References with Sink/Source Capability
REV. A
ADR360BUJZ-REEL7 AD-ADR360BUJZ-REEL7 Datasheet
671Kb / 20P
   Low Power, Low Noise Voltage References with Sink/Source Capability
REV. A
More results

Similar Description - ADR360_10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR360 AD-ADR360 Datasheet
671Kb / 20P
   Low Power, Low Noise Voltage References with Sink/Source Capability
REV. A
ADR430 AD-ADR430 Datasheet
868Kb / 24P
   Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. B
ADR430 AD-ADR430_11 Datasheet
1Mb / 24P
   Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
ADR435BRMZ AD-ADR435BRMZ Datasheet
1Mb / 24P
   Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
ADR431BRMZ AD-ADR431BRMZ Datasheet
1Mb / 24P
   Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
ADR434TRZ-EP AD-ADR434TRZ-EP Datasheet
1Mb / 24P
   Ultralow Noise XFET Voltage References ith Current Sink and Source Capability
Rev. J
ADR440 AD-ADR440_10 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR440 AD-ADR440_15 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR441 AD-ADR441_15 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR445 AD-ADR445_15 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com