Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM6711RAKSZ-REEL Datasheet(PDF) 5 Page - Analog Devices

Part # ADM6711RAKSZ-REEL
Description  Microprocessor Supervisory Circuit in 4-Lead SC70
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6711RAKSZ-REEL Datasheet(HTML) 5 Page - Analog Devices

  ADM6711RAKSZ-REEL Datasheet HTML 1Page - Analog Devices ADM6711RAKSZ-REEL Datasheet HTML 2Page - Analog Devices ADM6711RAKSZ-REEL Datasheet HTML 3Page - Analog Devices ADM6711RAKSZ-REEL Datasheet HTML 4Page - Analog Devices ADM6711RAKSZ-REEL Datasheet HTML 5Page - Analog Devices ADM6711RAKSZ-REEL Datasheet HTML 6Page - Analog Devices ADM6711RAKSZ-REEL Datasheet HTML 7Page - Analog Devices ADM6711RAKSZ-REEL Datasheet HTML 8Page - Analog Devices ADM6711RAKSZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet
ADM6711/ADM6713
Rev. B | Page 5 of 12
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3. RESET Threshold Options
Table 2.
Parameter
Rating
VCC
−0.3 V to +6 V
RESET (Push-Pull)
−0.3 V to (VCC + 0.3 V)
RESET (Open-Drain)
−0.3 V to +6 V
MR
−0.3 V to (VCC + 0.3 V)
Input Current
VCC, MR
20 mA
Output Current
RESET
20 mA
Rate of Rise, VCC
100 V/μs
θJA Thermal Impedance, SC70
146°C/W
Operating Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 10 sec)
300°C
Model
RESET Threshold (V)
ADM671_L
4.63
ADM671_M
4.38
ADM671_T
3.08
ADM671_S
2.93
ADM671_R
2.63
ADM671_Z
2.32
ESD CAUTION
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.


Similar Part No. - ADM6711RAKSZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6711RAKS AD-ADM6711RAKS Datasheet
155Kb / 8P
   Microprocessor Supervisory Circuit in 4-Lead SC70
REV. 0
More results

Similar Description - ADM6711RAKSZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6384 AD-ADM6384_15 Datasheet
207Kb / 12P
   Microprocessor Supervisory Circuit in 4-Lead SC70
Rev. C
ADM6711 AD-ADM6711 Datasheet
155Kb / 8P
   Microprocessor Supervisory Circuit in 4-Lead SC70
REV. 0
ADM6384 AD-ADM6384 Datasheet
176Kb / 12P
   Microprocessor Supervisory Circuit in 4-Lead SC70
REV. 0
ADM810 AD-ADM810_15 Datasheet
212Kb / 11P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. I
ADM803 AD-ADM803 Datasheet
132Kb / 12P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
REV. C
ADM809LAKSZ-REEL7 AD-ADM809LAKSZ-REEL7 Datasheet
309Kb / 12P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. H
ADM809 AD-ADM809_15 Datasheet
212Kb / 11P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. I
ADM803 AD-ADM803_15 Datasheet
212Kb / 11P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. I
ADM803 AD-ADM803_08 Datasheet
309Kb / 12P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. H
ADM812 AD-ADM812_15 Datasheet
178Kb / 12P
   Microprocessor Supervisory Circuit in 4-Lead SOT-143 with DSP
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com