Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDZ2551N Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDZ2551N
Description  Dual N-Channel 2.5V Specified PowerTrenchTM BGA MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDZ2551N Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDZ2551N Datasheet HTML 1Page - Fairchild Semiconductor FDZ2551N Datasheet HTML 2Page - Fairchild Semiconductor FDZ2551N Datasheet HTML 3Page - Fairchild Semiconductor FDZ2551N Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
November 1999
ADVANCE INFORMATION
1999 Fairchild Semiconductor Corporation
FDZ2551N Rev A1(W)
FDZ2551N
Dual N-Channel 2.5V Specified PowerTrench
TM BGA MOSFET
General Description
Combining
Fairchild’s
advanced
2.5V
specified
PowerTrench process with state of the art BGA
packaging, the FDZ2551N minimizes both PCB space
and RDS(ON).
This dual BGA MOSFET embodies a
breakthrough in packaging technology which enables
the device to combine excellent thermal transfer
characteristics, high current handling capability, ultra-
low profile packaging, low gate charge, and low RDS(ON).
Applications
•= Battery management
•= Load switch
•= Battery protection
Features
•= 9 A, 20 V.
RDS(ON) = 0.018
=@ V
GS = 4.5 V
RDS(ON) = 0.030
Ω @ V
GS = 2.5 V.
•= Occupies only 0.10 cm2 of PCB area.
1/3 the area of SO-8.
•= Ultra-thin package: less than 0.70 mm height when
mounted to PCB.
•= Outstanding thermal transfer characteristics:
significantly better than SO-8.
•= Ultra-low Qg x RDS(ON) figure-of-merit.
•= High power and current handling capability.
Q2
Q1
Pin 1
G
S
D
D
S
S
S
D
S
S
S
S
G
S
S
D
D
D
Bottom
Pin 1
Top
S
S
G
G
D
Q1
Q2
Absolute Maximum Ratings
TA=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
20
V
VGSS
Gate-Source Voltage
±12
V
ID
Drain Current
– Continuous
(Note 1a)
9
A
– Pulsed
20
PD
Power Dissipation (Steady State)
(Note 1a)
3
W
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +175
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
50
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
8
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
F2551
FDZ2551N
TBD
TBD
TBD


Similar Part No. - FDZ2551N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDZ2552P FAIRCHILD-FDZ2552P Datasheet
52Kb / 4P
   Dual P-Channel 2.5V Specified PowerTrenchTM BGA MOSFET
FDZ2553N FAIRCHILD-FDZ2553N Datasheet
199Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench
FDZ2553NZ FAIRCHILD-FDZ2553NZ Datasheet
155Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench BGA MOSFET
FDZ2554P FAIRCHILD-FDZ2554P Datasheet
183Kb / 6P
   Monolithic Common Drain P-Channel 2.5V Specified PowerTrench
FDZ2554P FAIRCHILD-FDZ2554P Datasheet
222Kb / 6P
   Monolithic Common Drain P-Channel 2.5V Specified PowerTrench BGA MOSFET
More results

Similar Description - FDZ2551N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDZ201N FAIRCHILD-FDZ201N Datasheet
37Kb / 4P
   N-Channel 2.5V Specified PowerTrenchTM BGA MOSFET
FDZ2552P FAIRCHILD-FDZ2552P Datasheet
52Kb / 4P
   Dual P-Channel 2.5V Specified PowerTrenchTM BGA MOSFET
FDC6305N FAIRCHILD-FDC6305N Datasheet
246Kb / 8P
   Dual N-Channel 2.5V Specified PowerTrenchTM MOSFET
FDZ202P FAIRCHILD-FDZ202P Datasheet
35Kb / 4P
   P-Channel 2.5V Specified PowerTrenchTM BGA MOSFET
FDS6890A FAIRCHILD-FDS6890A Datasheet
241Kb / 8P
   Dual N-Channel 2.5V Specified PowerTrenchTM MOSFET
FDC6327C FAIRCHILD-FDC6327C Datasheet
323Kb / 12P
   Dual N & P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDN335N FAIRCHILD-FDN335N Datasheet
210Kb / 8P
   N-Channel 2.5V Specified PowerTrenchTM MOSFET
FDC637AN FAIRCHILD-FDC637AN Datasheet
240Kb / 8P
   Single N-Channel, 2.5V Specified PowerTrenchTM MOSFET
FDS6875 FAIRCHILD-FDS6875 Datasheet
194Kb / 8P
   Dual P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDC640P FAIRCHILD-FDC640P Datasheet
261Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com