Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDZ208P Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDZ208P
Description  P-Channel 30 Volt PowerTrench BGA MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDZ208P Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDZ208P Datasheet HTML 1Page - Fairchild Semiconductor FDZ208P Datasheet HTML 2Page - Fairchild Semiconductor FDZ208P Datasheet HTML 3Page - Fairchild Semiconductor FDZ208P Datasheet HTML 4Page - Fairchild Semiconductor FDZ208P Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
FDZ208P Rev D (W)
Typical Characteristics
0
15
30
45
60
0
0.5
1
1.5
2
2.5
3
-VDS, DRAIN-SOURCE VOLTAGE (V)
-3.0V
-3.5V
-4.5V
VGS =-10V
-6.0V
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
0
15
30
45
60
-ID, DRAIN CURRENT (A)
VGS = -3.5V
-6.0V
-5.0V
-10V
-4.5V
-8.0V
-4.0V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.6
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (
oC)
ID = -12.5A
VGS = -10V
0.005
0.015
0.025
0.035
0.045
2
4
6
8
10
-VGS, GATE TO SOURCE VOLTAGE (V)
ID = -12.5A
TA = 125
oC
TA = 25
oC
Figure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
15
30
45
60
1
1.5
2
2.5
3
3.5
4
-VGS, GATE TO SOURCE VOLTAGE (V)
TA = -55
oC
25oC
125oC
VDS = -5V
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
-VSD, BODY DIODE FORWARD VOLTAGE (V)
TA = 125
oC
25oC
-55oC
VGS = 0V
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.


Similar Part No. - FDZ208P

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FDZ20 FS-FDZ20 Datasheet
259Kb / 3P
   Zener Diode
logo
Fairchild Semiconductor
FDZ201N FAIRCHILD-FDZ201N Datasheet
37Kb / 4P
   N-Channel 2.5V Specified PowerTrenchTM BGA MOSFET
FDZ201N FAIRCHILD-FDZ201N Datasheet
177Kb / 6P
   N-Channel 2.5V Specified PowerTrench BGA MOSFET
FDZ201N FAIRCHILD-FDZ201N_04 Datasheet
177Kb / 6P
   N-Channel 2.5V Specified PowerTrench BGA MOSFET
FDZ202P FAIRCHILD-FDZ202P Datasheet
35Kb / 4P
   P-Channel 2.5V Specified PowerTrenchTM BGA MOSFET
More results

Similar Description - FDZ208P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6679 FAIRCHILD-FDS6679 Datasheet
69Kb / 5P
   30 Volt P-Channel PowerTrench MOSFET
FDS6681Z FAIRCHILD-FDS6681Z Datasheet
108Kb / 6P
   30 Volt P-Channel PowerTrench MOSFET
FDS7779Z FAIRCHILD-FDS7779Z Datasheet
318Kb / 5P
   30 Volt P-Channel PowerTrench MOSFET
FDS7079ZN3 FAIRCHILD-FDS7079ZN3 Datasheet
183Kb / 6P
   30 Volt P-Channel PowerTrench MOSFET
FDS6679Z FAIRCHILD-FDS6679Z Datasheet
66Kb / 5P
   30 Volt P-Channel PowerTrench MOSFET
FDS4435BZ FAIRCHILD-FDS4435BZ Datasheet
94Kb / 4P
   30 Volt P-Channel PowerTrench MOSFET
FDS6673AZ FAIRCHILD-FDS6673AZ Datasheet
130Kb / 5P
   30 Volt P-Channel PowerTrench MOSFET
FDS4935BZ FAIRCHILD-FDS4935BZ Datasheet
154Kb / 5P
   Dual 30 Volt P-Channel PowerTrench MOSFET
FDZ204P FAIRCHILD-FDZ204P_04 Datasheet
169Kb / 6P
   P-Channel 2.5V Specified PowerTrench BGA MOSFET
FDZ202P FAIRCHILD-FDZ202P_04 Datasheet
169Kb / 6P
   P-Channel 2.5V Specified PowerTrench BGA MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com