Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC18F86J11 Datasheet(PDF) 9 Page - Microchip Technology

Part # PIC18F86J11
Description  64/80-Pin, High-Performance, 1-Mbit Flash Microcontrollers
Download  466 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F86J11 Datasheet(HTML) 9 Page - Microchip Technology

Back Button PIC18F86J11 Datasheet HTML 5Page - Microchip Technology PIC18F86J11 Datasheet HTML 6Page - Microchip Technology PIC18F86J11 Datasheet HTML 7Page - Microchip Technology PIC18F86J11 Datasheet HTML 8Page - Microchip Technology PIC18F86J11 Datasheet HTML 9Page - Microchip Technology PIC18F86J11 Datasheet HTML 10Page - Microchip Technology PIC18F86J11 Datasheet HTML 11Page - Microchip Technology PIC18F86J11 Datasheet HTML 12Page - Microchip Technology PIC18F86J11 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 466 page
background image
 2007-2012 Microchip Technology Inc.
DS39778E-page 9
PIC18F87J11 FAMILY
TABLE 1-1:
DEVICE FEATURES FOR THE PIC18F6XJ1X (64-PIN DEVICES)
TABLE 1-2:
DEVICE FEATURES FOR THE PIC18F8XJ1X (80-PIN DEVICES)
Features
PIC18F66J11
PIC18F66J16
PIC18F67J11
Operating Frequency
DC – 48 MHz
DC – 48 MHz
DC – 48 MHz
Program Memory (Bytes)
64K
96K
128K
Program Memory (Instructions)
32768
49152
65536
Data Memory (Bytes)
3904
3904
3904
Interrupt Sources
29
I/O Ports
Ports A, B, C, D, E, F, G
Timers
5
Capture/Compare/PWM Modules
2
Enhanced Capture/Compare/PWM Modules
3
Serial Communications
MSSP (2), Enhanced USART (2)
Parallel Communications (PMP)
Yes
10-Bit Analog-to-Digital Module
11 Input Channels
Resets (and Delays)
POR, BOR, RESET Instruction, Stack Full, Stack Underflow, MCLR, WDT
(PWRT, OST)
Instruction Set
75 Instructions, 83 with Extended Instruction Set Enabled
Packages
64-Pin TQFP
Features
PIC18F86J11
PIC18F86J16
PIC18F87J11
Operating Frequency
DC – 48 MHz
DC – 48 MHz
DC – 48 MHz
Program Memory (Bytes)
64K
96K
128K
Program Memory (Instructions)
32768
49152
65536
Data Memory (Bytes)
3904
3904
3904
Interrupt Sources
29
I/O Ports
Ports A, B, C, D, E, F, G, H, J
Timers
5
Capture/Compare/PWM Modules
2
Enhanced Capture/Compare/PWM Modules
3
Serial Communications
MSSP (2), Enhanced USART (2)
Parallel Communications (PMP)
Yes
10-Bit Analog-to-Digital Module
15 Input Channels
Resets (and Delays)
POR, BOR, RESET Instruction, Stack Full, Stack Underflow, MCLR, WDT
(PWRT, OST)
Instruction Set
75 Instructions, 83 with Extended Instruction Set Enabled
Packages
80-Pin TQFP


Similar Part No. - PIC18F86J11

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F86J11 MICROCHIP-PIC18F86J11 Datasheet
7Mb / 448P
   64/80-Pin High-Performance,1-Mbit Flash Microcontrollers with nanoWatt Technology
2007
PIC18F86J11 MICROCHIP-PIC18F86J11 Datasheet
782Kb / 78P
   Debug Header Specification
2006-2012
PIC18F86J11T-1 MICROCHIP-PIC18F86J11T-1 Datasheet
7Mb / 466P
   64/80-Pin, High-Performance, 1-Mbit Flash Microcontrollers
11/29/11
More results

Similar Description - PIC18F86J11

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F67J11T-I MICROCHIP-PIC18F67J11T-I Datasheet
7Mb / 466P
   64/80-Pin, High-Performance, 1-Mbit Flash Microcontrollers
11/29/11
PIC18F86K22-I MICROCHIP-PIC18F86K22-I Datasheet
4Mb / 550P
   64/80-Pin, High-Performance, 1-Mbit Enhanced Flash Microcontrollers
05/02/11
PIC18F87K22 MICROCHIP-PIC18F87K22_11 Datasheet
4Mb / 548P
   64/80-Pin, High-Performance, 1-Mbit Enhanced Flash Microcontrollers
2011
PIC18LF8622-I MICROCHIP-PIC18LF8622-I Datasheet
7Mb / 446P
   64/80-Pin, 1-Mbit, Enhanced Flash Microcontrollers
01/02/08
PIC18LF6527-I MICROCHIP-PIC18LF6527-I Datasheet
7Mb / 446P
   64/80-Pin, 1-Mbit, Enhanced Flash Microcontrollers
01/02/08
PIC18F97J60 MICROCHIP-PIC18F97J60 Datasheet
8Mb / 474P
   64/80/100-Pin, High-Performance, 1 Mbit Flash Microcontrollers with Ethernet
2006
PIC18F87J10 MICROCHIP-PIC18F87J10 Datasheet
3Mb / 394P
   64/80-Pin High-Performance, 1-Mbit Flash Microcontrollers with nanoWatt Technology
2005
PIC18F87J11 MICROCHIP-PIC18F87J11 Datasheet
7Mb / 448P
   64/80-Pin High-Performance,1-Mbit Flash Microcontrollers with nanoWatt Technology
2007
PIC18F97J60 MICROCHIP-PIC18F97J60_09 Datasheet
8Mb / 480P
   64/80/100-Pin, High-Performance, 1 Mbit Flash Microcontrollers with Ethernet
2009
PIC18F97J60 MICROCHIP-PIC18F97J60_11 Datasheet
3Mb / 492P
   64/80/100-Pin, High-Performance, 1-Mbit Flash Microcontrollers with Ethernet
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com