Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADM1232ARWZ1 Datasheet(PDF) 4 Page - Analog Devices

Part No. ADM1232ARWZ1
Description  Microprocessor Supervisory Circuit
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo AD - Analog Devices

ADM1232ARWZ1 Datasheet(HTML) 4 Page - Analog Devices

  ADM1232ARWZ1 Datasheet HTML 1Page - Analog Devices ADM1232ARWZ1 Datasheet HTML 2Page - Analog Devices ADM1232ARWZ1 Datasheet HTML 3Page - Analog Devices ADM1232ARWZ1 Datasheet HTML 4Page - Analog Devices ADM1232ARWZ1 Datasheet HTML 5Page - Analog Devices ADM1232ARWZ1 Datasheet HTML 6Page - Analog Devices ADM1232ARWZ1 Datasheet HTML 7Page - Analog Devices ADM1232ARWZ1 Datasheet HTML 8Page - Analog Devices ADM1232ARWZ1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADM1232
Rev. C | Page 4 of
12
ABSOLUTE MAXIMUM RATINGS
THERMAL RESISTANCE
TA = 25°C unless otherwise noted.
Table 2.
Parameter
Rating
VCC
5.5 V
Logic Inputs
−0.3 V to VCC + 0.3 V
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 10 sec)
300°C
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
Power Dissipation
N-81
1000 mW
RW-16, RM-82
900 mW
R-82
900 μW
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 3. Thermal Resistance
Package Type
θJA
Unit
8-Lead PDIP (N-8)
100
°C/W
16-Lead SOIC_W (RW-16)
73
°C/W
8-Lead MSOP (RM-8)
206
°C/W
8-Lead SOIC_N (R-8)
153
°C/W
ESD CAUTION
1 Derate by 13.5 mW/°C above 25°C.
2 Derate by 12 mW/°C above 25°C.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn