Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1485JRZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADM1485JRZ
Description  5 V Low Power EIA RS-485 Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1485JRZ Datasheet(HTML) 3 Page - Analog Devices

  ADM1485JRZ Datasheet HTML 1Page - Analog Devices ADM1485JRZ Datasheet HTML 2Page - Analog Devices ADM1485JRZ Datasheet HTML 3Page - Analog Devices ADM1485JRZ Datasheet HTML 4Page - Analog Devices ADM1485JRZ Datasheet HTML 5Page - Analog Devices ADM1485JRZ Datasheet HTML 6Page - Analog Devices ADM1485JRZ Datasheet HTML 7Page - Analog Devices ADM1485JRZ Datasheet HTML 8Page - Analog Devices ADM1485JRZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
REV.
ADM1485
–3–
ABSOLUTE MAXIMUM RATINGS
*
(TA = 25
°C, unless otherwise noted.)
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
Inputs
Driver Input (DI) . . . . . . . . . . . . . . . . –0.3 V to VCC + 0.3 V
Control Inputs (DE,
RE) . . . . . . . . . .–0.3 V to V
CC + 0.3 V
Receiver Inputs (A, B) . . . . . . . . . . . . . . . . . . –9 V to +14 V
Outputs
Driver Outputs (A, B) . . . . . . . . . . . . . . . . . . –9 V to +14 V
Receiver Output . . . . . . . . . . . . . . . . . –0.5 V to VCC + 0.5 V
Power Dissipation 8-Lead MSOP . . . . . . . . . . . . . . . 900 mW
θ
JA, Thermal Impedance
. . . . . . . . . . . . . . . . . . . 206
°C/W
Power Dissipation 8-Lead PDIP . . . . . . . . . . . . . . . . 500 mW
θJA, Thermal Impedance . . . . . . . . . . . . . . . . . . . 130°C/W
Power Dissipation 8-Lead SOIC . . . . . . . . . . . . . . . . 450 mW
θJA, Thermal Impedance . . . . . . . . . . . . . . . . . . . 170°C/W
Operating Temperature Range
Commercial (J Version) . . . . . . . . . . . . . . . . . . 0
°C to 70°C
Industrial (A Version) . . . . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . . 300
°C
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum ratings
for extended periods of time may affect device reliability.
PIN FUNCTION DESCRIPTIONS
Pin Mnemonic
Function
No.
1
RO
Receiver Output. When enabled if A > B
by 200 mV, then RO = High. If A < B by
200 mV, then RO = Low.
2
RE
Receiver Output Enable. A low level
enables the receiver output, RO. A high
level places it in a high impedance state.
3
DE
Driver Output Enable. A high level enables
the driver differential outputs, A and B. A low
level places it in a high impedance state.
4
DI
Driver Input. When the driver is enabled,
a logic low on DI forces A low and B high
while a logic high on DI forces A high and
B low.
5
GND
Ground Connection, 0 V.
6
A
Noninverting Receiver Input A/Driver
Output A.
7
B
Inverting Receiver Input B/Driver Output B
8VCC
Power Supply, 5 V
± 5%.
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
RO
RE
DE
VCC
B
A
GND
DI
ADM1485
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
ADM1485 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
Table I. Transmitting
Inputs
Outputs
DE
DI
B
A
11
0
1
10
1
0
0X
Z
Z
Table II. Receiving
Inputs
Outputs
RE
A-B
RO
0
≥ +0.2 V
1
0
≤ –0.2 V
0
0
Inputs Open
1
1X
Z


Similar Part No. - ADM1485JRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1485JRZ AD-ADM1485JRZ Datasheet
356Kb / 11P
   5 V Low Power EIA RS-485 Transceiver
REV. F
ADM1485JRZ-REEL AD-ADM1485JRZ-REEL Datasheet
356Kb / 11P
   5 V Low Power EIA RS-485 Transceiver
REV. F
More results

Similar Description - ADM1485JRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1485 AD-ADM1485 Datasheet
139Kb / 8P
   -5 V Low Power EIA RS-485 Transceiver
REV. A
ADM485 AD-ADM485 Datasheet
133Kb / 8P
   5 V Low Power EIA RS-485 Transceiver
REV. A
ADM1485 AD-ADM1485_15 Datasheet
356Kb / 11P
   5 V Low Power EIA RS-485 Transceiver
Rev. F
ADM485 AD-ADM485_V01 Datasheet
606Kb / 16P
   5 V Low Power EIA RS-485 Transceiver
Rev. F
ADM1485 AD-ADM1485_V01 Datasheet
356Kb / 11P
   5 V Low Power EIA RS-485 Transceiver
REV. F
ADM485 AD-ADM485_15 Datasheet
607Kb / 16P
   5 V Low Power EIA RS-485 Transceiver
Rev. F
logo
National Semiconductor ...
DS36C278 NSC-DS36C278 Datasheet
583Kb / 10P
   Low Power Multipoint EIA-RS-485 Transceiver
logo
Texas Instruments
DS36C278 TI1-DS36C278_14 Datasheet
862Kb / 16P
[Old version datasheet]   DS36C278 Low Power Multipoint EIA-RS-485 Transceiver
logo
Analog Devices
ADM3485E AD-ADM3485E_15 Datasheet
303Kb / 16P
   EIA RS-485/RS-422 Transceiver
Rev. D
ADM1486 AD-ADM1486 Datasheet
151Kb / 8P
   5 V Low Power RS-485 PROFIBUS Transceiver
REV Pr. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com