Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADM1232ARW-REEL Datasheet(PDF) 5 Page - Analog Devices

Part No. ADM1232ARW-REEL
Description  Microprocessor Supervisory Circuit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1232ARW-REEL Datasheet(HTML) 5 Page - Analog Devices

  ADM1232ARW-REEL Datasheet HTML 1Page - Analog Devices ADM1232ARW-REEL Datasheet HTML 2Page - Analog Devices ADM1232ARW-REEL Datasheet HTML 3Page - Analog Devices ADM1232ARW-REEL Datasheet HTML 4Page - Analog Devices ADM1232ARW-REEL Datasheet HTML 5Page - Analog Devices ADM1232ARW-REEL Datasheet HTML 6Page - Analog Devices ADM1232ARW-REEL Datasheet HTML 7Page - Analog Devices ADM1232ARW-REEL Datasheet HTML 8Page - Analog Devices ADM1232ARW-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADM1232
Rev. C | Page 5 of
12
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
NC 1
PB RESET 2
NC 3
TD 4
NC
16
VCC
15
NC
14
STROBE
13
NC 5
NC
12
TOLERANCE 6
RESET
11
NC 7
NC
10
GND 8
RESET
9
NC = NO CONNECT
ADM1232
TOP VIEW
(Not to Scale)
ADM1232
TOP VIEW
(Not to Scale)
Figure 3. RW-16 Pin Configuration
PB RESET 1
VCC
8
TD 2
STROBE
7
TOLERANCE 3
RESET
6
GND 4
RESET
5
Figure 4. RM-8 Pin Configuration
PB RESET 1
TD 2
TOLERANCE 3
GND 4
VCC
8
STROBE
7
RESET
6
ADM1232
TOP VIEW
(Not to Scale)
RESET
5
Figure 5. N-8 and R-8 Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
RW-16
N-8, R-8,
RM-8
1, 3, 5, 7,
10, 12,
14, 16
NC
No Connection.
2
1
PB RESET
Push-Button Reset Input. This debounced input ignores pulses of less than 1 ms and is
guaranteed to respond to pulses greater than 20 ms.
4
2
TD
Time Delay Set. This input allows the user to select the maximum amount of time that the
ADM1232 allows the STROBE input to remain inactive—that is, STROBE is not receiving any
high-to-low transitions—without forcing the ADM1232 to generate a RESET pulse.
See the
section,
, and the
Specifications
Figure 8
STROBE Timeout Selection section.
6
3
TOLERANCE
Tolerance Input. This input determines how much the supply voltage is allowed to decrease (as a
percentage) before a RESET is asserted. Connect this pin to VCC for 10% and to GND for 5%.
8
4
GND
0 V Ground Reference for All Signals.
9
5
RESET
Active High Logic Output. This pin is asserted when any of the following events occurs:
VCC decreases below the amount specified by the TOLERANCE input; when PB RESET is forced low;
if there are no high-to-low transitions within the limits set by TD at STROBE; and during power-up.
11
6
RESET
Inverse of RESET. This pin has an open-drain output.
13
7
STROBE
The STROBE input is used to monitor the activity of a microprocessor. If there are no high-to-low
transitions within the time specified by TD, a reset is asserted.
15
8
VCC
Power Supply Input, 5 V.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn