Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16F887 Datasheet(PDF) 24 Page - Microchip Technology

Part # PIC16F887
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers
Download  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F887 Datasheet(HTML) 24 Page - Microchip Technology

Back Button PIC16F887 Datasheet HTML 20Page - Microchip Technology PIC16F887 Datasheet HTML 21Page - Microchip Technology PIC16F887 Datasheet HTML 22Page - Microchip Technology PIC16F887 Datasheet HTML 23Page - Microchip Technology PIC16F887 Datasheet HTML 24Page - Microchip Technology PIC16F887 Datasheet HTML 25Page - Microchip Technology PIC16F887 Datasheet HTML 26Page - Microchip Technology PIC16F887 Datasheet HTML 27Page - Microchip Technology PIC16F887 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 338 page
background image
PIC16F882/883/884/886/887
DS41291G-page 24
 2006-2012 Microchip Technology Inc.
2.2
Data Memory Organization
The data memory (see Figures 2-2 and 2-3) is
partitioned into four banks which contain the General
Purpose Registers (GPR) and the Special Function
Registers (SFR). The Special Function Registers are
located in the first 32 locations of each bank. The
General Purpose Registers, implemented as static RAM,
are located in the last 96 locations of each Bank.
Register locations F0h-FFh in Bank 1, 170h-17Fh in
Bank 2 and 1F0h-1FFh in Bank 3, point to addresses
70h-7Fh in Bank 0. The actual number of General
Purpose Resisters (GPR) implemented in each Bank
depends on the device. Details are shown in Figures 2-5
and 2-6. All other RAM is unimplemented and returns ‘0’
when read. RP<1:0> of the STATUS register are the
bank select bits:
RP1 RP0
00
Bank 0 is selected
01
Bank 1 is selected
10
Bank 2 is selected
11
Bank 3 is selected
2.2.1
GENERAL PURPOSE REGISTER
FILE
The register file is organized as 128 x 8 in the
PIC16F882, 256 x 8 in the PIC16F883/PIC16F884, and
368 x 8 in the PIC16F886/PIC16F887. Each register is
accessed, either directly or indirectly, through the File
Select Register (FSR) (see Section 2.4 “Indirect
Addressing, INDF and FSR Registers”).
2.2.2
SPECIAL FUNCTION REGISTERS
The Special Function Registers are registers used by
the CPU and peripheral functions for controlling the
desired operation of the device (see Table 2-1). These
registers are static RAM.
The special registers can be classified into two sets:
core and peripheral. The Special Function Registers
associated with the “core” are described in this section.
Those related to the operation of the peripheral
features are described in the section of that peripheral
feature.


Similar Part No. - PIC16F887

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F887 MICROCHIP-PIC16F887 Datasheet
5Mb / 288P
   28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
PIC16F887-E/ML MICROCHIP-PIC16F887-E/ML Datasheet
5Mb / 288P
   28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
PIC16F887-E/ML MICROCHIP-PIC16F887-E/ML Datasheet
5Mb / 328P
   28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
2009
PIC16F887-E/MLQTP MICROCHIP-PIC16F887-E/MLQTP Datasheet
5Mb / 288P
   28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
PIC16F887-E/MLSQTP MICROCHIP-PIC16F887-E/MLSQTP Datasheet
5Mb / 288P
   28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
More results

Similar Description - PIC16F887

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F1934 MICROCHIP-PIC16F1934_11 Datasheet
4Mb / 472P
   28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers
2008-2011
PIC16F1938 MICROCHIP-PIC16F1938 Datasheet
4Mb / 452P
   28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers
2011
PIC16F887I-PT MICROCHIP-PIC16F887I-PT Datasheet
6Mb / 338P
   28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers
10/26/12
PIC16F882-I MICROCHIP-PIC16F882-I Datasheet
5Mb / 328P
   28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers
03/26/09
PIC16F747-I MICROCHIP-PIC16F747-I Datasheet
5Mb / 276P
   28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers
10/20/04
PIC16F1938 MICROCHIP-PIC16F1938_13 Datasheet
9Mb / 488P
   28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver
11/29/12 2011-2013
PIC16F882 MICROCHIP-PIC16F882 Datasheet
5Mb / 288P
   28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
PIC16F882 MICROCHIP-PIC16F882_09 Datasheet
5Mb / 328P
   28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
2009
PIC16F87X MICROCHIP-PIC16F87X_13 Datasheet
2Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
11/29/12 1998-2013
PIC16LF877-04PT MICROCHIP-PIC16LF877-04PT Datasheet
2Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
11/29/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com