Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM242AR Datasheet(PDF) 10 Page - Analog Devices

Part # ADM242AR
Description  High-Speed, 5 V, 0.1 F CMOS RS-232 Drivers/Receivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM242AR Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM242AR Datasheet HTML 3Page - Analog Devices ADM242AR Datasheet HTML 4Page - Analog Devices ADM242AR Datasheet HTML 5Page - Analog Devices ADM242AR Datasheet HTML 6Page - Analog Devices ADM242AR Datasheet HTML 7Page - Analog Devices ADM242AR Datasheet HTML 8Page - Analog Devices ADM242AR Datasheet HTML 9Page - Analog Devices ADM242AR Datasheet HTML 10Page - Analog Devices ADM242AR Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
ADM222/ADM232A/ADM242
–10–  
 
REV. B 
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
CORNER LEADS MAY BE CONFIGURED AS WHOLE OR HALF LEADS.
COMPLIANT TO JEDEC STANDARDS MS-001
0.022 (0.56)
0.018 (0.46)
0.014 (0.36)
0.150 (3.81)
0.130 (3.30)
0.115 (2.92)
0.070 (1.78)
0.060 (1.52)
0.045 (1.14)
18
1
9
10
0.100 (2.54)
BSC
0.920 (23.37)
0.900 (22.86)
0.880 (22.35)
0.210 (5.33)
MAX
SEATING
PLANE
0.015
(0.38)
MIN
0.005 (0.13)
MIN
0.280 (7.11)
0.250 (6.35)
0.240 (6.10)
0.060 (1.52)
MAX
0.430 (10.92)
MAX
0.014 (0.36)
0.010 (0.25)
0.008 (0.20)
0.325 (8.26)
0.310 (7.87)
0.300 (7.62)
0.015 (0.38)
GAUGE
PLANE
0.195 (4.95)
0.130 (3.30)
0.115 (2.92)
Figure 1
8. 18-Lead Plastic Dual In-Line Package [PDIP]
Narrow Body
(N-18)
Dimensions shown in inches and (millimeters)
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADM222AN
−40°C to +85°C
18-Lead PDIP
N-18
ADM222ANZ
−40°C to +85°C
18-Lead PDIP
N-18
ADM222AR
−40°C to +85°C
18-Lead SOIC_W
RW-18
ADM222ARZ
−40°C to +85°C
18-Lead SOIC_W
RW-18
ADM222ARZ-REEL
−40°C to +85°C
18-Lead SOIC_W
RW-18
ADM232AAN
−40°C to +85°C
16-Lead PDIP
N-16
ADM232AANZ
−40°C to +85°C
16-Lead PDIP
N-16
ADM232AARN
−40°C to +85°C
16-Lead SOIC_N
R-16
ADM232AARN-REEL
−40°C to +85°C
16-Lead SOIC_N
R-16
ADM232AARN-REEL7
−40°C to +85°C
16-Lead SOIC_N
R-16
ADM232AARNZ
−40°C to +85°C
16-Lead SOIC_N
R-16
ADM232AARNZ-REEL
−40°C to +85°C
16-Lead SOIC_N
R-16
ADM232AARNZ-REEL7
−40°C to +85°C
16-Lead SOIC_N
R-16
ADM232AARW
−40°C to +85°C
16-Lead SOIC_W
RW-16
ADM232AARW-REEL
−40°C to +85°C
16-Lead SOIC_W
RW-16
ADM232AARWZ
−40°C to +85°C
16-Lead SOIC_W
RW-16
ADM232AARWZ-REEL
−40°C to +85°C
16-Lead SOIC_W
RW-16
ADM242AN
−40°C to +85°C
18-Lead PDIP
N-18
ADM242ANZ
−40°C to +85°C
18-Lead PDIP
N-18
ADM242AR
−40°C to +85°C
18-Lead SOIC_W
RW-18
ADM242AR-REEL
−40°C to +85°C
18-Lead SOIC_W
RW-18
ADM242ARZ
−40°C to +85°C
18-Lead SOIC_W
RW-18
ADM242ARZ-REEL
−40°C to +85°C
18-Lead SOIC_W
RW-18
1 Z = RoHS Compliant Part.


Similar Part No. - ADM242AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM242AR AD-ADM242AR Datasheet
332Kb / 9P
   High Speed, 5 V, 0.1 uF CMOS RS-232 Drivers/Receivers
REV. 0
ADM242ARZ AD-ADM242ARZ Datasheet
207Kb / 11P
   High-Speed, 5 V, 0.1 F CMOS RS-232 Drivers/Receivers
REV. C
ADM242ARZ-REEL AD-ADM242ARZ-REEL Datasheet
207Kb / 11P
   High-Speed, 5 V, 0.1 F CMOS RS-232 Drivers/Receivers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com