Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM232AARNZ-REEL7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADM232AARNZ-REEL7
Description  High-Speed, 5 V, 0.1 F CMOS RS-232 Drivers/Receivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM232AARNZ-REEL7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM232AARNZ-REEL7 Datasheet HTML 3Page - Analog Devices ADM232AARNZ-REEL7 Datasheet HTML 4Page - Analog Devices ADM232AARNZ-REEL7 Datasheet HTML 5Page - Analog Devices ADM232AARNZ-REEL7 Datasheet HTML 6Page - Analog Devices ADM232AARNZ-REEL7 Datasheet HTML 7Page - Analog Devices ADM232AARNZ-REEL7 Datasheet HTML 8Page - Analog Devices ADM232AARNZ-REEL7 Datasheet HTML 9Page - Analog Devices ADM232AARNZ-REEL7 Datasheet HTML 10Page - Analog Devices ADM232AARNZ-REEL7 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
ADM222/ADM232A/ADM242
–10–  
 
REV. B 
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
CORNER LEADS MAY BE CONFIGURED AS WHOLE OR HALF LEADS.
COMPLIANT TO JEDEC STANDARDS MS-001
0.022 (0.56)
0.018 (0.46)
0.014 (0.36)
0.150 (3.81)
0.130 (3.30)
0.115 (2.92)
0.070 (1.78)
0.060 (1.52)
0.045 (1.14)
18
1
9
10
0.100 (2.54)
BSC
0.920 (23.37)
0.900 (22.86)
0.880 (22.35)
0.210 (5.33)
MAX
SEATING
PLANE
0.015
(0.38)
MIN
0.005 (0.13)
MIN
0.280 (7.11)
0.250 (6.35)
0.240 (6.10)
0.060 (1.52)
MAX
0.430 (10.92)
MAX
0.014 (0.36)
0.010 (0.25)
0.008 (0.20)
0.325 (8.26)
0.310 (7.87)
0.300 (7.62)
0.015 (0.38)
GAUGE
PLANE
0.195 (4.95)
0.130 (3.30)
0.115 (2.92)
Figure 1
8. 18-Lead Plastic Dual In-Line Package [PDIP]
Narrow Body
(N-18)
Dimensions shown in inches and (millimeters)
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADM222AN
−40°C to +85°C
18-Lead PDIP
N-18
ADM222ANZ
−40°C to +85°C
18-Lead PDIP
N-18
ADM222AR
−40°C to +85°C
18-Lead SOIC_W
RW-18
ADM222ARZ
−40°C to +85°C
18-Lead SOIC_W
RW-18
ADM222ARZ-REEL
−40°C to +85°C
18-Lead SOIC_W
RW-18
ADM232AAN
−40°C to +85°C
16-Lead PDIP
N-16
ADM232AANZ
−40°C to +85°C
16-Lead PDIP
N-16
ADM232AARN
−40°C to +85°C
16-Lead SOIC_N
R-16
ADM232AARN-REEL
−40°C to +85°C
16-Lead SOIC_N
R-16
ADM232AARN-REEL7
−40°C to +85°C
16-Lead SOIC_N
R-16
ADM232AARNZ
−40°C to +85°C
16-Lead SOIC_N
R-16
ADM232AARNZ-REEL
−40°C to +85°C
16-Lead SOIC_N
R-16
ADM232AARNZ-REEL7
−40°C to +85°C
16-Lead SOIC_N
R-16
ADM232AARW
−40°C to +85°C
16-Lead SOIC_W
RW-16
ADM232AARW-REEL
−40°C to +85°C
16-Lead SOIC_W
RW-16
ADM232AARWZ
−40°C to +85°C
16-Lead SOIC_W
RW-16
ADM232AARWZ-REEL
−40°C to +85°C
16-Lead SOIC_W
RW-16
ADM242AN
−40°C to +85°C
18-Lead PDIP
N-18
ADM242ANZ
−40°C to +85°C
18-Lead PDIP
N-18
ADM242AR
−40°C to +85°C
18-Lead SOIC_W
RW-18
ADM242AR-REEL
−40°C to +85°C
18-Lead SOIC_W
RW-18
ADM242ARZ
−40°C to +85°C
18-Lead SOIC_W
RW-18
ADM242ARZ-REEL
−40°C to +85°C
18-Lead SOIC_W
RW-18
1 Z = RoHS Compliant Part.


Similar Part No. - ADM232AARNZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM232AARNZ-REEL7 AD-ADM232AARNZ-REEL7 Datasheet
207Kb / 11P
   High-Speed, 5 V, 0.1 F CMOS RS-232 Drivers/Receivers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com