Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM207EARUZ1 Datasheet(PDF) 6 Page - Analog Devices

Part # ADM207EARUZ1
Description  EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM207EARUZ1 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM207EARUZ1 Datasheet HTML 2Page - Analog Devices ADM207EARUZ1 Datasheet HTML 3Page - Analog Devices ADM207EARUZ1 Datasheet HTML 4Page - Analog Devices ADM207EARUZ1 Datasheet HTML 5Page - Analog Devices ADM207EARUZ1 Datasheet HTML 6Page - Analog Devices ADM207EARUZ1 Datasheet HTML 7Page - Analog Devices ADM207EARUZ1 Datasheet HTML 8Page - Analog Devices ADM207EARUZ1 Datasheet HTML 9Page - Analog Devices ADM207EARUZ1 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADM206E/ADM207E/ADM208E/ADM211E/ADM213E
Rev. E | Page 6 of 20
TOP VIEW
(Not to Scale)
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
ADM208E
C1–
V+
C1+
VCC
GND
T2OUT
T1OUT
R2IN
R2OUT
R1IN
R1OUT
T1IN
C2+
C2–
V–
R4IN
R4OUT
T3OUT
R3IN
R3OUT
T4IN
T2IN
T3IN
T4OUT
Figure 6. ADM208E Pin Configuration
+5V TO +10V
VOLTAGE
DOUBLER
+10V TO –10V
VOLTAGE
INVERTER
0.1µF
6.3V
+
+
0.1µF
5V INPUT
+
0.1µF
10V
0.1µF
10V
+
0.1µF
10V
+
T1
T2
T3
T4
R1
R2
R3
R4
GND
ADM208E
T1IN
T2IN
T3IN
T4IN
R1OUT
R2OUT
R3OUT
R4OUT
T1OUT
T2OUT
T3OUT
T4OUT
R1IN
R2IN
R3IN
R4IN
TTL/CMOS
INPUTS1
TTL/CMOS
OUTPUTS
RS-232
OUTPUTS
RS-232
INPUTS2
C1+
C1–
C2+
C2–
VCC
V+
V–
1 INTERNAL 400kΩ PULL-UP RESISTOR ON EACH TTL/CMOS INPUT.
2 INTERNAL 5kΩ PULL-DOWN RESISTOR ON EACH RS-232 INPUT.
20
23
7
16
15
3
9
11
4
17
21
19
22
14
13
6
18
5
10
12
24
1
2
8
Figure 7. ADM208E Typical Operating Circuit
TOP VIEW
(Not to Scale)
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
ADM211E
T3OUT
T1OUT
T4OUT
R3IN
T2OUT
R2IN
R3OUT
SHDN
R2OUT
T2IN
R4IN
T1IN
R1OUT
R4OUT
T4IN
R1IN
GND
T3IN
R5OUT
VCC
C1+
R5IN
V–
V+
C1–
C2–
C2+
EN
Figure 8. ADM211E Pin Configuration
0.1µF
10V
0.1µF
10V
0.1µF
10V
TTL/CMOS
INPUTS1
TTL/CMOS
OUTPUTS
RS-232
OUTPUTS
RS-232
INPUTS2
0.1µF
6.3V
+
+
0.1µF
5V INPUT
+
+
+
T1
T2
T3
T4
R1
R2
R3
R4
R5
GND
ADM211E
T1IN
T2IN
T3IN
T4IN
R1OUT
R2OUT
R3OUT
R4OUT
R5OUT
T1OUT
T2OUT
T3OUT
T4OUT
R1IN
R2IN
R3IN
R4IN
R5IN
SHDN
C1+
C1–
C2+
C2–
VCC
V+
V–
EN
1 INTERNAL 400kΩ PULL-UP RESISTOR ON EACH TTL/CMOS INPUT.
2 INTERNAL 5kΩ PULL-DOWN RESISTOR ON EACH RS-232 INPUT.
23
25
4
9
18
3
2
27
28
1
17
11
13
22
24
5
8
19
6
7
26
21
20
15
16
12
14
10
+5V TO +10V
VOLTAGE
DOUBLER
+10V TO –10V
VOLTAGE
INVERTER
Figure 9. ADM211E Typical Operating Circuit


Similar Part No. - ADM207EARUZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM207EARUZ1 AD-ADM207EARUZ1 Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
More results

Similar Description - ADM207EARUZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM213EARZ-REEL AD-ADM213EARZ-REEL Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM213EARSZ AD-ADM213EARSZ Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM213EARSZ-REEL AD-ADM213EARSZ-REEL Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM202E AD-ADM202E Datasheet
163Kb / 12P
   EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV. 0
ADM202E AD-ADM202E_V01 Datasheet
254Kb / 16P
   EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
ADM206E AD-ADM206E Datasheet
204Kb / 16P
   EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV. B
ADM2023E AD-ADM2023E Datasheet
254Kb / 16P
   EMI/EMC-Compliant, -15 kV, ESD-Protected RS-232 Line Drivers/Receivers
REV. C
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
   RS-232 Line Drivers/Receivers
REV. C
ADM213E AD-ADM213E_15 Datasheet
464Kb / 20P
   RS-232 Line Drivers/Receivers
Rev. E
ADM211E AD-ADM211E_15 Datasheet
464Kb / 20P
   RS-232 Line Drivers/Receivers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com