Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S151K43SL0P6 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # S151K43SL0P6
Description  Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S151K43SL0P6 Datasheet(HTML) 7 Page - Vishay Siliconix

  S151K43SL0P6 Datasheet HTML 1Page - Vishay Siliconix S151K43SL0P6 Datasheet HTML 2Page - Vishay Siliconix S151K43SL0P6 Datasheet HTML 3Page - Vishay Siliconix S151K43SL0P6 Datasheet HTML 4Page - Vishay Siliconix S151K43SL0P6 Datasheet HTML 5Page - Vishay Siliconix S151K43SL0P6 Datasheet HTML 6Page - Vishay Siliconix S151K43SL0P6 Datasheet HTML 7Page - Vishay Siliconix S151K43SL0P6 Datasheet HTML 8Page - Vishay Siliconix S151K43SL0P6 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Document Number: 28515
For technical questions, contact: CDC@vishay.com
www.vishay.com
Revision: 07-Jan-10
59
S Series
Ceramic Disc Capacitors Class 1 and 2,
1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Vishay BCcomponents
Notes
(1)
SH = seated height
• Maximum thickness 4.0 mm
• Lead style codes refer to inward kinked leads. Other styles available on request
Note
• The capacitors are supplied in bulk packaging (cardboard boxes), in tape on reel or in ammopack
C
(pF)
TOL.
(%)
DMAX.
(mm)
LEAD SPACING
(mm)
SH (1)
(mm)
CLEAR TEXT CODE
13TH DIGIT:
T = REEL; U = AMMO; 3 = BULK
16TH DIGIT:
R = RoHS COMPLIANT
CLASS 2 Z5U
680
± 20
13.5
10
3.0
S681M53Z5UU83L0.
1000
15
S102M59Z5UU83L0.
1500
17.5
S152M69Z5UU83L0.
2200
19
S222M75Z5UU83L0.
ORDERING INFORMATION CLASS 6 kVDC, KINKED
PACKAGING
PACKAGING
TYPE
SIZE
CODE
LEAD SPACE
(mm)
VOLTAGE
(VDC)
SPQ
BOX DIMENSIONS
L x W x H
(mm)
Bulk
(long lead L
≥ 25.4 mm
20 to 47
all
all
1000
245 x 120 x 65
1000
1000
53 to 75
500
84 to 96
250
Tape and reel
≤ 47
≤ 6.40
< 500
2500
370 x 370 x 60
500
≤ WV ≤ 2000
2000
3000
1000
≥ 7.5
all
1000
Ammopack
≤ 47
≤ 6.40
< 500
2000
335 x 240 x 50
500
≤ WV < 2000
1500
335 x 290 x 50
2000 and 3000
1500
≥ 7.5
all
1500
360 x 330 x 55
P
2
P
D
P1
Ø d
W1
W0
W2
W
H
1
H
0
D0
P0
direction of unreeling
A
t
detail A
Δ hΔ h
Δ P
ΔP
t1
F
e
L
Δs
Δs


Similar Part No. - S151K43SL0P6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S151K43SL0P6.K5. VISHAY-S151K43SL0P6.K5. Datasheet
389Kb / 11P
   Ceramic Disc Capacitors Class 1 and 2, 1/2/3/6 kV General Purpose
Revision: 26-Oct-06
More results

Similar Description - S151K43SL0P6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S222K53X7RP63K7R VISHAY-S222K53X7RP63K7R Datasheet
379Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S101M33Z5UR63K6R VISHAY-S101M33Z5UR63K6R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S103M47Z5UN63L0R VISHAY-S103M47Z5UN63L0R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
F102K39Y5RN6UK5R VISHAY-F102K39Y5RN6UK5R Datasheet
420Kb / 7P
   Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Revision: 07-Jan-10
F102K33S3NN63J5R VISHAY-F102K33S3NN63J5R Datasheet
420Kb / 7P
   Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Revision: 07-Jan-10
F101K25Y5RN6TJ5R VISHAY-F101K25Y5RN6TJ5R Datasheet
420Kb / 7P
   Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Revision: 07-Jan-10
HVLDF02 VISHAY-HVLDF02 Datasheet
420Kb / 7P
   Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Revision: 07-Jan-10
F471K29Y5RN6UK5R VISHAY-F471K29Y5RN6UK5R Datasheet
420Kb / 7P
   Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Revision: 07-Jan-10
615R VISHAY-615R Datasheet
81Kb / 4P
   High Voltage Ceramic DC Disc Capacitors 10 kVDC and 15 kVDC
Revision: 09-Mar-16
564R VISHAY-564R Datasheet
94Kb / 5P
   Lower Voltage Ceramic Singlelayer DC Disc Capacitors 2 kVDC to 7.5 kVDC
Revision: 06-Jul-16
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com