Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FDW258P Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. FDW258P
Description  P-Channel 1.8V Specified PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FDW258P Datasheet(HTML) 2 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FDW258P Rev. D (W)
Electrical Characteristics
T
A = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min Typ Max Units
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage
VGS = 0 V,
ID = –250
µA
–12
V
∆BVDSS
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = –250
µA, Referenced to 25°C
–3
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = –10 V,
VGS = 0 V
–1
µA
IGSSF
Gate–Body Leakage, Forward
VGS = 8 V,
VDS = 0 V
100
nA
IGSSR
Gate–Body Leakage, Reverse
VGS = –8 V.
VDS = 0 V
–100
nA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS,
ID = –250
µA
–0.4
–0.6
–1.5
V
∆VGS(th)
∆TJ
Gate Threshold Voltage
Temperature Coefficient
ID = –250
µA, Referenced to 25°C
3
mV/
°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = –4.5 V,
ID = –9 A
VGS = –2.5 V,
ID = –8 A
VGS = –1.8 V,
ID = –6.5 A
VGS =–4.5 V, ID = –9A, TJ=125
°
8.6
10.6
13.8
11.2
11
14
20
14
m
ID(on)
On–State Drain Current
VGS = –4.5 V,
VDS = –5 V
–50
A
gFS
Forward Transconductance
VDS = –5 V,
ID = –9 A
50
S
Dynamic Characteristics
Ciss
Input Capacitance
5049
pF
Coss
Output Capacitance
1943
pF
Crss
Reverse Transfer Capacitance
VDS = –5 V,
V GS = 0 V,
f = 1.0 MHz
1226
pF
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
17
31
ns
tr
Turn–On Rise Time
23
37
ns
td(off)
Turn–Off Delay Time
201
322
ns
tf
Turn–Off Fall Time
VDD = –6 V,
ID = –1 A,
VGS = –4.5 V,
RGEN = 6
148
237
ns
Qg
Total Gate Charge
61
73
nC
Qgs
Gate–Source Charge
8
nC
Qgd
Gate–Drain Charge
VDS = –6 V,
ID = –9 A,
VGS = –4.5 V
16
nC
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain–Source Diode Forward Current
–1.25
A
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V,
IS = –1.25 A (Note 2)
–0.6
–1.2
V
Notes:
1. R
θJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of
the drain pins. R
θJC is guaranteed by design while RθCA is determined by the user's board design.
a)
87°C/W when
mounted on a 1in
2 pad
of 2 oz copper.
b)
114°C/W when mounted
on a minimum pad of 2 oz
copper.
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SI3445DVP-Channel 1.8V Specified PowerTrench MOSFET 1 2 3 4 5 Fairchild Semiconductor
FDC604PP-Channel 1.8V Specified PowerTrench MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
SI3447DVP-Channel 1.8V Specified PowerTrench MOSFET 1 2 3 4 5 Fairchild Semiconductor
FDC606PP-Channel 1.8V Specified PowerTrench MOSFET 1 2 3 4 5 Fairchild Semiconductor
SI4467DYP-Channel 1.8V Specified PowerTrench MOSFET 1 2 3 4 5 Fairchild Semiconductor
FDC6312PDual P-Channel 1.8V PowerTrench Specified MOSFET 1 2 3 4 5 Fairchild Semiconductor
SI6467DQP-Channel 1.8V Specified PowerTrench MOSFET 1 2 3 4 5 Fairchild Semiconductor
FDC6318PDual P-Channel 1.8V PowerTrench Specified MOSFET 1 2 3 4 5 Fairchild Semiconductor
FDD306PP-Channel 1.8V Specified PowerTrench MOSFET 1 2 3 4 5 Fairchild Semiconductor
FDG326PP-Channel 1.8V Specified PowerTrench MOSFET 1 2 3 4 5 Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn