Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VCAS120648D101 Datasheet(PDF) 1 Page - AVX Corporation

Part No. VCAS120648D101
Description  Multilayer Varistors for Automotive Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VCAS120648D101 Datasheet(HTML) 1 Page - AVX Corporation

  VCAS120648D101 Datasheet HTML 1Page - AVX Corporation VCAS120648D101 Datasheet HTML 2Page - AVX Corporation VCAS120648D101 Datasheet HTML 3Page - AVX Corporation VCAS120648D101 Datasheet HTML 4Page - AVX Corporation VCAS120648D101 Datasheet HTML 5Page - AVX Corporation VCAS120648D101 Datasheet HTML 6Page - AVX Corporation VCAS120648D101 Datasheet HTML 7Page - AVX Corporation VCAS120648D101 Datasheet HTML 8Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
11
TransGuard
® Automotive Series
Multilayer Varistors for Automotive Applications
GENERAL DESCRIPTION
The TransGuard Automotive Series are zinc oxide (ZnO) based ceramic semicon-
ductor devices with non-linear, bi-directional voltage-current characteristics.
They have the advantage of offering bi-directional overvoltage protection as well as
EMI/RFI attenuation in a single SMT package. The Automotive Series high current
and high energy handling capability make them well suited for protection against
automotive related transients.
FEATURES
• High Reliability
• High Energy Absorption (Load Dump)
• High Current Handling
• AEC Q200 Qualified
• Bi-Directional protection
• EMI/RFI attenuation
• Multi-strike capability
• Sub 1nS response to ESD strike
APPLICATIONS
• Internal Combustion Engine (ICE) Vehicles
• Hybrid Electric Vehicles (HEV)
• Plug-in Hybrid Electric Vehicles (PHEV)
• Commercial Vehicles
– CAN, LIN, FLEXRAY based modules
– Sensors
– Module load dump protection
– Motor/inductive load transient suppression
HOW TO ORDER
PHYSICAL DIMENSIONS: mm (inches)
L
W
T
tt
Size (EIA)
Length (L)
Width (W)
Max Thickness (T)
Land Length (t)
0402
1.00±0.10
0.50±0.10
0.60
0.25±0.15
(0.040±0.004)
(0.020±0.004)
(0.024)
(0.010±0.006)
0603
1.60±0.15
0.80±0.15
0.90
0.35±0.15
(0.063±0.006)
(0.031±0.006)
(0.035)
(0.014±0.006)
0805
2.01±0.20
1.25±0.20
1.02
0.71 max.
(0.079±0.008)
(0.049±0.008)
(0.040)
(0.028 max.)
1206
3.20±0.20
1.60±0.20
1.02
0.94 max.
(0.126±0.008)
(0.063±0.008)
(0.040)
(0.037 max.)
1210
3.20±0.20
2.49±0.20
1.70
0.14 max.
(0.126±0.008)
(0.098±0.008)
(0.067)
(0.045 max.)
1812
4.50±0.30
3.20±0.30
2.00
1.00 max.
(0.177±0.012)
(0.126±0.012)
(0.079)
(0.040 max.)
2220
5.70±0.40
5.00±0.40
2.00
1.00 max.
(0.224±0.016)
(0.197±0.016)
(0.079)
(0.040 max.)
*Not available for 0402
**Only available for 0402
LEAD-FREE COMPATIBLE
COMPONENT
VC
Varistor
Chip
AS
Automotive
Series
1206
Case
Size
0402
0603
0805
1206
1210
1812
2220
18
Working
Voltage
D
Energy
Rating
400
Clamping
Voltage
R
Package
D = 7" (1000)*
R = 7" (4000)*
T = 13" (10,000)*
W = 13" (10,000)**
0402 only
05 = 5.6Vdc
09 = 9Vdc
12 = 12Vdc
14 = 14Vdc
16 = 16Vdc
18 = 18Vdc
26 = 26Vdc
30 = 30Vdc
31 = 31Vdc
34 = 34Vdc
38 = 38Vdc
42 = 42Vdc
45 = 45Vdc
48 = 48Vdc
56 = 56Vdc
60 = 60Vdc
85 = 85Vdc
A = 0.1J
B = 0.2J
C = 0.3J
D = 0.4J
E = 0.5J
F = 0.7J
H = 1.2J
J = 1.5J
K = 0.6J
L = 0.8J
S = 1.9-2.0J
X = 0.05J
M = 1J
N = 1.1J
U = 4.0-5.0J
P = 2.7-3.0J
Y = 7.2-12J
P
Termination
P = Ni/Sn plated
150 = 18V
220 = 22V
250 = 27V
300 = 32V
380 = 38V
390 = 42V
400 = 42V
540 = 54V
580 = 60V
620 = 67V
650 = 67V
770 = 77V
800 = 80V
101 = 100V
111 = 110V
151 = 150V


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn