Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADF7021-N Datasheet(PDF) 51 Page - Analog Devices

Part # ADF7021-N
Description  High Performance Narrow-Band Transceiver IC
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021-N Datasheet(HTML) 51 Page - Analog Devices

Back Button ADF7021-N Datasheet HTML 47Page - Analog Devices ADF7021-N Datasheet HTML 48Page - Analog Devices ADF7021-N Datasheet HTML 49Page - Analog Devices ADF7021-N Datasheet HTML 50Page - Analog Devices ADF7021-N Datasheet HTML 51Page - Analog Devices ADF7021-N Datasheet HTML 52Page - Analog Devices ADF7021-N Datasheet HTML 53Page - Analog Devices ADF7021-N Datasheet HTML 54Page - Analog Devices ADF7021-N Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 64 page
background image
ADF7021-N
Rev. 0 | Page 51 of 64
REGISTER 2—TRANSMIT MODULATION REGISTER
P6
0
0
0
0
.
.
1
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
1
P2
0
0
1
1
.
.
1
P1
0
1
0
1
.
.
1
0 (PA OFF)
1 (–16.0 dBm)
2
3
.
.
63 (13 dBm)
TFD9
0
0
0
0
.
1
TFD3
0
0
0
0
.
1
...
...
...
...
...
...
...
TFD2
0
0
1
1
.
1
TFD1
0
1
0
1
.
1
0
1
2
3
.
511
Tx_FREQUENCY_DEVIATION
POWER_AMPLIFIER
TxDATA_
INVERT
PA_BIAS
PA_RAMP
MODULATION_
SCHEME
ADDRESS
BITS
PE1
0
1
PA_ENABLED
OFF
ON
PA2
0
0
1
1
PA1
0
1
0
1
PA_BIAS
5µA
7µA
9µA
11µA
DI2
0
0
1
1
DI1
0
1
0
1
TxDATA_INVERT
NORMAL
INVERT CLK
INVERT DATA
INV CLK AND DATA
S3
0
0
0
0
1
1
1
1
S2
0
0
1
1
0
0
1
1
MODULATION_SCHEME
2FSK
GAUSSIAN 2FSK
3FSK
4FSK
OVERSAMPLED 2FSK
RAISED COSINE 2FSK
RAISED COSINE 3FSK
RAISED COSINE 4FSK
S1
0
1
0
1
0
1
0
1
PR3
0
0
0
0
1
1
1
1
PR2
0
0
1
1
0
0
1
1
NO RAMP
256 CODES/BIT
128 CODES/BIT
64 CODES/BIT
32 CODES/BIT
16 CODES/BIT
8 CODES/BIT
4 CODES/BIT
PR1
PA_RAMP RATE
0
1
0
1
0
1
0
1
NRC1
0
1
R-COSINE_ALPHA
0.7
0.5 (Default)
fDEV
POWER_
AMPLIFIER
Figure 65. Register 2—Transmit Modulation Register Map
The 2FSK/3FSK/4FSK frequency deviation is expressed by
the following:
Direct output
Frequency Deviation [Hz] =
16
2
PFD
ON
CY_DEVIATI
Tx_FREQUEN
×
With RF_DIVIDE_BY_2 (R1_DB18) enabled
Frequency Deviation [Hz] =
16
2
5
.
0
PFD
ON
CY_DEVIATI
Tx_FREQUEN
×
×
where Tx_FREQUENCY_DEVIATION is set by
R2_DB[19:27] and PFD is the PFD frequency.
In the case of 4FSK, there are tones at ±3 × the frequency
deviation and at ±1 × the deviation.
The power amplifier (PA) ramps at the programmed rate
(R2_DB[8:10]) until it reaches its programmed level
(R2_DB[13:18]). If the PA is enabled/disabled by the
PA_ENABLE bit (R2_DB7), it ramps up and down. If it is
enabled/disabled by the Tx/Rx bit (R0_DB27), it ramps up
and turns hard off.
R-COSINE_ALPHA sets the roll-off factor (alpha) of the
raised cosine data filter to either 0.5 or 0.7. The alpha is set
to 0.5 by default, but the raised cosine filter bandwidth can
be increased to provide less aggressive data filtering by
using an alpha of 0.7.


Similar Part No. - ADF7021-N

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7021-V AD-ADF7021-V Datasheet
1Mb / 60P
   HIgh Performance Narrow-Band Transceiver IC
REV. 0
ADF7021-VBCPZ AD-ADF7021-VBCPZ Datasheet
1Mb / 60P
   HIgh Performance Narrow-Band Transceiver IC
REV. 0
ADF7021-VBCPZ-RL AD-ADF7021-VBCPZ-RL Datasheet
1Mb / 60P
   HIgh Performance Narrow-Band Transceiver IC
REV. 0
More results

Similar Description - ADF7021-N

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7021BCPZ-RL AD-ADF7021BCPZ-RL Datasheet
1Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. B
ADF7021 AD-ADF7021_15 Datasheet
1Mb / 62P
   High Performance Narrow-Band Transceiver IC
REV. C
EVAL-ADF7021DBZ5 AD-EVAL-ADF7021DBZ5 Datasheet
1Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. B
ADF7021-V AD-ADF7021-V Datasheet
1Mb / 60P
   HIgh Performance Narrow-Band Transceiver IC
REV. 0
ADF7025 AD-ADF7025_15 Datasheet
672Kb / 44P
   High Performance ISM Band Transceiver IC
REV. B
ADF7025 AD-ADF7025 Datasheet
917Kb / 44P
   High Performance ISM Band Transceiver IC
REV. A
logo
ON Semiconductor
AX5243 ONSEMI-AX5243_16 Datasheet
411Kb / 42P
   Advanced High Performance ASK and FSK Narrow-band Transceiver
May, 2016 ??Rev. 3
logo
Radiometrix Ltd
NIM2-XXX.XXX-10 RADIOMETRIX-NIM2-XXX.XXX-10 Datasheet
224Kb / 11P
   UHF Narrow Band Transceiver
logo
List of Unclassifed Man...
WP-RF-RF650 ETC1-WP-RF-RF650 Datasheet
183Kb / 8P
   Narrow Band Radio Transceiver
logo
Analog Devices
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
   High Performance ISM Band FSK/ASK Transceiver IC
Rev. PrH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com