Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N_06U00154 Datasheet(PDF) 22 Page - AVX Corporation

Part # N_06U00154
Description  NTC Thermistors
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

N_06U00154 Datasheet(HTML) 22 Page - AVX Corporation

Back Button N_06U00154 Datasheet HTML 18Page - AVX Corporation N_06U00154 Datasheet HTML 19Page - AVX Corporation N_06U00154 Datasheet HTML 20Page - AVX Corporation N_06U00154 Datasheet HTML 21Page - AVX Corporation N_06U00154 Datasheet HTML 22Page - AVX Corporation N_06U00154 Datasheet HTML 23Page - AVX Corporation N_06U00154 Datasheet HTML 24Page - AVX Corporation N_06U00154 Datasheet HTML 25Page - AVX Corporation N_06U00154 Datasheet HTML 26Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
21
APPLICATIONS
• Commodity Product: 2 families
ND or NE : general purpose
NV : professional
• Alarm and temperature measurement application
• Temperature regulation application
• Level detection application
• Compensation application
TECHNOLOGY
• ND: epoxy-phenolic resin coating
NE: epoxy resin coating (recommended for severe
mounting conditions)
NV: epoxy varnish coating
• Leads: Radial copper wire tinned
• Marking: on package only for ND03 & NE03
ND/NE 06/09:Nominal resistance and tolerance for
±5%, ±10%
NV06/09:
Nominal resistance and tolerance
• Delivery Mode: Bulk, reeled or ammopacked
PERFORMANCE CHARACTERISTICS
Types
General purpose
Professional
ND03 or NE03
ND06 or NE06
ND09 or NE09
NV06
NV09
Climatic category
55/125/56-434
55/125/56-434
Operating Temperature
–55 to +150°C
–55 to +150°C
–55 to +150°C
–55 to +150°C
–55 to +150°C
Tolerance on Rn
330Ω to 1MΩ : ±
±5%, ±10%, ±20%
±5%, ±10%, ±20%
±2%, ±5%, ±10%
±2%, ±5%, ±10%
(25°C)
5, 10, 20%
1500Ω to 150 kΩ : ±
3%
Maximum dissipation
at 25°C
0.25 W
0.71 W
0.9 W
0.69 W
0.85 W
Thermal dissipation
factor
5 mW/°C
7.1 mW/°C
9 mW/°C
6.9 mW/°C
8.5 mW/°C
Thermal time constant
10 s
22 s
30 s
18 s
30 s
Response time
< 3s
STANDARDIZATION
NV range : approved by NFC 93271
Type: TN115 A for NV06
TN116 for NV09
List: GAM-T1
List: LNZ
OPTIONS
Consult factory for availability of options:
• other nominal resistance values
• other tolerances
• alternative lead materials or lengths
• controlled dimensions
Leaded Discs
N.03
N.06
N.09
NTC Disc Thermistors
ND 03/06/09 • NE 03/06/09 • NV 06/09


Similar Part No. - N_06U00154

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
N-06-18-0-M-LC MOLEX4-N-06-18-0-M-LC Datasheet
76Kb / 2P
   154.94mm (6.100") UV Black Cable Tie, 18 Pound Tensile Strength, 1000/Bag
N-06-18-9-M-LC MOLEX4-N-06-18-9-M-LC Datasheet
76Kb / 2P
   154.94mm (6.100") Natural Cable Tie, 18 Pound Tensile Strength
logo
Heyco.
N006 HEYCO-N006 Datasheet
147Kb / 1P
   Polyurethane Adhesive-Back Bumpers
N106 HEYCO-N106 Datasheet
147Kb / 1P
   Polyurethane Adhesive-Back Bumpers
logo
Tripp Lite. All Rights ...
N206-FP01-IND TRIPPLITE-N206-FP01-IND Datasheet
159Kb / 2P
   Bulkhead Wall Plate, 1 Cutout, Industrial, Metal - Stainless Steel, IP44, Single Gang, TAA
More results

Similar Description - N_06U00154

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL224E05RL MURATA-NCP03WL224E05RL Datasheet
197Kb / 3P
   NTC Thermistors
NCP15WB333J03RC MURATA-NCP15WB333J03RC Datasheet
206Kb / 3P
   NTC Thermistors
NCP15WL223E03RC MURATA-NCP15WL223E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15WL683E03RC MURATA-NCP15WL683E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15XH103F03RC MURATA-NCP15XH103F03RC Datasheet
208Kb / 3P
   NTC Thermistors
NCP15XM472E03RC MURATA-NCP15XM472E03RC Datasheet
211Kb / 3P
   NTC Thermistors
NCP15XV103J03RC MURATA-NCP15XV103J03RC Datasheet
207Kb / 3P
   NTC Thermistors
NCP18WB333J03RB MURATA-NCP18WB333J03RB Datasheet
208Kb / 3P
   NTC Thermistors
NCP18WB473E03RB MURATA-NCP18WB473E03RB Datasheet
208Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com