Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N_06S00683 Datasheet(PDF) 29 Page - AVX Corporation

Part # N_06S00683
Description  NTC Thermistors
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

N_06S00683 Datasheet(HTML) 29 Page - AVX Corporation

Back Button N_06S00683 Datasheet HTML 25Page - AVX Corporation N_06S00683 Datasheet HTML 26Page - AVX Corporation N_06S00683 Datasheet HTML 27Page - AVX Corporation N_06S00683 Datasheet HTML 28Page - AVX Corporation N_06S00683 Datasheet HTML 29Page - AVX Corporation N_06S00683 Datasheet HTML 30Page - AVX Corporation N_06S00683 Datasheet HTML 31Page - AVX Corporation N_06S00683 Datasheet HTML 32Page - AVX Corporation N_06S00683 Datasheet HTML 33Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
28
NTC Leadless Disc Thermistors
Types
D
E
Material
B
R1 ± R1
T1
R2 ± R2
T2
R3 ± R3
T3
Code
(k)
at T1
(°C)
at T2
(°C)
at T3
(°C)
NR 55 -- 3002 - 99
5.5 (.217) ± 0.5 (.020)
1.1 (.043) ± 0.4 (.016)
N5
4160 1230
Ω ± 7.5% 40
160
Ω ± 5%
96.5
NR 67 -- 3068 - 99
6.7 (.264) ± 0.5 (.020)
1.7 (.067) ± 0.3 (.012)
N
4080
150
Ω ± 3.3% 100
51
Ω ± 5.3% 140
NR 55 -- 3049 - 99
5.5 (.217) ± 0.5 (.020)
1.0 (.040) ± 0.2 (.008)
N5
4160
107
Ω ± 2.9% 110
80.6
Ω ± 2.8% 120
NR 55 -- 3046 - 99
5.5 (.217) ± 0.5 (.020)
1.3 (.051) ± 0.4 (.016)
S
4520 48600
Ω± 7.5% 25
3210
Ω ± 5%
90
NR 49 -- 3119 - 99
4.9 (.193) ± 0.3 (.012)
1.5 (.060) ± 0.4 (.016)
M
3950
840
Ω ± 10%
37.8
84
Ω ± 5%
104.4
NR 55 -- 3114 - 99
5.5 (.217) ± 0.4 (.016)
1.0 (.040) ± 0.2 (.008)
P
4220
5000
Ω ± 10%
25
NR 70 -- 3121 - 99
7.0 (.275) ± 0.3 (.012)
1.2 (.047) ± 0.2 (.008)
L
3790
210
Ω ± 10%
40
40
Ω ± 7.5%
90
30
Ω ± 6.7% 100
NR 29 -- 3107 - 99
2.9 (.014) ± 0.3 (.012)
1.7 (.067) ± 0.3 (.012)
K
3630
2050
Ω ± 6%
25
193
Ω ± 5.4%
96.5
NR 55 -- 3122 - 99
5.5 (.217) ± 0.5 (.020)
1.5 (.060) ± 0.4 (.016)
J
3480
210
Ω ± 5%
25
NR 55 -- 3126 - 99
5.5 (.217) ± 0.5 (.020)
1.0 (.040) ± 0.2 (.008)
P
4220
3340
Ω ± 10%
25
264
Ω ± 7%
90
107
Ω ± 7%
120
NR 47 -- 3116 - 99
4.7 (.185) ± 0.4 (.016)
1.2 (.047) ± 0.2 (.008)
R
4400
33000
Ω ± 2%
25
NR 49 -- 3113 - 99
4.9 (.193) ± 0.3 (.012)
1.2 (.047) ± 0.2 (.008)
N
4080
1680
Ω ± 10%
40
382
Ω ± 6.7%
80
176
Ω ± 5%
105
NR 47 -- 3101 - 99
4.6 (.181) ± 0.3 (.012)
1.4 (.055) ± 0.3 (.012)
J
3480
146
Ω ± 13%
40
22
Ω ± 10%
100
NR 55 -- 3071 - 99
5.8 (.228) ± 0.3 (.012)
1.0 (.040) ± 0.2 (.008)
L
3790
262
Ω ± 8.7%
40
120
Ω ± 10%
60
35.5
Ω ± 7.8% 100
NR 61 -- 3063 - 99
6.1 (.240) ± 0.3 (.012)
1.5 (.060) ± 0.3 (.012)
N
4080
760
Ω ± 9.2%
50
130
Ω ± 8.5% 100
56.6
Ω ± 8.5% 130
NR 67 -- 3053 - 99
6.7 (.264) ± 0.4 (.016)
1.7 (.067) ± 0.3 (.012)
N
4080
540
Ω ± 11%
60
144
Ω ± 7%
100
NR 50 -- 3048 - 99
5.0 (.197) ± 0.5 (.020)
1.5 (.060) ± 0.5 (.020)
J
3480
233
Ω ± 10%
25
13.3
Ω ± 7% 121
NR 60 -- 3021 - 99
6.0 (.236) ± 0.5 (.020)
3.2 (.125) ± 0.3 (.012)
P
4220
3640
Ω ± 3%
40
457
Ω ± 3%
96.5
NR 55 -- 3016 - 99
5.5 (.217) ± 0.5 (.020)
1.1 (.043) ± 0.4 (.016)
Q
4300
5500
Ω ± 9%
40
650
Ω ± 7.7%
96.5
We present below some examples of our custom - designed
products as an illustration of the different ways to define
products.
Resistance - Temperature characteristics: pages 29 to 33.
DIMENSIONS: millimeters (inches)


Similar Part No. - N_06S00683

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
N-06-18-0-M-LC MOLEX4-N-06-18-0-M-LC Datasheet
76Kb / 2P
   154.94mm (6.100") UV Black Cable Tie, 18 Pound Tensile Strength, 1000/Bag
N-06-18-9-M-LC MOLEX4-N-06-18-9-M-LC Datasheet
76Kb / 2P
   154.94mm (6.100") Natural Cable Tie, 18 Pound Tensile Strength
logo
Heyco.
N006 HEYCO-N006 Datasheet
147Kb / 1P
   Polyurethane Adhesive-Back Bumpers
N106 HEYCO-N106 Datasheet
147Kb / 1P
   Polyurethane Adhesive-Back Bumpers
logo
Tripp Lite. All Rights ...
N206-FP01-IND TRIPPLITE-N206-FP01-IND Datasheet
159Kb / 2P
   Bulkhead Wall Plate, 1 Cutout, Industrial, Metal - Stainless Steel, IP44, Single Gang, TAA
More results

Similar Description - N_06S00683

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL224E05RL MURATA-NCP03WL224E05RL Datasheet
197Kb / 3P
   NTC Thermistors
NCP15WB333J03RC MURATA-NCP15WB333J03RC Datasheet
206Kb / 3P
   NTC Thermistors
NCP15WL223E03RC MURATA-NCP15WL223E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15WL683E03RC MURATA-NCP15WL683E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15XH103F03RC MURATA-NCP15XH103F03RC Datasheet
208Kb / 3P
   NTC Thermistors
NCP15XM472E03RC MURATA-NCP15XM472E03RC Datasheet
211Kb / 3P
   NTC Thermistors
NCP15XV103J03RC MURATA-NCP15XV103J03RC Datasheet
207Kb / 3P
   NTC Thermistors
NCP18WB333J03RB MURATA-NCP18WB333J03RB Datasheet
208Kb / 3P
   NTC Thermistors
NCP18WB473E03RB MURATA-NCP18WB473E03RB Datasheet
208Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com