Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N_06P00103 Datasheet(PDF) 18 Page - AVX Corporation

Part # N_06P00103
Description  NTC Thermistors
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

N_06P00103 Datasheet(HTML) 18 Page - AVX Corporation

Back Button N_06P00103 Datasheet HTML 14Page - AVX Corporation N_06P00103 Datasheet HTML 15Page - AVX Corporation N_06P00103 Datasheet HTML 16Page - AVX Corporation N_06P00103 Datasheet HTML 17Page - AVX Corporation N_06P00103 Datasheet HTML 18Page - AVX Corporation N_06P00103 Datasheet HTML 19Page - AVX Corporation N_06P00103 Datasheet HTML 20Page - AVX Corporation N_06P00103 Datasheet HTML 21Page - AVX Corporation N_06P00103 Datasheet HTML 22Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
17
Packaging for Automatic Insertion
NTC Chip Thermistors / NC/NB Series
AUTOMATIC INSERTION
8mm Paper Tape Packaging:
The mechanical and dimensional reel characteristics
are in accordance with the IEC publication 286-3.
P0
B0
P1
P2
D0
T
TOP
COVER
TAPE
BOTTOM
COVER
TAPE
CENTER LINES
OF CAVITY
CAVITY SIZE
SEE NOTE 1
10 PITCHES CUMULATIVE
TOLERANCE ON TAPE
0.20mm (0.008)
E1
F
G
User Direction of Feed
E2
W
T1
T1
A0
Designation
Symbol
Value
Tolerance
Tape width
W
8
-.0.1/+0.3
Tape thickness
T
1.1 max.
Pitch of the sprocket holes
P0
4±0.1
Diameter of the sprocket holes
D0
1.5
±0.1
-0/+0.1
Distance
E1
1.75
±0.1
Distance (center to center)
F
3.5
±0.05
Distance (center to center)
P2
2
±0.05
Cover tape thickness
T1
0.10 max.
Distance
E2
6.25 min.
Distance
G
0.75 min.
Component pitch
0805/0603
P1
4±0.1
0402
2
±0.1
Bottom side
Reel
Upper side
Reel
according to
ISO/DIS 3639-2
ø 12.75 (.502)
+ 0.15 (.006)
- 0
ø180 (7.09)
+ 0
- 2 (.079)
ø 20.5 (.087)
+ 0.5 (.020)
- 0
8.4 (.331)
+0.15 (.006)
14.4 (.567)
max.
QUANTITY PER REEL
Type
Suffix
Qty Per Reel
NB - NC 12
BB
4000
NB 21
BF
2000


Similar Part No. - N_06P00103

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
ND06P00103K AVX-ND06P00103K Datasheet
224Kb / 10P
   NTC Disc Thermistors
More results

Similar Description - N_06P00103

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL224E05RL MURATA-NCP03WL224E05RL Datasheet
197Kb / 3P
   NTC Thermistors
NCP15WB333J03RC MURATA-NCP15WB333J03RC Datasheet
206Kb / 3P
   NTC Thermistors
NCP15WL223E03RC MURATA-NCP15WL223E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15WL683E03RC MURATA-NCP15WL683E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15XH103F03RC MURATA-NCP15XH103F03RC Datasheet
208Kb / 3P
   NTC Thermistors
NCP15XM472E03RC MURATA-NCP15XM472E03RC Datasheet
211Kb / 3P
   NTC Thermistors
NCP15XV103J03RC MURATA-NCP15XV103J03RC Datasheet
207Kb / 3P
   NTC Thermistors
NCP18WB333J03RB MURATA-NCP18WB333J03RB Datasheet
208Kb / 3P
   NTC Thermistors
NCP18WB473E03RB MURATA-NCP18WB473E03RB Datasheet
208Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com