Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N_06P00472 Datasheet(PDF) 28 Page - AVX Corporation

Part # N_06P00472
Description  NTC Thermistors
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

N_06P00472 Datasheet(HTML) 28 Page - AVX Corporation

Back Button N_06P00472 Datasheet HTML 24Page - AVX Corporation N_06P00472 Datasheet HTML 25Page - AVX Corporation N_06P00472 Datasheet HTML 26Page - AVX Corporation N_06P00472 Datasheet HTML 27Page - AVX Corporation N_06P00472 Datasheet HTML 28Page - AVX Corporation N_06P00472 Datasheet HTML 29Page - AVX Corporation N_06P00472 Datasheet HTML 30Page - AVX Corporation N_06P00472 Datasheet HTML 31Page - AVX Corporation N_06P00472 Datasheet HTML 32Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
27
NTC Leadless Disc Thermistors
Types
NR
Marking
On package only / On parts upon request
Operating temperature
-40°C to +200°C
Custom - designed products defined with:
Values and tolerances
D ±
ΔDR
1 ±
ΔR
1/R1 at T1
E ±
ΔE R
2 ±
ΔR
2/R2 at T2, . . .
DESIGN OF THE THERMISTOR
Choice of the resistances
If the application is to measure the temperature around a
defined point, a unique nominal resistance can be chosen
(for example, among standard values of the ND range prod-
ucts presented on pages 20 to 24).
When it is required to measure the temperature over selected
ranges T
1 –T2 , T2 –T3 , ..., the corresponding resistance
R
1 , R2 , R3 , ..., must be such that they can be located
on the R (T) characteristic of an existing NTC material
(for example among standard materials whose R (T) are
displayed on pages 29 to 33).
The resistances must also be compatible with the resistivity
of the material and the dimensions of the thermistor.
Choice of the tolerances
The precision of the temperature measurement determines
the calculation of the tolerance on the resistance:
R/R =
(%/°C).
T (°C)
For example, the NTC NR55--3049-99, using “N5” material
(R (T) characteristic displayed on page 31), requires a preci-
sion of 1°C over the temperature range 110°C - 120°C.
The tolerances can be calculated:
R110°C /R110°C = 1°C* 2.91%/°C = 2.91%
R120°C /R120°C = 1°C* 2.76%/°C = 2.76%
*For your specific requirements, please consult us.
D
Metallization
E
Physical data (dim. in mm)
HOW TO ORDER
NR55 -
Type
- 3002 - 99
P/N Code
This type of product is widely used in automotive and
consumer applications.
They are assembled in custom-probes for sensing the
temperature of liquids (water, oil, ...), gases or surface of any
other component.
The metallization covers completely the surfaces of the
thermistor.
The particularly flat and smooth surfaces ensure an excellent
electrical and thermal contact under pressure.


Similar Part No. - N_06P00472

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
ND06P00103K AVX-ND06P00103K Datasheet
224Kb / 10P
   NTC Disc Thermistors
More results

Similar Description - N_06P00472

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL224E05RL MURATA-NCP03WL224E05RL Datasheet
197Kb / 3P
   NTC Thermistors
NCP15WB333J03RC MURATA-NCP15WB333J03RC Datasheet
206Kb / 3P
   NTC Thermistors
NCP15WL223E03RC MURATA-NCP15WL223E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15WL683E03RC MURATA-NCP15WL683E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15XH103F03RC MURATA-NCP15XH103F03RC Datasheet
208Kb / 3P
   NTC Thermistors
NCP15XM472E03RC MURATA-NCP15XM472E03RC Datasheet
211Kb / 3P
   NTC Thermistors
NCP15XV103J03RC MURATA-NCP15XV103J03RC Datasheet
207Kb / 3P
   NTC Thermistors
NCP18WB333J03RB MURATA-NCP18WB333J03RB Datasheet
208Kb / 3P
   NTC Thermistors
NCP18WB473E03RB MURATA-NCP18WB473E03RB Datasheet
208Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com