Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N_06L00681 Datasheet(PDF) 26 Page - AVX Corporation

Part # N_06L00681
Description  NTC Thermistors
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

N_06L00681 Datasheet(HTML) 26 Page - AVX Corporation

Back Button N_06L00681 Datasheet HTML 22Page - AVX Corporation N_06L00681 Datasheet HTML 23Page - AVX Corporation N_06L00681 Datasheet HTML 24Page - AVX Corporation N_06L00681 Datasheet HTML 25Page - AVX Corporation N_06L00681 Datasheet HTML 26Page - AVX Corporation N_06L00681 Datasheet HTML 27Page - AVX Corporation N_06L00681 Datasheet HTML 28Page - AVX Corporation N_06L00681 Datasheet HTML 29Page - AVX Corporation N_06L00681 Datasheet HTML 30Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
25
Types
Suffix
H or Ho
Leads
Quantity/Size
Packaging
ND/NE
CA
16 ± 0.5
Straight
3000
AMMOPACK
03
(0.630 ± 0.020)
&
CB
16 ± 0.5
Straight
3000
REEL
NJ28
(0.630 ± 0.020)
CC
19.5 ± 0.5
Straight
3000
AMMOPACK
(0.768 ± 0.020)
CD
19.5 ± 0.5
Straight
3000
REEL
(0.768 ± 0.020)
ND/NE/NV
DA
16 ± 0.5
Straight
1500
AMMOPACK
06/09
(0.630 ± 0.020)
DB
16 ± 0.5
Straight
1500
REEL
(0.630 ± 0.020)
DC
19.5 ± 0.5
Straight
1500
AMMOPACK
(0.768 ± 0.020)
DD
19.5 ± 0.5
Straight
1500
REEL
(0.768 ± 0.020)
DL
16 ± 0.5
Kinked
1500
AMMOPACK
(0.630 ± 0.020)
DM
16 ± 0.5)
Kinked
1500
REEL
(0.630 ± 0.020)
DN
19.5 ± 0.5
Kinked
1500
AMMOPACK
(0.768 ± 0.020)
DP
19.5 ± 0.5
Kinked
1500
REEL
(0.768 ± 0.020)
millimeters (inches)
Type
Quantity/box
ND/NE03
3000
ND/NE06
1500
ND/NE09
1500
NV06
100
NV09
100
NI24
NJ28
1000
NK20
• Bulk
• Reel & Ammopack
HOW TO ORDER
ND06
Type
P0
Material Code
P
0103
Resistance
10 kΩ
K
Tolerance
K (±10%)
– –
Packaging
Bulk
NTC Disc Thermistors
Packaging for Automatic Insertion
H
2.54 (0.10)
H
Ho
5.08 (0.20)
NTC
Type
ND03
NE03
NJ28
NTC
Types
ND/NE/NV
06/09
PACKAGING AND KINK SUFFIXES
Tables below indicate the suffixes to specify when ordering to
get the required kink and packaging. For devices on tape, it
is necessary to specify the height (H or Ho) which is the
distance between the tape axis (sprocket holes axis) and
the seating plane on the printed circuit board. The following
types can be ordered on tape either in AMMOPACK
(fan folder) or on REEL in accordance with IEC 286-2.
– Straight leads:
H represents the distance between the sprocket holes axis
and the bottom plane of component body (base of resin or
base of stand off).
– Kinked leads and flat leads:
Ho represents the distance between the sprocket holes
axis and the base on the knee (kinked leads) or the bottom
of the flat part (flat leads).


Similar Part No. - N_06L00681

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
N-06-18-0-M-LC MOLEX4-N-06-18-0-M-LC Datasheet
76Kb / 2P
   154.94mm (6.100") UV Black Cable Tie, 18 Pound Tensile Strength, 1000/Bag
N-06-18-9-M-LC MOLEX4-N-06-18-9-M-LC Datasheet
76Kb / 2P
   154.94mm (6.100") Natural Cable Tie, 18 Pound Tensile Strength
logo
Heyco.
N006 HEYCO-N006 Datasheet
147Kb / 1P
   Polyurethane Adhesive-Back Bumpers
N106 HEYCO-N106 Datasheet
147Kb / 1P
   Polyurethane Adhesive-Back Bumpers
logo
Tripp Lite. All Rights ...
N206-FP01-IND TRIPPLITE-N206-FP01-IND Datasheet
159Kb / 2P
   Bulkhead Wall Plate, 1 Cutout, Industrial, Metal - Stainless Steel, IP44, Single Gang, TAA
More results

Similar Description - N_06L00681

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL224E05RL MURATA-NCP03WL224E05RL Datasheet
197Kb / 3P
   NTC Thermistors
NCP15WB333J03RC MURATA-NCP15WB333J03RC Datasheet
206Kb / 3P
   NTC Thermistors
NCP15WL223E03RC MURATA-NCP15WL223E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15WL683E03RC MURATA-NCP15WL683E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15XH103F03RC MURATA-NCP15XH103F03RC Datasheet
208Kb / 3P
   NTC Thermistors
NCP15XM472E03RC MURATA-NCP15XM472E03RC Datasheet
211Kb / 3P
   NTC Thermistors
NCP15XV103J03RC MURATA-NCP15XV103J03RC Datasheet
207Kb / 3P
   NTC Thermistors
NCP18WB333J03RB MURATA-NCP18WB333J03RB Datasheet
208Kb / 3P
   NTC Thermistors
NCP18WB473E03RB MURATA-NCP18WB473E03RB Datasheet
208Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com