Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N_06J00221 Datasheet(PDF) 36 Page - AVX Corporation

Part # N_06J00221
Description  NTC Thermistors
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

N_06J00221 Datasheet(HTML) 36 Page - AVX Corporation

Back Button N_06J00221 Datasheet HTML 30Page - AVX Corporation N_06J00221 Datasheet HTML 31Page - AVX Corporation N_06J00221 Datasheet HTML 32Page - AVX Corporation N_06J00221 Datasheet HTML 33Page - AVX Corporation N_06J00221 Datasheet HTML 34Page - AVX Corporation N_06J00221 Datasheet HTML 35Page - AVX Corporation N_06J00221 Datasheet HTML 36Page - AVX Corporation N_06J00221 Datasheet HTML 37Page - AVX Corporation N_06J00221 Datasheet HTML 38Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
35
Circuit Protection Portfolio
Application Guide
APPLICATIONS
ESD
XX
X
X
In Rush Current Limit
XX
Long Wave Transient
X
X
X
XXX
X
EMI Filtering
XX
X
EMI Filtering + Transient
X
X
X
X
XX
X
X
XXX
Load Dump
XX
Automotive
X
XXX
X
X
X
X
X
X
X
Mil Std 461-E
X
ISO 7637
XX
IEC 61000
X
X
X
X
X
XXX
X
X
Telecom Protection
XX
Over Current Protection
X
Diode Replacement
X
X
X
XXX
X
Zener Replacement
X
X
X
XXX
X
Military A-A-55682
X
Radiation Resistance
XX
Industrial
X
XXX
X
X
X
X
X
X
X
UL 1449
X
UL 1414
X
Medical (EN 60601)
XX
High Speed Data Line Protection
XX
Optic Transceiver Protection
XX
Temperature Sensing
XX
Low Leakage Circuit
X
DATA
Data Sheet
X
X
X
X
X
X
X
X
XX
X
X
XXXX
X
X
Application Notes
XX
X
X
X
X
X
X
X
X
X
XX
Reliability Data
XX
Distributed Element Model
X
X
X
X
X
XXX
X
X
Frequency Response
X
X
XXX
X
X
X
X
X
X


Similar Part No. - N_06J00221

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
N-06-18-0-M-LC MOLEX4-N-06-18-0-M-LC Datasheet
76Kb / 2P
   154.94mm (6.100") UV Black Cable Tie, 18 Pound Tensile Strength, 1000/Bag
N-06-18-9-M-LC MOLEX4-N-06-18-9-M-LC Datasheet
76Kb / 2P
   154.94mm (6.100") Natural Cable Tie, 18 Pound Tensile Strength
logo
Heyco.
N006 HEYCO-N006 Datasheet
147Kb / 1P
   Polyurethane Adhesive-Back Bumpers
N106 HEYCO-N106 Datasheet
147Kb / 1P
   Polyurethane Adhesive-Back Bumpers
logo
Tripp Lite. All Rights ...
N206-FP01-IND TRIPPLITE-N206-FP01-IND Datasheet
159Kb / 2P
   Bulkhead Wall Plate, 1 Cutout, Industrial, Metal - Stainless Steel, IP44, Single Gang, TAA
More results

Similar Description - N_06J00221

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL224E05RL MURATA-NCP03WL224E05RL Datasheet
197Kb / 3P
   NTC Thermistors
NCP15WB333J03RC MURATA-NCP15WB333J03RC Datasheet
206Kb / 3P
   NTC Thermistors
NCP15WL223E03RC MURATA-NCP15WL223E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15WL683E03RC MURATA-NCP15WL683E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15XH103F03RC MURATA-NCP15XH103F03RC Datasheet
208Kb / 3P
   NTC Thermistors
NCP15XM472E03RC MURATA-NCP15XM472E03RC Datasheet
211Kb / 3P
   NTC Thermistors
NCP15XV103J03RC MURATA-NCP15XV103J03RC Datasheet
207Kb / 3P
   NTC Thermistors
NCP18WB333J03RB MURATA-NCP18WB333J03RB Datasheet
208Kb / 3P
   NTC Thermistors
NCP18WB473E03RB MURATA-NCP18WB473E03RB Datasheet
208Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com