Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N_03U00105 Datasheet(PDF) 15 Page - AVX Corporation

Part # N_03U00105
Description  NTC Thermistors
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

N_03U00105 Datasheet(HTML) 15 Page - AVX Corporation

Back Button N_03U00105 Datasheet HTML 11Page - AVX Corporation N_03U00105 Datasheet HTML 12Page - AVX Corporation N_03U00105 Datasheet HTML 13Page - AVX Corporation N_03U00105 Datasheet HTML 14Page - AVX Corporation N_03U00105 Datasheet HTML 15Page - AVX Corporation N_03U00105 Datasheet HTML 16Page - AVX Corporation N_03U00105 Datasheet HTML 17Page - AVX Corporation N_03U00105 Datasheet HTML 18Page - AVX Corporation N_03U00105 Datasheet HTML 19Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
14
NTC SMD Thermistors
With Nickel Barrier Termination NB 21
Types
NB 21
IEC SIZE : 0603
Terminations
Nickel Barrier
Marking
On packaging only
Climatic category
40/125/56
Operating temperature
-55°C to +150°C
Tolerance on Rn (25°C)
±5%, ±10%, ±20%
Maximum dissipation at 25°C
0.07 W
Thermal dissipation factor
1 mW/°C
Thermal time constant
4 s
Chip thermistors are high quality and low cost devices
especially developed for surface mounting applications. They
are widely used for temperature compensation but can also
achieve temperature control of printed circuits.
A nickel barrier metallization provides outstanding qualities of
solderability and enables this chip to meet the requirements
of the most severe soldering processes.
APPLICATIONS
• LCD compensation
• Battery packs
• Mobile phones
• CD players
• Heating systems
• Air-conditioning systems
• Temperature control of Switch Mode Power Supplies
• Compensation of pressure sensors
• Protection of power transistors in various electronic circuits
1.6 (.063) 0.2 (.008)
0.8 (.031)
±0.2 (.008)
0.8 (.031)
±0.2 (.008)
0.2 (.008) min
0.2 (.008) min
Resistance - Temperature characteristics: pages 29 to 33.
HOW TO ORDER
NB 21
Type
K 0
Material Code
K
(See tables page 15)
0103
Resistance
10,000 Ω
M
Tolerance
M (±20%)
J (±5%)
K (±10%)
BB
Suffix: Packaging
– –: Bulk
BB: Cardboard tape
(180mm diam. reel)
BF: Cardboard tape (1/2 reel)
BD: Cardboard tape
(330mm diam. reel)
DIMENSIONS:
millimeters (inches)


Similar Part No. - N_03U00105

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N003-075-BL-P TRIPPLITE-N003-075-BL-P Datasheet
182Kb / 2P
   Cat5e Plenum Rated Snagless Patch Cable, (RJ45 M/M ) - Blue, 75-ft.
logo
List of Unclassifed Man...
N1030 ETC2-N1030 Datasheet
165Kb / 1P
   BOOT TOGGLE TOTALLY ENCLOSING(N-1030)
N1030B ETC2-N1030B Datasheet
34Kb / 2P
   HEXSEALS:Silicone rubber conforms to A-A-59588 Class 3B, GR 50 unless otherwise specified.
N1030B-160ID ETC2-N1030B-160ID Datasheet
34Kb / 2P
   HEXSEALS:Silicone rubber conforms to A-A-59588 Class 3B, GR 50 unless otherwise specified.
logo
RFE international
N103K1H RFE-N103K1H Datasheet
73Kb / 1P
   POLYESTER FILM CAPACITORS N Series: Non-Inductive, Film Foil
More results

Similar Description - N_03U00105

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL224E05RL MURATA-NCP03WL224E05RL Datasheet
197Kb / 3P
   NTC Thermistors
NCP15WB333J03RC MURATA-NCP15WB333J03RC Datasheet
206Kb / 3P
   NTC Thermistors
NCP15WL223E03RC MURATA-NCP15WL223E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15WL683E03RC MURATA-NCP15WL683E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15XH103F03RC MURATA-NCP15XH103F03RC Datasheet
208Kb / 3P
   NTC Thermistors
NCP15XM472E03RC MURATA-NCP15XM472E03RC Datasheet
211Kb / 3P
   NTC Thermistors
NCP15XV103J03RC MURATA-NCP15XV103J03RC Datasheet
207Kb / 3P
   NTC Thermistors
NCP18WB333J03RB MURATA-NCP18WB333J03RB Datasheet
208Kb / 3P
   NTC Thermistors
NCP18WB473E03RB MURATA-NCP18WB473E03RB Datasheet
208Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com