Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9272BSVZ-801 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9272BSVZ-801
Description  Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9272BSVZ-801 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9272BSVZ-801 Datasheet HTML 7Page - Analog Devices AD9272BSVZ-801 Datasheet HTML 8Page - Analog Devices AD9272BSVZ-801 Datasheet HTML 9Page - Analog Devices AD9272BSVZ-801 Datasheet HTML 10Page - Analog Devices AD9272BSVZ-801 Datasheet HTML 11Page - Analog Devices AD9272BSVZ-801 Datasheet HTML 12Page - Analog Devices AD9272BSVZ-801 Datasheet HTML 13Page - Analog Devices AD9272BSVZ-801 Datasheet HTML 14Page - Analog Devices AD9272BSVZ-801 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
AD9272
Rev. C | Page 11 of 44
ABSOLUTE MAXIMUM RATINGS
Table 4.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Parameter
With
Respect To
Rating
Electrical
AVDD1
GND
−0.3 V to +2.0 V
AVDD2
GND
−0.3 V to +3.9 V
DRVDD
GND
−0.3 V to +2.0 V
GND
GND
−0.3 V to +0.3 V
AVDD2
AVDD1
−2.0 V to +3.9 V
AVDD1
DRVDD
−2.0 V to +2.0 V
AVDD2
DRVDD
−2.0 V to +3.9 V
Digital Outputs
(DOUTx+, DOUTx−,
DCO+, DCO−,
FCO+, FCO−)
GND
−0.3 V to +2.0 V
CLK+, CLK−,
GAIN+,GAIN−
GND
−0.3 V to +3.9 V
LI-x, LO-x, LOSW-x
LG-x
−0.3 V to +2.0 V
CWDx−, CWDx+
GND
−0.3 V to +3.9 V
GND
−0.3 V to +2.0 V
PDWN, STBY, SCLK, CSB
GND
−0.3 V to +3.9 V
RBIAS, VREF, SDIO
GND
−0.3 V to +2.0 V
Environmental
Operating Temperature
Range (Ambient)
−40°C to +85°C
Storage Temperature
Range (Ambient)
−65°C to +150°C
Maximum Junction
Temperature
150°C
Lead Temperature
(Soldering, 10 sec)
300°C
THERMAL IMPEDANCE
Table 5.
Air Flow Velocity (m/sec)
θJA1
θJB
θJC
Unit
0.0
20.3
N/A
N/A
°C/W
1.0
14.4
7.6
4.7
°C/W
2.5
12.9
N/A
N/A
°C/W
1 θJA is for a 4-layer PCB with a solid ground plane (simulated). The exposed
pad is soldered to the PCB.
ESD CAUTION


Similar Part No. - AD9272BSVZ-801

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9272BSVZ-80 AD-AD9272BSVZ-80 Datasheet
775Kb / 45P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
More results

Similar Description - AD9272BSVZ-801

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9272 AD-AD9272 Datasheet
71Kb / 2P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Rev. Sp0
AD9271 AD-AD9271_17 Datasheet
1Mb / 61P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
AD9271 AD-AD9271_15 Datasheet
1Mb / 60P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
REV. B
AD9271 AD-AD9271 Datasheet
1Mb / 58P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Rev. PrA
AD9273 AD-AD9273 Datasheet
710Kb / 49P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
AD9273 AD-AD9273_08 Datasheet
65Kb / 2P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Rev. Sp0
AD9272 AD-AD9272_17 Datasheet
775Kb / 45P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
AD9278 AD-AD9278 Datasheet
910Kb / 45P
   Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
AD9279 AD-AD9279 Datasheet
971Kb / 44P
   Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
REV. 0
AD9279 AD-AD9279_17 Datasheet
958Kb / 45P
   Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com