Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8626ARZ-REEL Datasheet(PDF) 10 Page - Analog Devices

Part # AD8626ARZ-REEL
Description  Precision Low Power Single-Supply JFET Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8626ARZ-REEL Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8626ARZ-REEL Datasheet HTML 6Page - Analog Devices AD8626ARZ-REEL Datasheet HTML 7Page - Analog Devices AD8626ARZ-REEL Datasheet HTML 8Page - Analog Devices AD8626ARZ-REEL Datasheet HTML 9Page - Analog Devices AD8626ARZ-REEL Datasheet HTML 10Page - Analog Devices AD8626ARZ-REEL Datasheet HTML 11Page - Analog Devices AD8626ARZ-REEL Datasheet HTML 12Page - Analog Devices AD8626ARZ-REEL Datasheet HTML 13Page - Analog Devices AD8626ARZ-REEL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD8625/AD8626/AD8627
Data Sheet
Rev. F | Page 10 of 20
FREQUENCY (Hz)
–60
–40
–20
0
20
40
60
80
100
120
140
1k
10k
100k
1M
10M
+PSRR
–PSRR
VSY = 5V
Figure 26. PSRR vs. Frequency
FREQUENCY (Hz)
0
30
60
90
120
150
180
210
240
270
300
1k
10k
100k
1M
100M
10M
G = +100
G = +1
G = +10
VSY = ±13V
Figure 27. Output Impedance vs. Frequency
FREQUENCY (Hz)
0
30
60
90
120
150
180
210
240
270
300
1k
10k
100k
1M
100M
10M
G = +100
G = +1
G = +10
VSY = 5V
Figure 28. Output Impedance vs. Frequency
TIME (400
µs/DIV)
INPUT
OUTPUT
VSY = ±13V
Figure 29. No Phase Reversal
SETTLING TIME (
µs)
–15
–10
–5
0
5
10
15
0
0.5
1.0
1.5
2.5
2.0
TS + (1%)
TS + (0.1%)
TS – (1%)
TS – (0.1%)
Figure 30. Output Swing and Error vs. Settling Time
CAPACITANCE (pF)
0
10
60
50
40
30
20
70
10
100
1k
OS–
OS+
VS = ±13V
RL = 10k
VIN = 100mV p-p
AV = +1
Figure 31. Small-Signal Overshoot vs. Load Capacitance


Similar Part No. - AD8626ARZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8626AR AD-AD8626AR Datasheet
568Kb / 20P
   Precision Low Power Single-Supply JFET Amplifier
REV. B
AD8626AR-REEL AD-AD8626AR-REEL Datasheet
568Kb / 20P
   Precision Low Power Single-Supply JFET Amplifier
REV. B
AD8626AR-REEL7 AD-AD8626AR-REEL7 Datasheet
568Kb / 20P
   Precision Low Power Single-Supply JFET Amplifier
REV. B
AD8626ARM-R2 AD-AD8626ARM-R2 Datasheet
568Kb / 20P
   Precision Low Power Single-Supply JFET Amplifier
REV. B
AD8626ARM-REEL AD-AD8626ARM-REEL Datasheet
568Kb / 20P
   Precision Low Power Single-Supply JFET Amplifier
REV. B
More results

Similar Description - AD8626ARZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8627 AD-AD8627 Datasheet
568Kb / 20P
   Precision Low Power Single-Supply JFET Amplifier
REV. B
AD8626 AD-AD8626_15 Datasheet
290Kb / 20P
   Single-Supply JFET Amplifiers
Rev. F
AD8627 AD-AD8627_15 Datasheet
290Kb / 20P
   Single-Supply JFET Amplifiers
Rev. F
AD8625 AD-AD8625_15 Datasheet
290Kb / 20P
   Single-Supply JFET Amplifiers
Rev. F
logo
Texas Instruments
OPA234 TI1-OPA234 Datasheet
1Mb / 23P
[Old version datasheet]   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
OPA2234M TI1-OPA2234M Datasheet
964Kb / 19P
[Old version datasheet]   LOW-POWER, PRECISION SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA234 BURR-BROWN-OPA234 Datasheet
671Kb / 19P
   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2234M TI-OPA2234M_15 Datasheet
928Kb / 20P
[Old version datasheet]   LOW-POWER, PRECISION SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA234 BURR-BROWN-OPA234 Datasheet
2Mb / 18P
   Low Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA4234PA TI-OPA4234PA Datasheet
1Mb / 22P
[Old version datasheet]   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com