Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7829BRZ-REEL1 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7829BRZ-REEL1
Description  3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7829BRZ-REEL1 Datasheet(HTML) 5 Page - Analog Devices

  AD7829BRZ-REEL1 Datasheet HTML 1Page - Analog Devices AD7829BRZ-REEL1 Datasheet HTML 2Page - Analog Devices AD7829BRZ-REEL1 Datasheet HTML 3Page - Analog Devices AD7829BRZ-REEL1 Datasheet HTML 4Page - Analog Devices AD7829BRZ-REEL1 Datasheet HTML 5Page - Analog Devices AD7829BRZ-REEL1 Datasheet HTML 6Page - Analog Devices AD7829BRZ-REEL1 Datasheet HTML 7Page - Analog Devices AD7829BRZ-REEL1 Datasheet HTML 8Page - Analog Devices AD7829BRZ-REEL1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AD7822/AD7825/AD7829
Rev. C | Page 5 of 28
TIMING CHARACTERISTICS
VREF IN/OUT = 2.5 V. All specifications −40°C to +85°C, unless otherwise noted.
Table 2.
Parameter1,
2
5 V ± 10%
3 V ± 10%
Unit
Conditions/Comments
t1
420
420
ns max
Conversion time
t2
20
20
ns min
Minimum CONVST pulse width
t3
30
30
ns min
Minimum time between the rising edge of RD and the next falling edge of convert star
t4
110
110
ns max
EOC pulse width
70
70
ns min
t5
10
10
ns max
RD rising edge to EOC pulse high
t6
0
0
ns min
CS to RD setup time
t7
0
0
ns min
CS to RD hold time
t8
30
30
ns min
Minimum RD pulse width
t93
10
20
ns max
Data access time after RD low
t104
5
5
ns min
Bus relinquish time after RD high
20
20
ns max
t11
10
10
ns min
Address setup time before falling edge of RD
t12
15
15
ns min
Address hold time after falling edge of RD
t13
200
200
ns min
Minimum time between new channel selection and convert start
tPOWER UP
25
25
μs typ
Power-up time from rising edge of CONVST using on-chip reference
tPOWER UP
1
1
μs max
Power-up time from rising edge of CONVST using external 2.5 V reference
1 Sample tested to ensure compliance.
2 See Figure 24, Figure 25, and Figure 26.
3 Measured with the load circuit of Figure 2 and defined as the time required for an output to cross 0.8 V or 2.4 V with VDD = 5 V ± 10%, and time required for an output
to cross 0.4 V or 2.0 V with VDD = 3 V ± 10%.
4 Derived from the measured time taken by the data outputs to change 0.5 V when loaded with the circuit of Figure 2. The measured number is then extrapolated back
to remove the effects of charging or discharging the 50 pF capacitor. This means that the time, t10, quoted in the timing characteristics is the true bus relinquish time
of the part and, as such, is independent of external bus loading capacitances.
TIMING DIAGRAM
200µA
IOL
200µA
IOH
2.1V
TO OUTPUT
PIN
CL
50pF
Figure 2. Load Circuit for Access Time and Bus Relinquish Time


Similar Part No. - AD7829BRZ-REEL1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7829BR AD-AD7829BR Datasheet
240Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 1-, 4-, 8-Channel Sampling ADCs
REV. B
AD7829BRU AD-AD7829BRU Datasheet
240Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 1-, 4-, 8-Channel Sampling ADCs
REV. B
AD7829BRU-1 AD-AD7829BRU-1 Datasheet
390Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
REV. 0
AD7829BRU-1 AD-AD7829BRU-1 Datasheet
361Kb / 21P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
AD7829BRU-1REEL7 AD-AD7829BRU-1REEL7 Datasheet
390Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
REV. 0
More results

Similar Description - AD7829BRZ-REEL1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7825 AD-AD7825_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7829 AD-AD7829_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7822 AD-AD7822 Datasheet
240Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 1-, 4-, 8-Channel Sampling ADCs
REV. B
AD7822 AD-AD7822_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7829-1 AD-AD7829-1_15 Datasheet
390Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
REV. 0
AD7829-1 AD-AD7829-1 Datasheet
390Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
REV. 0
AD7829-1 AD-AD7829-1_17 Datasheet
361Kb / 21P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
AD7827 AD-AD7827_15 Datasheet
189Kb / 12P
   3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC
REV. 0
AD7827 AD-AD7827 Datasheet
185Kb / 12P
   3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC
REV. 0
AD7859 AD-AD7859_15 Datasheet
405Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com