Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCL30082A Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCL30082A
Description  Dimmable Quasi-Resonant Primary Side Current-ModeController for LED Lighting with Thermal Fold-back
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCL30082A Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCL30082A Datasheet HTML 6Page - ON Semiconductor NCL30082A Datasheet HTML 7Page - ON Semiconductor NCL30082A Datasheet HTML 8Page - ON Semiconductor NCL30082A Datasheet HTML 9Page - ON Semiconductor NCL30082A Datasheet HTML 10Page - ON Semiconductor NCL30082A Datasheet HTML 11Page - ON Semiconductor NCL30082A Datasheet HTML 12Page - ON Semiconductor NCL30082A Datasheet HTML 13Page - ON Semiconductor NCL30082A Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
NCL30082
http://onsemi.com
10
TYPICAL CHARACTERISTICS
Figure 15. tBLANK vs. Junction Temperature
Figure 16. tTIMO vs. Junction Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
100
80
60
40
20
0
−20
−40
3.00
3.05
3.10
3.15
3.20
6.5
6.6
6.7
6.8
6.9
7.0
7.1
Figure 17. VREF vs. Junction Temperature
Figure 18. VCS(low) vs. Junction Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
249
250
251
252
253
254
255
52.0
52.5
53.0
53.5
54.0
54.5
55.0
Figure 19. KLFF vs. Junction Temperature
Figure 20. VREF(off) vs. Junction Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
16.30
16.35
16.40
16.45
16.50
16.55
16.60
37.0
37.1
37.2
37.3
37.4
37.5
37.6
120
100
80
60
40
20
0
−20
−40
120
100
80
60
40
20
0
−20
−40
120
100
80
60
40
20
0
−20
−40
120
100
80
60
40
20
0
−20
−40
120
100
80
60
40
20
0
−20
−40
120


Similar Part No. - NCL30082A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30082A ONSEMI-NCL30082A Datasheet
361Kb / 35P
   Dimmable Quasi-Resonant Primary Side Current-Mode Primary Side Current-Mode
January, 2015 ??Rev. 5
NCL30082ADMR2G ONSEMI-NCL30082ADMR2G Datasheet
361Kb / 35P
   Dimmable Quasi-Resonant Primary Side Current-Mode Primary Side Current-Mode
January, 2015 ??Rev. 5
More results

Similar Description - NCL30082A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30082 ONSEMI-NCL30082 Datasheet
395Kb / 32P
   Dimmable Quasi-Resonant Primary Side Current-ModeController for LED Lighting with Thermal Fold-back
February, 2013 ??Rev. P2
NCL30083 ONSEMI-NCL30083_15 Datasheet
393Kb / 35P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting with Thermal Fold-back
January, 2015 ??Rev. 2
NCL30083 ONSEMI-NCL30083_13 Datasheet
404Kb / 35P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting with Thermal Fold-back
April, 2013 ??Rev. 0
NCL30081 ONSEMI-NCL30081 Datasheet
310Kb / 23P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
January, 2013 ??Rev. P0
NCL30081 ONSEMI-NCL30081_13 Datasheet
309Kb / 31P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
April, 2013 ??Rev. 0
NCL30081 ONSEMI-NCL30081_15 Datasheet
270Kb / 30P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
January, 2015 ??Rev. 1
NCL30083 ONSEMI-NCL30083 Datasheet
443Kb / 34P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
February, 2013 ??Rev. P2
NCL30080 ONSEMI-NCL30080_13 Datasheet
257Kb / 26P
   Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
April, 2013 ??Rev. 0
NCL30082 ONSEMI-NCL30082_15 Datasheet
361Kb / 35P
   Dimmable Quasi-Resonant Primary Side Current-Mode Primary Side Current-Mode
January, 2015 ??Rev. 5
NCP1370 ONSEMI-NCP1370 Datasheet
260Kb / 19P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller
February, 2016 ??Rev. P1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com