Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7923BRU Datasheet(PDF) 4 Page - Analog Devices

Part # AD7923BRU
Description  4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7923BRU Datasheet(HTML) 4 Page - Analog Devices

  AD7923BRU Datasheet HTML 1Page - Analog Devices AD7923BRU Datasheet HTML 2Page - Analog Devices AD7923BRU Datasheet HTML 3Page - Analog Devices AD7923BRU Datasheet HTML 4Page - Analog Devices AD7923BRU Datasheet HTML 5Page - Analog Devices AD7923BRU Datasheet HTML 6Page - Analog Devices AD7923BRU Datasheet HTML 7Page - Analog Devices AD7923BRU Datasheet HTML 8Page - Analog Devices AD7923BRU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD7923
Rev. C | Page 4 of 24
Parameter
B Version1
Unit
Test Conditions/Comments
LOGIC OUTPUTS
Output High Voltage, VOH
VDRIVE – 0.2
V min
ISOURCE = 200 μA, AVDD = 2.7 V to 5.25 V
Output Low Voltage, VOL
0.4
V max
ISINK = 200 μA
Floating-State Leakage Current
±1
μA max
Floating-State Output Capacitance3
10
pF max
Output Coding
Twos Complement
Coding bit set to 0
Straight (Natural)
Binary
Coding bit set to 1
CONVERSION RATE
Conversion Time
Track-and-Hold Acquisition Time
800
ns max
16 SCLK cycles with SCLK at 20 MHz
300
ns max
Sinewave input
300
ns max
Full-scale step Input
Throughput Rate
200
kSPS max
See Serial Interface section
POWER REQUIREMENTS
AVDD
2.7/5.25
V min/max
VDRIVE
2.7/5.25
V min/max
IDD4
Digital I/Ps = 0 V or VDRIVE
During Conversion
2.7
mA max
AVDD = 4.75 V to 5.25 V, fSCLK = 20 MHz
2.0
mA max
AVDD = 2.7 V to 3.6 V, fSCLK = 20 MHz
Normal Mode (Static)
600
μA typ
AVDD = 2.7 V to 5.25 V, SCLK on or off
Normal Mode (Operational) fSAMPLE = 200 kSPS
1.5
mA max
AVDD = 4.75 V to 5.25 V, fSCLK = 20 MHz
1.2
mA max
AVDD = 2.7 V to 3.6 V, fSCLK = 20 MHz
Using Auto Shutdown Mode fSAMPLE = 200 kSPS
900
μA typ
AVDD = 4.75 V to 5.25 V, fSAMPLE = 200 kSPS
650
μA typ
AVDD = 2.7 V to 3.6 V, fSAMPLE = 200 kSPS
Auto Shutdown (Static)
0.5
μA max
SCLK on or off (20 nA typ)
Full Shutdown Mode
0.5
μA max
SCLK on or off (20 nA typ)
Power Dissipation4
Normal Mode (Operational) fSAMPLE = 200 kSPS
7.5
mW max
AVDD = 5 V, fSCLK = 20 MHz
3.6
mW max
AVDD = 3 V, fSCLK = 20 MHz
Auto Shutdown (Static)
2.5
μW max
AVDD = 5 V
1.5
μW max
AVDD = 3 V
Full Shutdown Mode
2.5
μW max
AVDD = 5 V
1.5
μW max
AVDD = 3 V
1 Temperature range: B Version: −40°C to +125°C.
2 See Terminology section.
3 Sample tested @ 25°C to ensure compliance.
4 See Power vs. Throughput Rate section.


Similar Part No. - AD7923BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7923BRU AD-AD7923BRU Datasheet
430Kb / 20P
   4-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. 0
AD7923BRU AD-AD7923BRU Datasheet
423Kb / 25P
   4-Channel, 200 kSPS 12-Bit ADC Sequencer in 16-Lead TSSOP
AD7923BRUZ AD-AD7923BRUZ Datasheet
423Kb / 25P
   4-Channel, 200 kSPS 12-Bit ADC Sequencer in 16-Lead TSSOP
AD7923BRUZ-REEL AD-AD7923BRUZ-REEL Datasheet
423Kb / 25P
   4-Channel, 200 kSPS 12-Bit ADC Sequencer in 16-Lead TSSOP
AD7923BRUZ-REEL7 AD-AD7923BRUZ-REEL7 Datasheet
423Kb / 25P
   4-Channel, 200 kSPS 12-Bit ADC Sequencer in 16-Lead TSSOP
More results

Similar Description - AD7923BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7923 AD-AD7923 Datasheet
430Kb / 20P
   4-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. 0
AD7923 AD-AD7923_15 Datasheet
381Kb / 24P
   4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. D
AD7923 AD-AD7923_17 Datasheet
423Kb / 25P
   4-Channel, 200 kSPS 12-Bit ADC Sequencer in 16-Lead TSSOP
AD7927 AD-AD7927_15 Datasheet
407Kb / 28P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
REV. D
AD7927BRUZ AD-AD7927BRUZ Datasheet
485Kb / 28P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
REV. C
AD7927 AD-AD7927 Datasheet
276Kb / 20P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
AD7927 AD-AD7927_17 Datasheet
485Kb / 29P
   8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
AD7490 AD-AD7490_15 Datasheet
950Kb / 29P
   16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
REV. D
AD7490 AD-AD7490 Datasheet
2Mb / 24P
   16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
REV. A
AD7490 AD-AD7490_12 Datasheet
673Kb / 28P
   16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com