Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7794CRUZ-REEL1 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7794CRUZ-REEL1
Description  6-Channel, Low Noise, Low Power, 24-/16-Bit 誇-? ADC with On-Chip In-Amp and Reference
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7794CRUZ-REEL1 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7794CRUZ-REEL1 Datasheet HTML 3Page - Analog Devices AD7794CRUZ-REEL1 Datasheet HTML 4Page - Analog Devices AD7794CRUZ-REEL1 Datasheet HTML 5Page - Analog Devices AD7794CRUZ-REEL1 Datasheet HTML 6Page - Analog Devices AD7794CRUZ-REEL1 Datasheet HTML 7Page - Analog Devices AD7794CRUZ-REEL1 Datasheet HTML 8Page - Analog Devices AD7794CRUZ-REEL1 Datasheet HTML 9Page - Analog Devices AD7794CRUZ-REEL1 Datasheet HTML 10Page - Analog Devices AD7794CRUZ-REEL1 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
AD7794/AD7795
Rev. D | Page 7 of 36
Parameter1
AD7794/AD7795
Unit
Test Conditions/Comments
LOGIC OUTPUT (INCLUDING CLK)
VOH, Output High Voltage2
DVDD − 0.6
V min
DVDD = 3 V, ISOURCE = 100 μA
VOL, Output Low Voltage2
0.4
V max
DVDD = 3 V, ISINK = 100 μA
VOH, Output High Voltage2
4
V min
DVDD = 5 V, ISOURCE = 200 μA
VOL, Output Low Voltage2
0.4
V max
DVDD = 5 V, ISINK = 1.6 mA (DOUT/RDY), 800 μA (CLK)
Floating-State Leakage Current
±10
μA max
Floating-State Output Capacitance
10
pF typ
Data Output Coding
Offset binary
SYSTEM CALIBRATION2
Full-Scale Calibration Limit
1.05 × FS
V max
Zero-Scale Calibration Limit
−1.05 × FS
V min
Input Span
0.8 × FS
V min
2.1 × FS
V max
POWER REQUIREMENTS7
Power Supply Voltage
AVDD to GND
2.7/5.25
V min/max
DVDD to GND
2.7/5.25
V min/max
Power Supply Currents
IDD Current
140
μA max
110 μA typ @ AVDD = 3 V, 125 μA typ @ AVDD = 5 V,
unbuffered mode, external reference
185
μA max
130 μA typ @ AVDD = 3 V, 165 μA typ @ AVDD = 5 V,
buffered mode, gain = 1 or 2, external reference
400
μA max
300 μA typ @ AVDD = 3 V, 350 μA typ @ AVDD = 5 V,
gain = 4 to 128, external reference
500
μA max
400 μA typ @ AVDD = 3 V, 450 μA typ @ AVDD = 5 V,
gain = 4 to 128, internal reference
IDD (Power-Down Mode)
1
μA max
AD7794B, AD7795B
2
μA max
AD7794C
1 Temperature range: B Grade: −40°C to +105°C, C Grade: −40°C to +125°C. At the 19.6 Hz and 39.2 Hz update rates, the INL, power supply rejection (PSR), common-
mode rejection (CMR), and normal mode rejection (NMR) do not meet the data sheet specification if the voltage on the AIN(+) or AIN(−) pins exceeds AVDD – 1.6 V
typically. In addition, the offset error and offset error drift degrade at these update rates when chopping is disabled. When this voltage is exceeded, the INL, for
example, is reduced to 18 ppm of FS typically while the PSR is reduced to 69 dB typically. Therefore, for guaranteed performance at these update rates, the absolute
voltage on the analog input pins needs to be below AVDD − 1.6 V.
2 Specification is not production tested but is supported by characterization data at initial product release.
3 Following a calibration, this error is in the order of the noise for the programmed gain and update rate selected.
4 Recalibration at any temperature removes these errors.
5 Full-scale error applies to both positive and negative full-scale, and applies at the factory calibration conditions (AVDD = 4 V, gain = 1, TA = 25°C).
6 FS[3:0] are the four bits used in the mode register to select the output word rate.
7 Digital inputs equal to DVDD or GND with excitation currents and bias voltage generator disabled.


Similar Part No. - AD7794CRUZ-REEL1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7794 AD-AD7794 Datasheet
260Kb / 21P
   Low Power, 24-Bit Sigma-Delta ADC with In-Amp and Embedded Reference (6 Channel)
REV.PrE 6/04
AD7794 AD-AD7794 Datasheet
767Kb / 37P
   6-Channel, Low Noise, Low Power
REV. D
AD7794 AD-AD7794_15 Datasheet
767Kb / 37P
   6-Channel, Low Noise, Low Power
REV. D
More results

Similar Description - AD7794CRUZ-REEL1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7792 AD-AD7792_07 Datasheet
661Kb / 32P
   3-Channel, Low Noise, Low Power, 16-/24-Bit 誇-? ADC with On-Chip In-Amp and Reference
REV. B
AD7799BRUZ-REEL AD-AD7799BRUZ-REEL Datasheet
897Kb / 28P
   3-Channel, Low Noise, Low Power, 16-/24-Bit, 誇-? ADC with On-Chip In-Amp
REV. A
AD7798 AD-AD7798 Datasheet
445Kb / 28P
   3-Channel, Low Noise, Low Power, 16-/24-Bit, ADC with On-Chip In-Amp
REV. B
AD7785 AD-AD7785 Datasheet
635Kb / 32P
   3-Channel, Low Noise, Low Power, 20-Bit ??? ADC with On-Chip In-Amp and Reference
REV. 0
AD7785 AD-AD7785_17 Datasheet
480Kb / 33P
   3-Channel, Low Noise, Low Power ADC with On-Chip In-Amp and Reference
AD7792 AD-AD7792 Datasheet
241Kb / 18P
   Low Power, 16/24-Bit Sigma-Delta ADC with Low-Noise In-Amp and Embedded Reference
REV.PrF 6/04
AD7794 AD-AD7794 Datasheet
260Kb / 21P
   Low Power, 24-Bit Sigma-Delta ADC with In-Amp and Embedded Reference (6 Channel)
REV.PrE 6/04
AD7124-4 AD-AD7124-4 Datasheet
1Mb / 90P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-8 AD-AD7124-8 Datasheet
1Mb / 91P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-8 AD-AD7124-8_17 Datasheet
1Mb / 93P
   8-Channel, Low Noise, Low Power, 24-Bit Sigma-Delta ADC with PGA and Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com