Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVAL-AD7730EBZ Datasheet(PDF) 10 Page - Analog Devices

Part # EVAL-AD7730EBZ
Description  Bridge Transducer ADC
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7730EBZ Datasheet(HTML) 10 Page - Analog Devices

Back Button EVAL-AD7730EBZ Datasheet HTML 6Page - Analog Devices EVAL-AD7730EBZ Datasheet HTML 7Page - Analog Devices EVAL-AD7730EBZ Datasheet HTML 8Page - Analog Devices EVAL-AD7730EBZ Datasheet HTML 9Page - Analog Devices EVAL-AD7730EBZ Datasheet HTML 10Page - Analog Devices EVAL-AD7730EBZ Datasheet HTML 11Page - Analog Devices EVAL-AD7730EBZ Datasheet HTML 12Page - Analog Devices EVAL-AD7730EBZ Datasheet HTML 13Page - Analog Devices EVAL-AD7730EBZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
AD7730/AD7730L
–10–
OUTPUT NOISE AND RESOLUTION SPECIFICATION
The AD7730 can be programmed to operate in either chop mode or nonchop mode. The chop mode can be enabled in ac-excited or
dc-excited applications; it is optional in dc-excited applications, but chop mode must be enabled in ac-excited applications. These
options are discussed in more detail in later sections. The chop mode has the advantage of lower drift numbers and better noise im-
munity, but the noise is approximately 20% higher for a given –3 dB frequency and output data rate. It is envisaged that the majority
of weigh-scale users of the AD7730 will operate the part in chop mode to avail themselves of the excellent drift performance and
noise immunity when chopping is enabled. The following tables outline the noise performance of the part in both chop and nonchop
modes over all input ranges for a selection of output rates. Settling time refers to the time taken to get an output that is 100% settled
to new value.
Output Noise (CHP = 1)
This mode is the primary mode of operation of the device. Table I shows the output rms noise for some typical output update rates
and –3 dB frequencies for the AD7730 when used in chopping mode (CHP of Filter Register = 1) with a master clock frequency of
4.9152 MHz. These numbers are typical and are generated at a differential analog input voltage of 0 V. The output update rate is
selected via the SF0 to SF11 bits of the Filter Register. Table II, meanwhile, shows the output peak-to-peak resolution in counts for
the same output update rates. The numbers in brackets are the effective peak-to-peak resolution in bits (rounded to the nearest 0.5
LSB). It is important to note that the numbers in Table II represent the resolution for which there will be no code flicker within a
six-sigma limit. They are not calculated based on rms noise, but on peak-to-peak noise.
The numbers are generated for the bipolar input ranges. When the part is operated in unipolar mode, the output noise will be the
same as the equivalent bipolar input range. As a result, the numbers in Table I will remain the same for unipolar ranges while the
numbers in Table II will change. To calculate the numbers for Table II for unipolar input ranges simply divide the peak-to-peak
resolution number in counts by two or subtract one from the peak-to-peak resolution number in bits.
Table I. Output Noise vs. Input Range and Update Rate (CHP = 1)
Typical Output RMS Noise in nV
Output
–3 dB
SF
Settling Time
Settling Time
Input Range
Input Range
Input Range
Input Range
Data Rate Frequency
Word
Normal Mode
Fast Mode
= 80 mV
= 40 mV
= 20 mV
= 10 mV
50 Hz
1.97 Hz
2048
460 ms
60 ms
115
75
55
40
100 Hz
3.95 Hz
1024
230 ms
30 ms
155
105
75
60
150 Hz
5.92 Hz
683
153 ms
20 ms
200
135
95
70
200 Hz*
7.9 Hz
512
115 ms
15 ms
225
145
100
80
400 Hz
15.8 Hz
256
57.5 ms
7.5 ms
335
225
160
110
*Power-On Default
Table II. Peak-to-Peak Resolution vs. Input Range and Update Rate (CHP = 1)
Peak-to-Peak Resolution in Counts (Bits)
Output
–3 dB
SF
Settling Time
Settling Time
Input Range
Input Range
Input Range
Input Range
Data Rate Frequency
Word
Normal Mode
Fast Mode
= 80 mV
= 40 mV
= 20 mV
= 10 mV
50 Hz
1.97 Hz
2048
460 ms
60 ms
230k (18)
175k (17.5)
120k (17)
80k (16.5)
100 Hz
3.95 Hz
1024
230 ms
30 ms
170k (17.5)
125k (17)
90k (16.5)
55k (16)
150 Hz
5.92 Hz
683
153 ms
20 ms
130k (17)
100k (16.5)
70k (16)
45k (15.5)
200 Hz*
7.9 Hz
512
115 ms
15 ms
120k (17)
90k (16.5)
65k (16)
40k (15.5)
400 Hz
15.8 Hz
256
57.5 ms
7.5 ms
80k (16.5)
55k (16)
40k (15.5)
30k (15)
*Power-On Default
Output Noise (CHP = 0)
Table III shows the output rms noise for some typical output update rates and –3 dB frequencies for the AD7730 when used in non-
chopping mode (CHP of Filter Register = 0) with a master clock frequency of 4.9152 MHz. These numbers are typical and are gen-
erated at a differential analog input voltage of 0 V. The output update rate is selected via the SF0 to SF11 bits of the Filter Register.
Table IV, meanwhile, shows the output peak-to-peak resolution in counts for the same output update rates. The numbers in brackets
are the effective peak-to-peak resolution in bits (rounded to the nearest 0.5 LSB). It is important to note that the numbers in Table
IV represent the resolution for which there will be no code flicker within a six-sigma limit. They are not calculated based on rms
noise, but on peak-to-peak noise.
The numbers are generated for the bipolar input ranges. When the part is operated in unipolar mode, the output noise will be the
same as the equivalent bipolar input range. As a result, the numbers in Table III will remain the same for unipolar ranges while the
numbers in Table IV will change. To calculate the number for Table IV for unipolar input ranges simply divide the peak-to-peak
resolution number in counts by two or subtract one from the peak-to-peak resolution number in bits.
REV. B


Similar Part No. - EVAL-AD7730EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD7730EB AD-EVAL-AD7730EB Datasheet
497Kb / 52P
   Bridge Transducer ADC
REV. A
More results

Similar Description - EVAL-AD7730EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7730 AD-AD7730 Datasheet
497Kb / 52P
   Bridge Transducer ADC
REV. A
AD7730L AD-AD7730L_15 Datasheet
321Kb / 53P
   Bridge Transducer ADC
REV. B
AD7730 AD-AD7730_15 Datasheet
321Kb / 53P
   Bridge Transducer ADC
REV. B
logo
Texas Instruments
UC3704 TI1-UC3704 Datasheet
283Kb / 6P
[Old version datasheet]   Bridge Transducer Switch
logo
Analog Devices
1B32 AD-1B32_15 Datasheet
548Kb / 8P
   BRIDGE TRANSDUCER SIGNAL CONDITIONER
1B32 AD-1B32 Datasheet
544Kb / 8P
   Bridge Transducer Signal Conditioner
AD22055 AD-AD22055 Datasheet
214Kb / 4P
   Single Supply Bridge Transducer Amplifier
REV. 0
AD22055 AD-AD22055_15 Datasheet
218Kb / 4P
   Single Supply Bridge Transducer Amplifier
REV. 0
AD7191 AD-AD7191_17 Datasheet
330Kb / 21P
   Sigma-Delta ADC for Bridge Sensors
logo
Cirrus Logic
CS5516 CIRRUS-CS5516 Datasheet
923Kb / 41P
   16BIT/20-BIT BRIDGE TRANSDUCER A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com