Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7706BN Datasheet(PDF) 10 Page - Analog Devices

Part # AD7706BN
Description  3 V/5 V, 1 mW, 2-/3-Channel, 16-Bit, Sigma-Delta ADCs
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7706BN Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7706BN Datasheet HTML 6Page - Analog Devices AD7706BN Datasheet HTML 7Page - Analog Devices AD7706BN Datasheet HTML 8Page - Analog Devices AD7706BN Datasheet HTML 9Page - Analog Devices AD7706BN Datasheet HTML 10Page - Analog Devices AD7706BN Datasheet HTML 11Page - Analog Devices AD7706BN Datasheet HTML 12Page - Analog Devices AD7706BN Datasheet HTML 13Page - Analog Devices AD7706BN Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
AD7705/AD7706
Rev. C | Page 10 of 44
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
SCLK
1
MCLK IN
2
MCLK OUT
3
CS
4
GND
16
VDD
15
DIN
14
DOUT
13
RESET
5
DRDY
12
AIN2(+)
6
AIN2(–)
11
AIN1(+)
7
REF IN(–)
10
AIN1(–)
8
REF IN(+)
9
AD7705
TOP VIEW
(Not to Scale)
Figure 3. AD7705 Pin Configuration
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
MCLK IN
MCLK OUT
CS
AIN2
AIN1
RESET
SCLK
VDD
DIN
DOUT
REF IN(–)
COMMON
REF IN(+)
AIN3
DRDY
GND
AD7706
TOP VIEW
(Not to Scale)
Figure 4. AD7706 Pin Configuration
Table 4. Pin Function Descriptions
Mnemonic
Pin No.
AD7705
AD7706
Description
1
SCLK
SCLK
Serial Clock. An external serial clock is applied to the Schmitt-triggered logic input to access serial
data from the AD7705/AD7706. This serial clock can be a continuous clock with all data transmitted in
a continuous train of pulses. Alternatively, it can be a noncontinuous clock with the information
transmitted to the AD7705/AD7706 in smaller batches of data.
2
MCLK IN
MCLK IN
Master Clock Signal. This can be provided in the form of a crystal/resonator or external clock. A
crystal/resonator can be tied across the Pin MCLK IN and Pin MCLK OUT. Alternatively, the MCLK IN
pin can be driven with a CMOS-compatible clock with the MCLK OUT pin left unconnected. The parts
can be operated with clock frequencies in the range of 500 kHz to 5 MHz.
3
MCLK OUT
MCLK OUT
When the master clock for these devices is a crystal/resonator, the crystal/resonator is connected
between Pin MCLK IN and Pin MCLK OUT. If an external clock is applied to Pin MCLK IN, Pin MCLK OUT
provides an inverted clock signal. This clock can be used to provide a clock source for external
circuitry and is capable of driving 1 CMOS load. If the user does not require this clock externally, Pin
MCLK OUT can be turned off via the CLKDIS bit of the clock register. This ensures that the part does
not unnecessarily burn power driving capacitive loads on Pin MCLK OUT.
4
CS
CS
Chip Select. Active low logic input used to select the AD7705/AD7706. With this input hardwired low,
the AD7705/AD7706 can operate in its 3-wire interface mode with Pin SCLK, Pin DIN, and Pin DOUT
used to interface to the device. The CS pin can be used to select the device communicating with the
AD7705/AD7706.
5
RESET
RESET
Logic Input. Active low input that resets the control logic, interface logic, calibration coefficients,
digital filter, and analog modulator of the parts to power-on status.
6
AIN2(+)
AIN1
Positive Input of the Differential Analog Input Pair AIN2(+)/AIN2(−) for AD7705. Channel 1 for AD7706.
7
AIN1(+)
AIN2
Positive Input of the Differential Analog Input Pair AIN1(+)/AIN1(−) for AD7705. Channel 2 for AD7706.
8
AIN1(−)
COMMON
Negative Input of the Differential Analog Input Pair AIN1(+)/AIN1(−) for AD7705. COMMON input for
AD7706 with Channel 1, Channel 2, and Channel 3 referenced to this input.
9
REF IN(+)
REF IN(+)
Reference Input. Positive input of the differential reference input to the AD7705/AD7706. The reference
input is differential with the provision that REF IN(+) must be greater than REF IN(−).
REF IN(+) can lie anywhere between VDD and GND.
10
REF IN(−)
REF IN(−)
Reference Input. Negative input of the differential reference input to the AD7705/AD7706. The
REF IN(−) can lie anywhere between VDD and GND, provided that REF IN(+) is greater than REF IN(−).
11
AIN2(−)
AIN3
Negative Input of the Differential Analog Input Pair AIN2(+)/AIN2(−) for AD7705. Channel 3 for AD7706.
12
DRDY
DRDY
Logic Output. A logic low on this output indicates that a new output word is available from the
AD7705/AD7706 data register. The DRDY pin returns high upon completion of a read operation of a
full output word. If no data read has taken place between output updates, the DRDY line returns high
for 500 × tCLK IN cycles prior to the next output update. While DRDY is high, a read operation should
neither be attempted nor in progress to avoid reading from the data register as it is being updated.
The DRDY line returns low after the update has taken place. DRDY is also used to indicate when the
AD7705/AD7706 has completed its on-chip calibration sequence.
13
DOUT
DOUT
Serial Data Output. Serial data is read from the output shift register on the part. The output shift
register can contain information from the setup register, communication register, clock register, or
data register, depending on the register selection bits of the communication register.


Similar Part No. - AD7706BN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7706BN AD-AD7706BN Datasheet
264Kb / 32P
   3 V/5 V, 1 mW 2-/3-Channel 16-Bit, Sigma-Delta ADCs
REV. A
AD7706BN AD-AD7706BN Datasheet
395Kb / 44P
   3 V/5 V, 1 mW, 2-/3-Channel
REV. C
AD7706BNZ1 AD-AD7706BNZ1 Datasheet
395Kb / 44P
   3 V/5 V, 1 mW, 2-/3-Channel
REV. C
More results

Similar Description - AD7706BN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7705 AD-AD7705 Datasheet
264Kb / 32P
   3 V/5 V, 1 mW 2-/3-Channel 16-Bit, Sigma-Delta ADCs
REV. A
AD7707 AD-AD7707 Datasheet
316Kb / 40P
   3 V/5 V, -10 V Input Range, 1 mW 3-Channel 16-Bit, Sigma-Delta ADC
REV. A
AD7705 AD-AD7705_15 Datasheet
395Kb / 44P
   3 V/5 V, 1 mW, 2-/3-Channel
REV. C
AD7706 AD-AD7706_15 Datasheet
395Kb / 44P
   3 V/5 V, 1 mW, 2-/3-Channel
REV. C
AD7715AR5 AD-AD7715AR5 Datasheet
495Kb / 40P
   3 V/5 V, 450 muA 16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715 Datasheet
474Kb / 31P
   3 V/5 V, 450 uA 16-Bit, Sigma-Delta ADC
REV. C
AD7715 AD-AD7715_10 Datasheet
495Kb / 40P
   3 V/5 V, 450 關A 16-Bit, Sigma-Delta ADC
REV. D
logo
Maxim Integrated Produc...
MAX1415 MAXIM-MAX1415_05 Datasheet
574Kb / 36P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
Rev 1; 12/05
MAX1415 MAXIM-MAX1415_V01 Datasheet
1Mb / 35P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
2015
logo
Analog Devices
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
   3-Channel 16-Bit, Sigma-Delta ADC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com