Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7418ARM-REEL Datasheet(PDF) 20 Page - Analog Devices

Part # AD7418ARM-REEL
Description  10-Bit Digital Temperature Sensor (AD7416) and Four Single-Channel ADCs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7418ARM-REEL Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7418ARM-REEL Datasheet HTML 16Page - Analog Devices AD7418ARM-REEL Datasheet HTML 17Page - Analog Devices AD7418ARM-REEL Datasheet HTML 18Page - Analog Devices AD7418ARM-REEL Datasheet HTML 19Page - Analog Devices AD7418ARM-REEL Datasheet HTML 20Page - Analog Devices AD7418ARM-REEL Datasheet HTML 21Page - Analog Devices AD7418ARM-REEL Datasheet HTML 22Page - Analog Devices AD7418ARM-REEL Datasheet HTML 23Page - Analog Devices AD7418ARM-REEL Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD7416/AD7417/AD7418
Rev. I | Page 20 of 24
SYSTEM WITH MULTIPLE AD7416 DEVICES
The three LSBs of the AD7416 serial address can be set by the
user, allowing eight different addresses from 1001000 to
1001111. Figure 25 shows a system in which eight AD7416
devices are connected to a single serial bus, with their OTI
outputs wire-AND’ed together to form a common interrupt
line. This arrangement means that each device must be read to
determine which one has generated the interrupt, and if a
unique interrupt is required for each device, the OTI outputs
can be connected separately to the I/O chip.
VDD
3V TO
5.5V
R1
10kΩ
8
7
6
5
3
2
1
4
8
7
6
5
3
2
1
4
8
7
6
5
3
2
1
4
8
7
6
5
3
2
1
4
8
7
6
5
3
2
1
4
8
7
6
5
3
2
1
4
8
7
6
5
3
2
1
4
8
7
6
5
3
2
1
4
Figure 25. Multiple Connection of AD7416 Devices to a Single Serial Bus


Similar Part No. - AD7418ARM-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7418ARM-REEL AD-AD7418ARM-REEL Datasheet
325Kb / 20P
   10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418)
REV. G
AD7418ARM-REEL7 AD-AD7418ARM-REEL7 Datasheet
325Kb / 20P
   10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418)
REV. G
More results

Similar Description - AD7418ARM-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7416 AD-AD7416 Datasheet
325Kb / 20P
   10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418)
REV. G
AD7816 AD-AD7816 Datasheet
279Kb / 20P
   Single- and 4-Channel, 9 us, 10-Bit ADCs with On-Chip Temperature Sensor
REV. C
AD7417 AD-AD7417_15 Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor
Rev. I
AD7814 AD-AD7814_17 Datasheet
151Kb / 9P
   10-Bit Digital Temperature Sensor
AD7416 AD-AD7416_15 Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor
Rev. I
AD7418 AD-AD7418_15 Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor
Rev. I
AD7314 AD-AD7314_17 Datasheet
194Kb / 9P
   10-Bit Digital Temperature Sensor
logo
Sipex Corporation
SP8542 SIPEX-SP8542 Datasheet
219Kb / 16P
   Two and Four Channel 12-Bit Multiplexed Sampling ADCs
logo
Analog Devices
ADT7411 AD-ADT7411 Datasheet
456Kb / 36P
   SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. A
ADT7411 AD-ADT7411_06 Datasheet
1Mb / 36P
   SPI짰-/I2C짰-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com