Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7109A Datasheet(PDF) 5 Page - Microchip Technology

Part # TC7109A
Description  12-Bit ?쵡-Compatible Analog-to-Digital Converters
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7109A Datasheet(HTML) 5 Page - Microchip Technology

  TC7109A Datasheet HTML 1Page - Microchip Technology TC7109A Datasheet HTML 2Page - Microchip Technology TC7109A Datasheet HTML 3Page - Microchip Technology TC7109A Datasheet HTML 4Page - Microchip Technology TC7109A Datasheet HTML 5Page - Microchip Technology TC7109A Datasheet HTML 6Page - Microchip Technology TC7109A Datasheet HTML 7Page - Microchip Technology TC7109A Datasheet HTML 8Page - Microchip Technology TC7109A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
 2002-2012 Microchip Technology Inc.
DS21456D-page 5
TC7109/A
TCFS
Scale Factor Temperature Coefficient
1
5
V/°C
VIN = 408.9mV = >77708
Reading, Ext Ref = 0ppm/°C
I+
Supply Current (V+ to GND)
700
1500
AV
IN = 0V, Crystal Oscillator
3.58MHz Test Circuit
IS
Supply Current (V+ to V-)
700
1500
A
Pins 2-21, 25, 26, 27, 29 Open
VREF
Reference Out Voltage
-2.4
-2.8
-3.2
V
Referenced to V+, 25k
Between V+ and Ref Out
TCREF
Ref Out Temperature Coefficient
80
ppm/°C
25k
 Between V+ and Ref Out
0°C
T
A  +70°C
Digital
VOH
Output High Voltage
IOUT = 700A
3.5
4.3
V
TC7109: IOUT = 100A
Pins 3 -16, 18, 19, 20
TC7109A: IOUT = 700A
VOL
Output Low Voltage
0.2
0.4
AI
OUT = 1.6mA
Output Leakage Current
±0.01
±1
A
Pins 3 -16 High-Impedance
Control I/O Pull-up Current
5
F
Pins 18, 19, 20 VOUT = V+ – 3V
Mode Input at GND
Control I/O Loading
50
pF
HBEN, Pin 19; LBEN, Pin 18
VIH
Input High Voltage
2.5
V
Pins 18 -21, 26, 27
Referenced to GND
VIL
Input Low Voltage
1
V
Pins 18-21, 26, 27
Referenced to GND
Input Pull-up Current
5
25
A
A
Pins 26, 27; VOUT = V+ – 3V
Pins 17, 24; VOUT = V+ – 3V
Input Pull-down Current
1
A
Pins 21, VOUT = GND = +3V
Oscillator Output Current, High
1
mA
VOUT – 2.5V
Oscillator Output Current, Low
1.5
mA
VOUT – 2.5V
Buffered Oscillator Output Current High
2
mA
VOUT – 2.5V
Buffered Oscillator Output Current Low
5
mA
VOUT – 2.5V
tW
Mode Input Pulse Width
60
nsec
HANDLING PRECAUTIONS: These devices are CMOS and must be handled correctly to prevent damage. Package
and store only in conductive foam, antistatic tubes, or other conducting material. Use proper antistatic handling pro-
cedures. Do not connect in circuits under “power-on” conditions, as high transients may cause permanent damage.
TC7109/TC7109A ELECTRICAL SPECIFICATIONS (Continued)
Electrical Characteristics: All parameters with V+ = +5V, V- = -5V, GND = 0V, TA = +25°C, unless otherwise indicated.
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
Note
1: Input voltages may exceed supply voltages if input current is limited to ±100
A.
2: Connecting any digital inputs or outputs to voltages greater than V+ or less than GND may cause destructive device
latch-up. Therefore, it is recommended that inputs from sources other than the same power supply should not be applied
to the TC7109A before its power supply is established. In multiple supply systems, the supply to the device should be
activated first.
3: This limit refers to that of the package and will not occur during normal operation.


Similar Part No. - TC7109A

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC7109A TELCOM-TC7109A Datasheet
274Kb / 21P
   12-BIT UP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS
TC7109ACKW TELCOM-TC7109ACKW Datasheet
274Kb / 21P
   12-BIT UP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS
TC7109ACLW TELCOM-TC7109ACLW Datasheet
274Kb / 21P
   12-BIT UP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS
TC7109ACPL TELCOM-TC7109ACPL Datasheet
274Kb / 21P
   12-BIT UP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS
TC7109AIJL TELCOM-TC7109AIJL Datasheet
274Kb / 21P
   12-BIT UP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS
More results

Similar Description - TC7109A

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC7109 TELCOM-TC7109 Datasheet
274Kb / 21P
   12-BIT UP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS
logo
Microchip Technology
TC7109 MICROCHIP-TC7109 Datasheet
496Kb / 30P
   12-Bit 關A-Compatible Analog-to-Digital Converters
2006
logo
Burr-Brown (TI)
DAC80 BURR-BROWN-DAC80 Datasheet
211Kb / 9P
   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC80P TI-DAC80P Datasheet
190Kb / 10P
[Old version datasheet]   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
DAC707KH TI-DAC707KH Datasheet
121Kb / 13P
[Old version datasheet]   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC707 BURR-BROWN-DAC707 Datasheet
149Kb / 11P
   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Murata Power Solutions ...
DAC-HZ12BGC MURATA-PS-DAC-HZ12BGC Datasheet
97Kb / 4P
   12-Bit, Industry-Standard Digital-to-Analog Converters
logo
List of Unclassifed Man...
DAC-HZ ETC-DAC-HZ Datasheet
96Kb / 4P
   12-Bit, Industry-Standard Digital-to-Analog Converters
logo
Texas Instruments
TLC5618ACDR TI1-TLC5618ACDR Datasheet
636Kb / 24P
[Old version datasheet]   PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC811 BURR-BROWN-DAC811 Datasheet
96Kb / 9P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com