Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2800.0 Datasheet(PDF) 2 Page - Altech corporation

Part No. 2800.0
Description  Miniature Circuit Breakers / Manual Motor Controllers DIN Rail and Panel Mount Terminal Blocks
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALTECH [Altech corporation]
Homepage  http://www.altechcorp.com
Logo 

2800.0 Datasheet(HTML) 2 Page - Altech corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AB1-S
AB2-S
DUAL WIRE FERRULES
Insulated
Dual Wire Ferrules have
larger diameters and spe-
cial shaped sleeves that
accept two conductors of
the same or different size.
They provide an efficient
connection of multiple
wires in the same terminal
clamp or simplify wire
jumpering between termi-
nal clamps. They are color
coded with the same con-
vention as the insulated
DIN standard ferrules.
To ensure efficient ferrule
crimping always select the
smallest ferrule diameter
that fits the wire and use
only professional crimping
tools. (Please refer to the
ordering pages and the
Crimper Selector Guide on
page 98.)
• Sleeve: polypropylene
• Tube: tin plated copper
INSULATED FERRULES
Assortment Box
Handy Assortment Boxes for
convenient dispensing and
storage of Industry and DIN
Standard Insulated Ferrules.
Types AB1-S and AB1-D are
equipped with five different
ferrule sizes. Types AB2-S
and AB2-D are equipped
with four different ferrule
sizes. Contents of each box
is listed. Dimensions for
industry and DIN standard
insulated ferrules are listed
on pages 94-95.
DUAL WIRE FERRULES
Wires x AWG
Cat. Stripping Length
Ferrule Dimensions mm (in.)
Std.
(mm2)
Color
Type
No.
mm (in.)
AB
C
D1
D2
Pk.*
2x20 (2x.50)
White H2x0.50/8
2794.0
11.0 (.43)
14.6 (.57)
8.2 (.32)
1.7 (.07)
3.0 (.12)
5.0 (.20)
500/100
2x18 (2x.75)
Gray
H2x0.75/8
2775.0
11.0 (.43)
14.6 (.57)
8.2 (.32)
2.0 (.08)
3.0 (.12)
5.5 (.22)
500/100
2x18 (2x.75)
Gray
H2x0.75/10
2795.0
13.0 (.51)
16.4 (.65)
10.0 (.39)
2.0 (.08)
3.0 (.12)
5.5 (.22)
500/100
2x18 (2x1.0)
Red
H2x1.00/8
2776.0
11.0 (.43)
15.4 (.61)
8.2 (.32)
2.4 (.09)
3.2 (.13)
5.8 (.23)
500/100
2x18 (2x1.0)
Red
H2x1.00/18
2796.0
21.0 (.83)
25.2 (.99)
18.0 (.71)
2.4 (.09)
3.2 (.13)
5.8 (.23)
500/100
2x16 (2x1.5)
Black H2x1.50/8
2777.0
12.0 (.47)
15.8 (.62)
8.2 (.32)
2.6 (.10)
3.6 (.14)
6.5 (.26)
500/100
2x16 (2x1.5)
Black H2x1.50/12
2797.0
16.0 (.63)
19.6 (.77)
12.0 (.47)
2.6 (.10)
3.6 (.14)
6.5 (.26)
500/100
2x14 (2x2.5)
Blue
H2x2.50/10
2778.0
14.0 (.55)
18.5 (.73)
10.0 (.39)
3.3 (.13)
4.5 (.18)
8.0 (.31)
250/100
2x14 (2x2.5)
Blue
H2x2.50/12
2798.0
17.0 (.67)
20.5 (.80)
12.0 (.47)
3.3 (.13)
4.5 (.18)
8.0 (.31)
250/100
2x12 (2x4.0)
Gray
H2x4.00/12
2799.0
16.0 (.63)
22.0 (.87)
12.0 (.47)
3.9 (.15)
5.2 (.20)
9.0 (.35)
100
2x10 (2x6.0)
Yellow H2x6.00/12
2800.0
18.0 (.71)
23.0 (.91)
12.0 (.47)
5.0 (.20)
6.2 (.24)
11.4 (.45)
100
2x8 (2x10.0)
Red
H2x10.00/12
2801.0
18.0 (.71)
24.0 (.94)
12.0 (.47)
6.2 (.24)
7.6 (.30)
13.4 (.53)
100
2X6 (2x16.0)
Blue
H2x16.00/16
2802.0
20.0 (.79)
29.0 (1.14) 16.0 (.63)
8.9 (.35)
9.5 (.37)
17.2 (.68)
100/50
Ferrule
AWG
Ferrule
Ferrule
Ferrule
Std.
Qty.
(mm2)
Type
Cat. No.
Color
Type
Cat. No.
Pk.
AB1-S Industry Standard
AB1-S
2884.9
1
50
20 (.50)
H0.50/8
2201.0
Orange
100
20 (.75)
H0.75/8
2202.0
Whiite
100
18 (1.00)
H1.00/6
2399.0
Yellow
100
16 (1.50)
H1.50/8
2204.0
Red
50
14 (2.50)
H2.50/8
2206.0
Blue
AB2-S Industry Standard
AB2-S
2885.9
1
50
12 (.4.0)
H4.00/10
2208.0
Gray
20
10 (6.0)
H6.00/12
2210.0
Black
20
8 (10.0)
H10.00/12
2212.0
Ivory
10
6 (16.0)
H16.00/12
2214.0
Green
AB1-D DIN Standard
AB1-D
2884.0
1
50
20 (.50)
H0.50/6
2864.0
White
100
20 (.75)
H0.75/8
2867.0
Gray
100
18 (1.0)
H1.00/8
2871.0
Red
100
16 (1.5)
H1.50/8
2841.0
Black
50
14 (2.5)
H2.50/8
2845.0
Blue
AB2-D DIN Standard
AB2-D
2885.0
1
50
12 (4.00)
H4.00/10
2848.0
Gray
20
10 (6.00)
H6.00/12
2851.0
Yellow
20
8 (10.00)
H10.00/12
2853.0
Red
10
6 (16.00)
H16.00/12
2855.0
Blue
* Different standard packs are available for many
ferrules. To order the desired standard pack, please
use the quantity required as a suffix to the Cat. No.
Example: Type H2x0.50/0,
Cat. No. 2794.0/100 for a standard pack of 100
97
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn