Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5254BRU100 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5254BRU100
Description  Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5254BRU100 Datasheet(HTML) 1 Page - Analog Devices

  AD5254BRU100 Datasheet HTML 1Page - Analog Devices AD5254BRU100 Datasheet HTML 2Page - Analog Devices AD5254BRU100 Datasheet HTML 3Page - Analog Devices AD5254BRU100 Datasheet HTML 4Page - Analog Devices AD5254BRU100 Datasheet HTML 5Page - Analog Devices AD5254BRU100 Datasheet HTML 6Page - Analog Devices AD5254BRU100 Datasheet HTML 7Page - Analog Devices AD5254BRU100 Datasheet HTML 8Page - Analog Devices AD5254BRU100 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Quad 64-/256-Position I2C Nonvolatile
Memory Digital Potentiometers
Data Sheet
AD5253/AD5254
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2003–2012 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
AD5253: quad 64-position resolution
AD5254: quad 256-position resolution
1 kΩ, 10 kΩ, 50 kΩ, 100 kΩ
Nonvolatile memory1 stores wiper settings w/write protection
Power-on refreshed to EEMEM settings in 300 µs typ
EEMEM rewrite time = 540 µs typ
Resistance tolerance stored in nonvolatile memory
12 extra bytes in EEMEM for user-defined information
I2C-compatible serial interface
Direct read/write access of RDAC2 and EEMEM registers
Predefined linear increment/decrement commands
Predefined ±6 dB step change commands
Synchronous or asynchronous quad-channel update
Wiper setting readback
4 MHz bandwidth—1 kΩ version
Single supply 2.7 V to 5.5 V
Dual supply ±2.25 V to ±2.75 V
2 slave address-decoding bits allow operation of 4 devices
100-year typical data retention, T
A = 55°C
Operating temperature: –40°C to +105°C
APPLICATIONS
Mechanical potentiometer replacement
Low resolution DAC replacement
RGB LED backlight control
White LED brightness adjustment
RF base station power amp bias control
Programmable gain and offset control
Programmable attenuators
Programmable voltage-to-current conversion
Programmable power supply
Programmable filters
Sensor calibrations
GENERAL DESCRIPTION
The AD5253/AD5254 are quad-channel, I2C®, nonvolatile
mem-ory, digitally controlled potentiometers with 64/256
positions, respectively. These devices perform the same
electronic adjust-ment functions as mechanical potentiometers,
trimmers, and variable resistors.
The parts’ versatile programmability allows multiple modes of
operation, including read/write access in the RDAC and EEMEM
registers, increment/decrement of resistance, resistance changes
in ±6 dB scales, wiper setting readback, and extra EEMEM for
storing user-defined information, such as memory data for other
components, look-up table, or system identification information.
FUNCTIONAL BLOCK DIAGRAM
RDAC0
REGIS-
TER
RDAC1
REGIS-
TER
RDAC2
REGIS-
TER
RDAC3
REGIS-
TER
RDAC0
RDAC1
RDAC2
RDAC3
DATA
CONTROL
COMMAND
DECODE LOGIC
ADDRESS
DECODE LOGIC
CONTROL LOGIC
AD5253/AD5254
I2C
SERIAL
INTERFACE
VDD
A0
W0
B0
A1
W1
B1
A2
W2
B2
A3
W3
B3
VSS
DGND
SCL
SDA
AD0
AD1
WP
EEMEM
POWER-ON
REFRESH
RAB TOL
RDAC EEMEM
Figure 1.
The AD5253/AD5254 allow the host I2C controllers to write
any of the 64-/256-step wiper settings in the RDAC registers
and store them in the EEMEM. Once the settings are stored,
they are restored automatically to the RDAC registers at system
power-on; the settings can also be restored dynamically.
The AD5253/AD5254 provide additional increment,
decrement, +6 dB step change, and –6 dB step change in
synchronous or asynchronous channel update mode. The
increment and decrement functions allow stepwise linear
adjustments, with a ± 6 dB step change equivalent to doubling
or halving the RDAC wiper setting. These functions are useful
for steep-slope, nonlinear adjustments, such as white LED
brightness and audio volume control.
The AD5253/AD5254 have a patented resistance-tolerance
storing function that allows the user to access the EEMEM and
obtain the absolute end-to-end resistance values of the RDACs
for precision applications.
The AD5253/AD5254 are available in TSSOP-20 packages in
1 kΩ, 10 kΩ, 50 kΩ, and 100 kΩ options. All parts are
guaranteed to operate over the –40°C to +105°C extended
industrial temperature range.
1The terms nonvolatile memory and EEMEM are used interchangeably.
2The terms digital potentiometer and RDAC are used interchangeably.


Similar Part No. - AD5254BRU100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5254BRU100 AD-AD5254BRU100 Datasheet
834Kb / 28P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5254BRU100 AD-AD5254BRU100 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5254BRU100-RL7 AD-AD5254BRU100-RL7 Datasheet
834Kb / 28P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5254BRU100-RL7 AD-AD5254BRU100-RL7 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
More results

Similar Description - AD5254BRU100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5253 AD-AD5253 Datasheet
834Kb / 28P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5254BRUZ50 AD-AD5254BRUZ50 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5251 AD-AD5251 Datasheet
566Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
AD5251 AD-AD5251_12 Datasheet
575Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. D
AD5254 AD-AD5254_15 Datasheet
576Kb / 32P
   Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5253 AD-AD5253_15 Datasheet
576Kb / 32P
   Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5252 AD-AD5252 Datasheet
859Kb / 28P
   Dual 64-and 256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5251 AD-AD5251_15 Datasheet
575Kb / 28P
   Dual 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. D
AD5252 AD-AD5252_15 Datasheet
575Kb / 28P
   Dual 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. D
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
   Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com