Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDT439N Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDT439N
Description  N-Channel 2.5V Specified EnhancementMode Field Effect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDT439N Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDT439N Datasheet HTML 1Page - Fairchild Semiconductor FDT439N Datasheet HTML 2Page - Fairchild Semiconductor FDT439N Datasheet HTML 3Page - Fairchild Semiconductor FDT439N Datasheet HTML 4Page - Fairchild Semiconductor FDT439N Datasheet HTML 5Page - Fairchild Semiconductor FDT439N Datasheet HTML 6Page - Fairchild Semiconductor FDT439N Datasheet HTML 7Page - Fairchild Semiconductor FDT439N Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FDT439N, Rev. C
FDT439N
N-Channel 2.5V Specified Enhancement Mode Field Effect Transistor
General Description
This N-Channel Enhancement mode field effect transistor
is produced using Fairchild Semiconductor's proprietary,
high cell density, DMOS technology. This very high
density process is especially tailored to minimize on-
state resistance, and provide superior switching
performance. These products are well suited to low
voltage, low current applications such as notebook
computer power management, battery powered
circuits, and DC motor control.
Applications
• DC/DC converter
• Load switch
• Motor driving
June 1999
Features
• 6.3 A, 30 V. R
DS(on) = 0.045 Ω @ VGS = 4.5 V
R
DS(on) = 0.058 Ω @ VGS = 2.5 V
• Fast switching speed.
• High power and current handling capabitlity in a
widely used surface mount package.
1999 Fairchild Semiconductor Corporation
Absolute Maximum Ratings T
A = 25°C unless otherwise noted
Symbol
Parameter
FDT439N
Units
VDSS
Drain-Source Voltage
30
V
VGSS
Gate-Source Voltage
±8V
ID
Drain Current
- Continuous
(Note 1a)
6.3
A
- Pulsed
20
PD
Power Dissipation for Single Operation
(Note 1a)
3W
(Note 1b)
1.3
(Note 1c)
1.1
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
Thermal Characteristics
JA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
42
°C/W
JC
Thermal Resistance, Junction-to-Case
(Note 1)
12
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape Width
Quantity
FDT439N
FDT439N
13’’
12mm
2500 units
G
D
S
D
SOT-223
D
DS
G
G
D
S
SOT-223*
(J23Z)
D
S
G


Similar Part No. - FDT439N

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
FDT439N VBSEMI-FDT439N Datasheet
1,013Kb / 8P
   N-Channel 30 V (D-S) MOSFET
More results

Similar Description - FDT439N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP4020P FAIRCHILD-FDP4020P Datasheet
213Kb / 7P
   P-Channel 2.5V Specified Enhancement Mode Field Effect Transistor
FDP4020P FAIRCHILD-FDP4020P_00 Datasheet
79Kb / 5P
   P-Channel 2.5V Specified Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
KDB4020P KEXIN-KDB4020P Datasheet
51Kb / 2P
   P-Channel 2.5V Specified Enhancement Mode Field Effect Transistor
logo
New Jersey Semi-Conduct...
2N5163 NJSEMI-2N5163 Datasheet
202Kb / 1P
   N-CHANNEL FIELD-EFFECT TRANSISTOR
logo
NXP Semiconductors
PMBF4416 PHILIPS-PMBF4416 Datasheet
95Kb / 9P
   N-channel field-effect transistor
April 1995
PN4416 PHILIPS-PN4416 Datasheet
95Kb / 9P
   N-channel field-effect transistor
December 1997
logo
List of Unclassifed Man...
12N035 ETC1-12N035 Datasheet
36Kb / 2P
   N-Channel Field Effect Transistor
60N035 ETC-60N035 Datasheet
127Kb / 2P
   N-Channel Field Effect Transistor
4N600 ETC1-4N600 Datasheet
36Kb / 2P
   N-Channel Field Effect Transistor
50N035 ETC-50N035 Datasheet
34Kb / 2P
   N-Channel Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com