Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDT434 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDT434
Description  P-Channel 2.5V Specified PowerTrench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDT434 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDT434 Datasheet HTML 1Page - Fairchild Semiconductor FDT434 Datasheet HTML 2Page - Fairchild Semiconductor FDT434 Datasheet HTML 3Page - Fairchild Semiconductor FDT434 Datasheet HTML 4Page - Fairchild Semiconductor FDT434 Datasheet HTML 5Page - Fairchild Semiconductor FDT434 Datasheet HTML 6Page - Fairchild Semiconductor FDT434 Datasheet HTML 7Page - Fairchild Semiconductor FDT434 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FDT434P Rev. C1 (W)
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage
VGS = 0 V, ID = –250
µA
–20
V
∆BVDSS
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = –250
µA,Referenced to 25°C
–28
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = –16 V,
VGS = 0 V
–1
µA
IGSSF
Gate–Body Leakage Current,
Forward
VGS = 8 V,
VDS = 0 V
100
nA
IGSSR
Gate–Body Leakage Current,
Reverse
VGS = –8 V
VDS = 0 V
–100
nA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = –250
µA
–0.4
–0.6
–1
V
∆VGS(th)
∆T
J
Gate Threshold Voltage
Temperature Coefficient
ID = –250
µA,Referenced to 25°C
2
mV/
°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = –4.5 V,
ID = –6 A
VGS = –4.5 V,
ID = –6 A
TJ=125
°C
VGS = –2.5 V,
ID = –4 A
0.040
0.067
0.050
0.050
0.083
0.070
ID(on)
On–State Drain Current
VGS = –4.5 V,
VDS = –5 V
–20
A
gFS
Forward Transconductance
VDS = –10 V,
ID = –6 A
6.5
S
Dynamic Characteristics
Ciss
Input Capacitance
1240
pF
Coss
Output Capacitance
270
pF
Crss
Reverse Transfer Capacitance
VDS = –10 V,
V GS = 0 V,
f = 1.0 MHz
100
pF
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
8
16
ns
tr
Turn–On Rise Time
15
25
ns
td(off)
Turn–Off Delay Time
45
65
ns
tf
Turn–Off Fall Time
VDD = –5 V,
ID = –1 A,
VGS = –4.5 V,
RGEN = 6
30
50
ns
Qg
Total Gate Charge
13
19
nC
Qgs
Gate–Source Charge
1.8
nC
Qgd
Gate–Drain Charge
VDS = –10 V,
ID = –6 A,
VGS = –4.5 V
3nC
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain–Source Diode Forward Current
–1.3
A
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V,
IS = –2.1 A (Note 2)
–0.75
–1.2
V
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of
the drain pins. RθJC is guaranteed by design while RθCA is determined by the user's board design.
a) 42°C/W when
mounted on a 1in
2
pad of 2 oz copper
b) 95°/W when mounted
on a .0066 in
2 pad of
2 oz copper
c) 110°/W when mounted on a
minimum pad.
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%


Similar Part No. - FDT434

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
FDT434P-NL VBSEMI-FDT434P-NL Datasheet
1,005Kb / 8P
   P-Channel 35 V (D-S) MOSFET
logo
Fairchild Semiconductor
FDT434P FAIRCHILD-FDT434P_11 Datasheet
239Kb / 5P
   P-Channel 2.5V Specified PowerTrench??MOSFET
More results

Similar Description - FDT434

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC634P FAIRCHILD-FDC634P_01 Datasheet
138Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
SI4463DY FAIRCHILD-SI4463DY Datasheet
49Kb / 3P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC638P FAIRCHILD-FDC638P_01 Datasheet
156Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDN302P FAIRCHILD-FDN302P Datasheet
103Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDN342P FAIRCHILD-FDN342P Datasheet
307Kb / 8P
   P-Channel 2.5V Specified PowerTrench??MOSFET
FDR840P FAIRCHILD-FDR840P Datasheet
78Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC602P FAIRCHILD-FDC602P_01 Datasheet
66Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDW264P FAIRCHILD-FDW264P Datasheet
153Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
SI6463DQ FAIRCHILD-SI6463DQ Datasheet
97Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDS6576 FAIRCHILD-FDS6576_06 Datasheet
451Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDS6375 KEXIN-KDS6375 Datasheet
66Kb / 2P
   P-Channel 2.5V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com