Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5330BRUZ1 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5330BRUZ1
Description  2.5 V to 5.5 V, 115 關A, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5330BRUZ1 Datasheet(HTML) 4 Page - Analog Devices

  AD5330BRUZ1 Datasheet HTML 1Page - Analog Devices AD5330BRUZ1 Datasheet HTML 2Page - Analog Devices AD5330BRUZ1 Datasheet HTML 3Page - Analog Devices AD5330BRUZ1 Datasheet HTML 4Page - Analog Devices AD5330BRUZ1 Datasheet HTML 5Page - Analog Devices AD5330BRUZ1 Datasheet HTML 6Page - Analog Devices AD5330BRUZ1 Datasheet HTML 7Page - Analog Devices AD5330BRUZ1 Datasheet HTML 8Page - Analog Devices AD5330BRUZ1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD5330/AD5331/AD5340/AD5341
Rev. A | Page 4 of 28
Parameter1
B Version2
Unit
Conditions/Comments
Min
Typ
Max
POWER REQUIREMENTS
VDD
2.5
5.5
V
IDD (Normal Mode)
DACs active and excluding load currents. Unbuffered
VDD = 4.5 V to 5.5 V
140
250
μA
Reference, VIH = VDD, VIL = GND
VDD = 2.5 V to 3.6 V
115
200
μA
IDD increases by 50 μA at VREF > VDD − 100 mV.
In buffered mode, extra current is (5 + VREF/RDAC) μA,
where RDAC is the resistance of the resistor string.
IDD (Power-Down Mode)
VDD = 4.5 V to 5.5 V
0.2
1
μA
VDD = 2.5 V to 3.6 V
0.08
1
μA
1 See the Terminology section.
2 Temperature range: B Version: −40°C to +105°C; typical specifications are at 25°C.
3 Linearity is tested using a reduced code range: AD5330 (Code 8 to Code 255); AD5331 (Code 28 to Code 1023); AD5340/AD5341 (Code 115 to Code 4095).
4 DC specifications tested with output unloaded.
5 This corresponds to x codes. x = deadband voltage/LSB size.
6 Guaranteed by design and characterization, not production tested.
7 For the amplifier output to reach its minimum voltage, offset error must be negative. For the amplifier output to reach its maximum voltage, VREF = VDD and offset plus
gain error must be positive.
AC CHARACTERISTICS1
VDD = 2.5 V to 5.5 V. RL = 2 kΩ to GND, CL = 200 pF to GND; all specifications TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter2
B Version3
Unit
Conditions/Comments
Min
Typ
Max
Output Voltage Settling Time
VREF = 2 V; see Figure 29
AD5330
6
8
μs
¼ scale to ¾ scale change (0x40 to 0xC0)
AD5331
7
9
μs
¼ scale to ¾ scale change (0x100 to 0x300)
AD5340
8
10
μs
¼ scale to ¾ scale change (0x400 to 0xC00)
AD5341
8
10
μs
¼ scale to ¾ scale change (0x400 to 0xC00)
Slew Rate
0.7
V/μs
Major Code Transition Glitch Energy
6
nV/s
1 LSB change around major carry
Digital Feedthrough
0.5
nV/s
Multiplying Bandwidth
200
kHz
VREF = 2 V ± 0.1 V p-p; unbuffered mode
Total Harmonic Distortion
−70
dB
VREF = 2.5 V ± 0.1 V p-p; frequency = 10 kHz
1 Guaranteed by design and characterization, not production tested.
2 See the Terminology section.
3 Temperature range: B Version: −40°C to +105°C; typical specifications are at 25°C.


Similar Part No. - AD5330BRUZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5330BRU AD-AD5330BRU Datasheet
359Kb / 20P
   2.5 V to 5.5 V, 115 uA, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
REV. 0
More results

Similar Description - AD5330BRUZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5330 AD-AD5330 Datasheet
359Kb / 20P
   2.5 V to 5.5 V, 115 uA, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5346BRUZ AD-AD5346BRUZ Datasheet
476Kb / 24P
   2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5347 AD-AD5347_15 Datasheet
476Kb / 24P
   2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5346 AD-AD5346_15 Datasheet
476Kb / 24P
   2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5348 AD-AD5348_15 Datasheet
476Kb / 24P
   2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5332 AD-AD5332_15 Datasheet
327Kb / 20P
   2.5 V to 5.5 V, 230 A, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5344BRUZ AD-AD5344BRUZ Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500 A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5333BRUZ AD-AD5333BRUZ Datasheet
327Kb / 20P
   2.5 V to 5.5 V, 230 A, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5336BRUZ AD-AD5336BRUZ Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500 A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5334 AD-AD5334_15 Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com