Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5241BRU1M Datasheet(PDF) 10 Page - Analog Devices

Part # AD5241BRU1M
Description  I2C-Compatible, 256-Position Digital Potentiometers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5241BRU1M Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5241BRU1M Datasheet HTML 6Page - Analog Devices AD5241BRU1M Datasheet HTML 7Page - Analog Devices AD5241BRU1M Datasheet HTML 8Page - Analog Devices AD5241BRU1M Datasheet HTML 9Page - Analog Devices AD5241BRU1M Datasheet HTML 10Page - Analog Devices AD5241BRU1M Datasheet HTML 11Page - Analog Devices AD5241BRU1M Datasheet HTML 12Page - Analog Devices AD5241BRU1M Datasheet HTML 13Page - Analog Devices AD5241BRU1M Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD5241/AD5242
Rev. C | Page 10 of 20
FREQUENCY (Hz)
6
–36
–42
–48
–54
100k
10k
1k
100
–30
–24
–18
–12
–6
0
0xFF
0x80
0x40
0x20
0x10
0x08
0x04
0x02
0x01
Figure 20. AD5242 100 kΩ Gain vs. Frequency vs. Code
FREQUENCY (Hz)
6
–36
–42
–48
–54
100k
10k
1k
100
–30
–24
–18
–12
–6
0
0xFF
0x80
0x40
0x20
0x10
0x08
0x04
0x02
0x01
Figure 21. AD5242 1 MΩ Gain vs. Frequency vs. Code


Similar Part No. - AD5241BRU1M

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5241BRU1M-REEL7 AD-AD5241BRU1M-REEL7 Datasheet
394Kb / 16P
   I2C Compatible 256-Position Digital Potentiometers
REV. B
More results

Similar Description - AD5241BRU1M

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5241BR10 AD-AD5241BR10 Datasheet
394Kb / 16P
   I2C Compatible 256-Position Digital Potentiometers
REV. B
AD5248 AD-AD5248_16 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
AD5243 AD-AD5243_16 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
AD5243BRMZ100 AD-AD5243BRMZ100 Datasheet
803Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
REV. B
AD5241 AD-AD5241_15 Datasheet
550Kb / 20P
   IC-Compatible, 256-Position Digital Potentiometers
REV. C
AD5242 AD-AD5242_15 Datasheet
550Kb / 20P
   IC-Compatible, 256-Position Digital Potentiometers
REV. C
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171 Datasheet
171Kb / 12P
   256-Position I2C Compatible Digital Potentiometer
August, 2009 ??Rev. 1
logo
Analog Devices
AD5245BRJ50 AD-AD5245BRJ50 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5245BRJ10 AD-AD5245BRJ10 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5245 AD-AD5245 Datasheet
995Kb / 16P
   256-Position I2C Compatible Digital Potentiometer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com