Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5301BRMZ-REEL1 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5301BRMZ-REEL1
Description  2.5 V to 5.5 V, 120 關A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5301BRMZ-REEL1 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5301BRMZ-REEL1 Datasheet HTML 7Page - Analog Devices AD5301BRMZ-REEL1 Datasheet HTML 8Page - Analog Devices AD5301BRMZ-REEL1 Datasheet HTML 9Page - Analog Devices AD5301BRMZ-REEL1 Datasheet HTML 10Page - Analog Devices AD5301BRMZ-REEL1 Datasheet HTML 11Page - Analog Devices AD5301BRMZ-REEL1 Datasheet HTML 12Page - Analog Devices AD5301BRMZ-REEL1 Datasheet HTML 13Page - Analog Devices AD5301BRMZ-REEL1 Datasheet HTML 14Page - Analog Devices AD5301BRMZ-REEL1 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD5301/AD5311/AD5321
Rev. B | Page 11 of 24
VDD (V)
1.0
2.7
3.2
3.7
4.2
4.7
5.2
0.8
0.6
0.4
0.2
0
+25°C
–40°C
+105°C
Figure 17. Power-Down Current vs. Supply Voltage
VLOGIC (V)
300
0
1.0
2.0
3.0
4.0
5.0
250
200
150
100
50
0
DECREASING
TA = 25°C
VDD = 5V
VDD = 3V
INCREASING
Figure 18. Supply Current vs. Logic Input Voltage for SDA and SCL Voltage
Increasing and Decreasing
CH1 1V, TIME BASE = 5µs/DIV
1
VDD = 5V
TA = 25°C
LOAD = 2kΩ AND
200pF TO GND
VOUT
Figure 19. Half-Scale Settling (1/4 to 3/4 Scale Code Charge)
CH2
CH1 1V, CH2 1V, TIME BASE = 20µs/DIV
CH1
VOUT
TA = 25°C
VDD
Figure 20. Power-On Reset to 0 V


Similar Part No. - AD5301BRMZ-REEL1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5301BRMZ-REEL7 AD-AD5301BRMZ-REEL7 Datasheet
433Kb / 24P
   2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
More results

Similar Description - AD5301BRMZ-REEL1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5311BRMZ AD-AD5311BRMZ Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 關A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5301 AD-AD5301_15 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5311 AD-AD5311_15 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5321 AD-AD5321_15 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5301 AD-AD5301 Datasheet
178Kb / 15P
   2.5 V to 5.5 V, 120 uA, 2-Wire Interface, Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5306 AD-AD5306 Datasheet
528Kb / 24P
   2.5 V to 5.5 V, 400 關A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. F
AD5306 AD-AD5306_15 Datasheet
528Kb / 24P
   2.5 V to 5.5 V, 400 A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. F
AD5325 AD-AD5325_15 Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5326 AD-AD5326_15 Datasheet
528Kb / 24P
   2.5 V to 5.5 V, 400 A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. F
AD5315 AD-AD5315_15 Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com