Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5253BRU50 Datasheet(PDF) 6 Page - Analog Devices

Part # AD5253BRU50
Description  Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5253BRU50 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5253BRU50 Datasheet HTML 2Page - Analog Devices AD5253BRU50 Datasheet HTML 3Page - Analog Devices AD5253BRU50 Datasheet HTML 4Page - Analog Devices AD5253BRU50 Datasheet HTML 5Page - Analog Devices AD5253BRU50 Datasheet HTML 6Page - Analog Devices AD5253BRU50 Datasheet HTML 7Page - Analog Devices AD5253BRU50 Datasheet HTML 8Page - Analog Devices AD5253BRU50 Datasheet HTML 9Page - Analog Devices AD5253BRU50 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
AD5253/AD5254
Data Sheet
Rev. C | Page 6 of 32
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
POWER SUPPLIES
Single-Supply Power Range
V
DD
V
SS = 0 V
2.7
5.5
V
Dual-Supply Power Range
V
DD/VSS
±2.25
±2.75
V
Positive Supply Current
I
DD
V
IH = VDD or VIL = GND
5
15
µA
Negative Supply Current
I
SS
V
IH = VDD or VIL = GND, VDD = 2.5 V,
V
SS = −2.5 V
−5
−15
µA
EEMEM Data Storing Mode
Current
I
DD_STORE
V
IH = VDD or VIL = GND, TA = 0°C to 105°C
35
mA
EEMEM Data Restoring Mode
Current6
I
DD_RESTORE
V
IH = VDD or VIL = GND, TA = 0°C to 105°C
2.5
mA
Power Dissipation7
P
DISS
V
IH = VDD = 5 V or VIL = GND
0.075
mW
Power Supply Sensitivity
PSS
ΔV
DD = 5 V ± 10%
−0.005
+0.002
+0.005
%/%
ΔV
DD = 3 V ± 10%
−0.010
+0.002
+0.010
%/%
DYNAMIC CHARACTERISTICS5, 8
–3 dB Bandwidth
BW
R
AB = 10 kΩ/50 kΩ/100 kΩ
400/80/40
kHz
Total Harmonic Distortion
THD
W
V
A = 1 V rms, VB = 0 V, f = 1 kHz
0.05
%
V
W Settling Time
t
S
V
A = VDD, VB = 0 V,
R
AB = 10 kΩ/50 kΩ/100 kΩ
1.5/7/14
µs
Resistor Noise Voltage
e
N_WB
R
AB = 10 kΩ/50 kΩ/100 kΩ, code =
midscale, f = 1 kHz (thermal noise only)
9/20/29
nV/√Hz
Digital Crosstalk
C
T
V
A = VDD, VB = 0 V, measure VW with
adjacent RDAC making full-scale change
−80
dB
Analog Coupling
C
AT
Signal input at A0 and measure output
at W1, f = 1 kHz
−72
dB
1 Typical values represent average readings at 25°C and V
DD = 5 V.
2 Resistor position nonlinearity error (R-INL) is the deviation from an ideal value measured between the maximum and minimum resistance wiper positions. R-DNL is the
relative step change from an ideal value measured between successive tap positions. Parts are guaranteed monotonic, except R-DNL of AD5254 1 kΩ version at VDD = 2.7 V,
IW = VDD/R for both VDD = 3 V and VDD = 5 V.
3 INL and DNL are measured at V
W with the RDAC configured as a potentiometer divider, similar to a voltage output DAC. VA = VDD and VB = 0 V. DNL specification limits
of ±1 LSB maximum are guaranteed monotonic operating conditions.
4 Resistor Terminal A, Terminal B, and Terminal W have no limitations on polarity with respect to each other.
5 Guaranteed by design and not subject to production test.
6 Command 0 NOP should be activated after Command 1 to minimize I
DD_RESTORE current consumption.
7 P
DISS is calculated from IDD × VDD = 5 V.
8 All dynamic characteristics use V
DD = 5 V.


Similar Part No. - AD5253BRU50

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5253BRU50 AD-AD5253BRU50 Datasheet
834Kb / 28P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5253BRU50 AD-AD5253BRU50 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5253BRU50-RL7 AD-AD5253BRU50-RL7 Datasheet
834Kb / 28P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5253BRU50-RL7 AD-AD5253BRU50-RL7 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
More results

Similar Description - AD5253BRU50

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5253 AD-AD5253 Datasheet
834Kb / 28P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5254BRUZ50 AD-AD5254BRUZ50 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5251 AD-AD5251 Datasheet
566Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
AD5251 AD-AD5251_12 Datasheet
575Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. D
AD5254 AD-AD5254_15 Datasheet
576Kb / 32P
   Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5253 AD-AD5253_15 Datasheet
576Kb / 32P
   Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5252 AD-AD5252 Datasheet
859Kb / 28P
   Dual 64-and 256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5251 AD-AD5251_15 Datasheet
575Kb / 28P
   Dual 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. D
AD5252 AD-AD5252_15 Datasheet
575Kb / 28P
   Dual 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. D
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
   Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com