Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5253 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5253
Description  Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5253 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5253_12 Datasheet HTML 6Page - Analog Devices AD5253_12 Datasheet HTML 7Page - Analog Devices AD5253_12 Datasheet HTML 8Page - Analog Devices AD5253_12 Datasheet HTML 9Page - Analog Devices AD5253_12 Datasheet HTML 10Page - Analog Devices AD5253_12 Datasheet HTML 11Page - Analog Devices AD5253_12 Datasheet HTML 12Page - Analog Devices AD5253_12 Datasheet HTML 13Page - Analog Devices AD5253_12 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
AD5253/AD5254
Data Sheet
Rev. C | Page 10 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
CODE (Decimal)
TA = –40°C, +25°C, +85°C, +125°C
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
0
32
64
96
128
160
192
224
256
Figure 3. R-INL vs. Code
CODE (Decimal)
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
0
32
64
96
128
160
192
224
256
TA = –40°C, +25°C, +85°C, +125°C
Figure 4. R-DNL vs. Code
CODE (Decimal)
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
0
32
64
96
128
160
192
224
256
TA = –40°C, +25°C, +85°C, +125°C
Figure 5. INL vs. Code
CODE (Decimal)
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
0
32
64
96
128
160
192
224
256
TA = –40°C, +25°C, +85°C, +125°C
Figure 6. DNL vs. Code
TEMPERATURE (
°C)
–10
–8
–6
–4
–2
0
2
4
6
8
10
–40
–20
0
20
40
60
80
100
120
IDD @ VDD = +5.5V
IDD @ VDD = +2.7V
ISS @ VDD = +2.7V, VSS = –2.7V
Figure 7. Supply Current vs. Temperature
DIGITAL INPUT VOLTAGE (V)
0.0001
0.01
0.001
0.1
1
10
0
1
2
3
4
5
6
VDD = 5.5V
VDD = 2.7V
Figure 8. Supply Current vs. Digital Input Voltage, TA = 25°C


Similar Part No. - AD5253_12

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5253 AD-AD5253_15 Datasheet
576Kb / 32P
   Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
More results

Similar Description - AD5253_12

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5253 AD-AD5253 Datasheet
834Kb / 28P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5254BRUZ50 AD-AD5254BRUZ50 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5251 AD-AD5251 Datasheet
566Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
AD5251 AD-AD5251_12 Datasheet
575Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. D
AD5254 AD-AD5254_15 Datasheet
576Kb / 32P
   Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5253 AD-AD5253_15 Datasheet
576Kb / 32P
   Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5252 AD-AD5252 Datasheet
859Kb / 28P
   Dual 64-and 256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5251 AD-AD5251_15 Datasheet
575Kb / 28P
   Dual 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. D
AD5252 AD-AD5252_15 Datasheet
575Kb / 28P
   Dual 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. D
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
   Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com