Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1427COA Datasheet(PDF) 6 Page - Microchip Technology

Part # TC1427COA
Description  1.2A Dual High-Speed MOSFET Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1427COA Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC1427COA Datasheet HTML 2Page - Microchip Technology TC1427COA Datasheet HTML 3Page - Microchip Technology TC1427COA Datasheet HTML 4Page - Microchip Technology TC1427COA Datasheet HTML 5Page - Microchip Technology TC1427COA Datasheet HTML 6Page - Microchip Technology TC1427COA Datasheet HTML 7Page - Microchip Technology TC1427COA Datasheet HTML 8Page - Microchip Technology TC1427COA Datasheet HTML 9Page - Microchip Technology TC1427COA Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
TC1426/TC1427/TC1428
DS21393D-page 6
 2001-2012 Microchip Technology Inc.
3.0
APPLICATIONS INFORMATION
3.1
SUPPLY BYPASSING
Large currents are required to charge and discharge
capacitive loads quickly. For example, charging a 1000
pF load to 16V in 25 nsec requires a 0.8A current from
the device's power supply.
To ensure low supply impedance over a wide frequency
range, a parallel capacitor combination is recom-
mended for supply bypassing. Low-inductance ceramic
MLC capacitors with short lead lengths (<0.5-in.)
should be used. A 1.0
F film capacitor in parallel with
one or two 0.1
F ceramic MLC capacitors normally
provides adequate bypassing.
3.2
GROUNDING
The TC1426 and TC1428 contain inverting drivers.
Individual ground returns for the input and output
circuits or a ground plane should be used. This will
reduce negative feedback that causes degradation in
switching speed characteristics.
FIGURE 3-1:
Inverting Driver Switching
Time
3.3
INPUT STAGE
The input voltage level changes the no-load or
quiescent supply current. The N-channel MOSFET
input stage transistor drives a 2.5 mA current source
load. With a logic ‘1’ input, the maximum quiescent
supply current is 9 mA. Logic ‘0’ input level signals
reduce quiescent current to 500
A maximum. Unused
driver inputs must be connected to VDD or GND.
Minimum power dissipation occurs for logic ‘0’ inputs
for the TC1426/TC1427/TC1428.
The drivers are designed with 100 mV of hysteresis.
This provides clean transitions and minimizes output
stage current spiking when changing states. Input
voltage thresholds are approximately 1.5V, making a
logic ‘1’ input any voltage greater than 1.5V up to VDD.
Input current is less than 1
A over this range.
The TC1426/TC1427/TC1428 may be directly driven
by the TL494, SG1526/27, TC38C42, TC170 and
similar switch-mode power supply integrated circuits.
FIGURE 3-2:
Noninverting Driver
Switching Time
+5V
10%
90%
10%
90%
10%
90%
VDD
1
μF
WIMA
MKS-2
0V
0V
TC1426
(1/2 TC1428)
1
2
Test Circuit
0.1
μF MLC
Input
VDD = 16V
Output
tR
CL = 1000 pF
tD1
tF
tD2
Input
Output
VDD
0.1
μF MLC
Input
VDD = 16V
Output
tR
CL = 1000 pF
tD1
tF
tD2
Input
Output
90%
10%
10%
10%
90%
1
μF
WIMA
MKS-2
TC1427
(1/2 TC1428)
+5V
0V
0V
90%
Test Circuit
1
2


Similar Part No. - TC1427COA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1427COA TELCOM-TC1427COA Datasheet
81Kb / 6P
   1.2A DUAL HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1427COA MICROCHIP-TC1427COA Datasheet
453Kb / 14P
   1.2A Dual High-Speed MOSFET Drivers
2002
TC1427COA MICROCHIP-TC1427COA Datasheet
568Kb / 14P
   1.2A Dual High-Speed MOSFET Drivers
2006
More results

Similar Description - TC1427COA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1426 MICROCHIP-TC1426 Datasheet
453Kb / 14P
   1.2A Dual High-Speed MOSFET Drivers
2002
logo
TelCom Semiconductor, I...
TC1426 TELCOM-TC1426 Datasheet
81Kb / 6P
   1.2A DUAL HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1426 MICROCHIP-TC1426_06 Datasheet
568Kb / 14P
   1.2A Dual High-Speed MOSFET Drivers
2006
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34152 ONSEMI-MC34152 Datasheet
151Kb / 12P
   HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
MC34152 ONSEMI-MC34152_14 Datasheet
176Kb / 12P
   High Speed Dual MOSFET Drivers
September, 2014??Rev. 14
logo
Texas Instruments
TPS2811 TI1-TPS2811_15 Datasheet
1Mb / 40P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34151 ONSEMI-MC34151_04 Datasheet
177Kb / 12P
   High Speed Dual MOSFET Drivers
July, 2004 ??Rev. 4
MC34152PG ONSEMI-MC34152PG Datasheet
228Kb / 12P
   High Speed Dual MOSFET Drivers
November, 2011??Rev. 12
MC34151 ONSEMI-MC34151_13 Datasheet
252Kb / 12P
   High Speed Dual MOSFET Drivers
August, 2013 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com