Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1427 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC1427
Description  1.2A Dual High-Speed MOSFET Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1427 Datasheet(HTML) 4 Page - Microchip Technology

  TC1427 Datasheet HTML 1Page - Microchip Technology TC1427 Datasheet HTML 2Page - Microchip Technology TC1427 Datasheet HTML 3Page - Microchip Technology TC1427 Datasheet HTML 4Page - Microchip Technology TC1427 Datasheet HTML 5Page - Microchip Technology TC1427 Datasheet HTML 6Page - Microchip Technology TC1427 Datasheet HTML 7Page - Microchip Technology TC1427 Datasheet HTML 8Page - Microchip Technology TC1427 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TC1426/TC1427/TC1428
DS21393D-page 4
 2001-2012 Microchip Technology Inc.
TC1426/TC1427/TC1428 ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: Over operating temperature range with 4.5V
V
DD16V, unless otherwise noted.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
Input
VIH
Logic 1, High Input Voltage
3
V
VIL
Logic 0, Low Input Voltage
0.8
V
IIN
Input Current
-10
10
A0VV
INVDD
Output
VOH
High Output Voltage
VDD – 0.025
V
Figure 3-1, Figure 3-2
VOL
Low Output Voltage
0.025
V
Figure 3-1, Figure 3-2
RO
Output Resistance
15
10
23
18
IOUT = 10 mA, VDD = 16V
IREV
Latch-Up Current
Withstand Reverse Current
>500
mA
Switching Time (Note 1)
tR
Rise Time
60
nsec
Figure 3-1, Figure 3-2
tF
Fall Time
40
nsec
Figure 3-1, Figure 3-2
tD1
Delay Time
125
nsec
Figure 3-1, Figure 3-2
tD2
Delay Time
125
nsec
Figure 3-1, Figure 3-2
Power Supply
IS
Power Supply Current
13
0.7
mA
VIN = 3V (Both Inputs)
VIN = 0V (Both Inputs)
Note
1:
Switching times ensured by design.


Similar Part No. - TC1427

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1427 TELCOM-TC1427 Datasheet
81Kb / 6P
   1.2A DUAL HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1427 MICROCHIP-TC1427 Datasheet
453Kb / 14P
   1.2A Dual High-Speed MOSFET Drivers
2002
TC1427 MICROCHIP-TC1427 Datasheet
568Kb / 14P
   1.2A Dual High-Speed MOSFET Drivers
2006
logo
TelCom Semiconductor, I...
TC1427COA TELCOM-TC1427COA Datasheet
81Kb / 6P
   1.2A DUAL HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1427COA MICROCHIP-TC1427COA Datasheet
453Kb / 14P
   1.2A Dual High-Speed MOSFET Drivers
2002
More results

Similar Description - TC1427

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1426 MICROCHIP-TC1426 Datasheet
453Kb / 14P
   1.2A Dual High-Speed MOSFET Drivers
2002
logo
TelCom Semiconductor, I...
TC1426 TELCOM-TC1426 Datasheet
81Kb / 6P
   1.2A DUAL HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1426 MICROCHIP-TC1426_06 Datasheet
568Kb / 14P
   1.2A Dual High-Speed MOSFET Drivers
2006
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34152 ONSEMI-MC34152 Datasheet
151Kb / 12P
   HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
MC34152 ONSEMI-MC34152_14 Datasheet
176Kb / 12P
   High Speed Dual MOSFET Drivers
September, 2014??Rev. 14
logo
Texas Instruments
TPS2811 TI1-TPS2811_15 Datasheet
1Mb / 40P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34151 ONSEMI-MC34151_04 Datasheet
177Kb / 12P
   High Speed Dual MOSFET Drivers
July, 2004 ??Rev. 4
MC34152PG ONSEMI-MC34152PG Datasheet
228Kb / 12P
   High Speed Dual MOSFET Drivers
November, 2011??Rev. 12
MC34151 ONSEMI-MC34151_13 Datasheet
252Kb / 12P
   High Speed Dual MOSFET Drivers
August, 2013 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com