Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1413EUA713 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC1413EUA713
Description  3A High-Speed MOSFET Drivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1413EUA713 Datasheet(HTML) 4 Page - Microchip Technology

  TC1413EUA713 Datasheet HTML 1Page - Microchip Technology TC1413EUA713 Datasheet HTML 2Page - Microchip Technology TC1413EUA713 Datasheet HTML 3Page - Microchip Technology TC1413EUA713 Datasheet HTML 4Page - Microchip Technology TC1413EUA713 Datasheet HTML 5Page - Microchip Technology TC1413EUA713 Datasheet HTML 6Page - Microchip Technology TC1413EUA713 Datasheet HTML 7Page - Microchip Technology TC1413EUA713 Datasheet HTML 8Page - Microchip Technology TC1413EUA713 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TC1413/TC1413N
DS21392D-page 4
 2001-2012 Microchip Technology Inc.
TEMPERATURE CHARACTERISTICS
Delay Time
tD1
—35
45
nsec
TA = +25°C,
—40
50
0°C
T
A+70°C
—40
50
-40°C
T
A+85°C, Figure 4-1
Delay Time
tD2
—35
45
nsec
TA = +25°C
—40
50
0°C
T
A+70°C
—40
50
-40°C
T
A+85°C, Figure 4-1
Power Supply
Power Supply Current
IS
—0.5
1.0
mA
VIN = 3V, VDD = 16V
0.1
0.15
VIN = 0V
Electrical Specifications: Unless otherwise noted, all parameters apply with 4.5V
 V
DD  18V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range (C)
TA
0—
+70
ºC
Specified Temperature Range (E)
TA
-40
+85
ºC
Maximum Junction Temperature
TJ
+150
ºC
Storage Temperature Range
TA
-65
+150
ºC
Package Thermal Resistances
Thermal Resistance, 8L-MSOP
JA
—206
ºC/W
Thermal Resistance, 8L-PDIP
JA
—125
ºC/W
Thermal Resistance, 8L-SOIC
JA
—155
ºC/W
DC ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise noted, over operating temperature range with 4.5V
V
DD16V.
Typical values are measured at TA = +25°C, VDD= 16V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
Switching times ensured by design.


Similar Part No. - TC1413EUA713

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1413EUA713 MICROCHIP-TC1413EUA713 Datasheet
824Kb / 24P
   3A High-Speed MOSFET Drivers
01/27/15
More results

Similar Description - TC1413EUA713

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1413 TELCOM-TC1413 Datasheet
68Kb / 5P
   3A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1413 MICROCHIP-TC1413_15 Datasheet
824Kb / 24P
   3A High-Speed MOSFET Drivers
01/27/15
TC1413 MICROCHIP-TC1413_03 Datasheet
345Kb / 16P
   3A High-Speed MOSFET Drivers
2003
TC1413 MICROCHIP-TC1413 Datasheet
439Kb / 14P
   3A High-Speed MOSFET Drivers
2002
logo
ON Semiconductor
NCP4423 ONSEMI-NCP4423 Datasheet
90Kb / 12P
   3A Dual High-Speed MOSFET Drivers
October, 2000 ??Rev. 1
logo
TelCom Semiconductor, I...
TC4423 TELCOM-TC4423 Datasheet
84Kb / 7P
   3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4425AVOA MICROCHIP-TC4425AVOA Datasheet
697Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC4423 MICROCHIP-TC4423_04 Datasheet
321Kb / 18P
   3A Dual High-Speed Power MOSFET Drivers
2004
TC4423A MICROCHIP-TC4423A Datasheet
771Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
2007
TC4424AVOA713 MICROCHIP-TC4424AVOA713 Datasheet
773Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com