Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1320EOA Datasheet(PDF) 5 Page - Microchip Technology

Part # TC1320EOA
Description  8-Bit Digital-to-Analog Converter with Two-Wire Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1320EOA Datasheet(HTML) 5 Page - Microchip Technology

  TC1320EOA Datasheet HTML 1Page - Microchip Technology TC1320EOA Datasheet HTML 2Page - Microchip Technology TC1320EOA Datasheet HTML 3Page - Microchip Technology TC1320EOA Datasheet HTML 4Page - Microchip Technology TC1320EOA Datasheet HTML 5Page - Microchip Technology TC1320EOA Datasheet HTML 6Page - Microchip Technology TC1320EOA Datasheet HTML 7Page - Microchip Technology TC1320EOA Datasheet HTML 8Page - Microchip Technology TC1320EOA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
 2002-2012 Microchip Technology Inc.
DS21386C-page 5
TC1320
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
Pin Number
Symbol
Type
Description
1VREF
Input
Input. Voltage Reference Input can range from 0V to 1.2V below VDD.
2
SDA
Bi-Directional
Bi-directional. Serial data is transferred on the SMBus in both directions
using this pin.
3
SCL
Input
Input. SMBus serial clock. Clocks data into and out of the TC1320.
4
GND
Power
Ground.
5VOUT
Output
Output. Buffered DAC output voltage. This voltage is a function of the
reference voltage and the contents of the DATA register.
6
NC
None
No connection.
7
DAC-OUT
Output
Output. Unbuffered DAC output voltage. This voltage is a function of the
reference voltage and the contents of the DATA register. This output is
unbuffered and care must be taken that the pin is connected only to a
high-impedance node.
8VDD
Power
Positive power supply input. See electrical specifications.


Similar Part No. - TC1320EOA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1320EOA MICROCHIP-TC1320EOA Datasheet
442Kb / 14P
   8-Bit Digital-to-Analog Converter with Two-Wire Interface
2002
More results

Similar Description - TC1320EOA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1320 MICROCHIP-TC1320 Datasheet
442Kb / 14P
   8-Bit Digital-to-Analog Converter with Two-Wire Interface
2002
TC1321 MICROCHIP-TC1321 Datasheet
446Kb / 16P
   10-Bit Digital-to-Analog Converter with Two-Wire Interface
2002
TC1322 MICROCHIP-TC1322 Datasheet
445Kb / 16P
   12-Bit Digital-to-Analog Converter with Two-Wire Interface
2002
TC1322 MICROCHIP-TC1322_05 Datasheet
316Kb / 16P
   12-Bit Digital-to-Analog Converter with Two-Wire Interface
2005
logo
Burr-Brown (TI)
ADS7830 BURR-BROWN-ADS7830 Datasheet
251Kb / 16P
   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
Texas Instruments
ADS7830 TI1-ADS7830_14 Datasheet
930Kb / 27P
[Old version datasheet]   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
Shenzhen Titan Micro El...
TM7707 TITAN-TM7707 Datasheet
1Mb / 46P
   Two-bIt digital analog converter
logo
Texas Instruments
TL5602 TI1-TL5602_08 Datasheet
106Kb / 6P
[Old version datasheet]   8-BIT DIGITAL-TO-ANALOG CONVERTER
TLC5502-5M TI1-TLC5502-5M Datasheet
92Kb / 11P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTER
logo
Toshiba Semiconductor
TC5093AP TOSHIBA-TC5093AP Datasheet
154Kb / 6P
   8 BIT ANALOG TO DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com