Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FDS9936A Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. FDS9936A
Description  Dual N-Channel Enhancement Mode Field Effect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FDS9936A Datasheet(HTML) 3 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
FDS9936A Rev.B
0
0.5
1
1.5
2
2.5
3
0
4
8
12
16
20
V
, DRAIN-SOURCE VOLTAGE (V)
DS
3.5V
3.0V
4.0V
V
= 10V
GS
5.5V
4.5V
0
5
10
15
20
1
1.5
2
2.5
3
I
, DRAIN CURRENT (A)
V
= 3.5V
GS
D
10V
4.5 V
6.0V
5.0V
4.0 V
Typical Electrical Characteristics
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
-50
-25
0
25
50
75
100
125
150
0.6
0.8
1
1.2
1.4
1.6
1.8
T , JUNCTION TEMPERATURE (°C)
J
V
= 10V
GS
I = 5.5A
D
Figure 3. On-Resistance Variation with
Temperature.
1
2
3
4
5
0
3
6
9
12
15
V
, GATE TO SOURCE VOLTAGE (V)
V
=5.0V
DS
GS
T = -55°C
J
125°C
25°C
Figure 5. Transfer Characteristics.
0
0.2
0.4
0.6
0.8
1
1.2
0.0001
0.001
0.01
0.1
1
10
40
V
, BODY DIODE FORWARD VOLTAGE (V)
25°C
-55°C
V
= 0V
GS
SD
T = 125°C
J
Figure 6 . Body Diode Forward Voltage
Variation with Source Current
and Temperature.
2
4
6
8
10
0
0.05
0.1
0.15
0.2
V
, GATE TO SOURCE VOLTAGE (V)
GS
25°C
I = 3A
D
T = 125°C
J
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn